Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S111-0520XYZ-BB Datasheet(PDF) 7 Page - C&D Technologies

Part # S111-0520XYZ-BB
Description  DC/DC Converter 3.3V input, 0.8 to 2.5V output, 10A; 5V input, 1.0 to 3.3V output, 10A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

S111-0520XYZ-BB Datasheet(HTML) 7 Page - C&D Technologies

  S111-0520XYZ-BB Datasheet HTML 1Page - C&D Technologies S111-0520XYZ-BB Datasheet HTML 2Page - C&D Technologies S111-0520XYZ-BB Datasheet HTML 3Page - C&D Technologies S111-0520XYZ-BB Datasheet HTML 4Page - C&D Technologies S111-0520XYZ-BB Datasheet HTML 5Page - C&D Technologies S111-0520XYZ-BB Datasheet HTML 6Page - C&D Technologies S111-0520XYZ-BB Datasheet HTML 7Page - C&D Technologies S111-0520XYZ-BB Datasheet HTML 8Page - C&D Technologies S111-0520XYZ-BB Datasheet HTML 9Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
DC/DC Converter
Programmable, Single Output, 1.1V - 1.85Vout @ 60A
DC/DC Converter
3.3V input, 0.8 to 2.5V output, 10A; 5V input, 1.0 to 3.3V output, 10A
1150 Eglinton Avenue East
4607 S.E. International Way
Toronto, Ontario M3C 1H7
Milwaukie, Oregon 97222
1-866-740-1232
www.cdtechno-cps.com
1-971-206-2800
S111_084-S111-00_RevG_Jan18-2005.fm
7 of 9
Resistor Trim Equations
N O T E :
For best results, the trim m ing range should not exceed +/-20% of the initial
output voltage set by the factory (V set). T o trim dow n to 0.6V , units w ith an
initial output voltag e of up to 1.2V can be used.
Trimming U P — raising the output voltag e using a resistor from T rim to G round.
3.3V in
5V in
()
Vset
Vout
Rtrim
=
1992
Voutmax = 2.5V
()
()
Vout
Vset
Vout
Vset
Rtrim
+
×
=
1
500
Voutmax = Vset + 1 as Rtrim
approaches 0
Ω.
Trimming D O W N — low ering the output voltag e using a resistor from T rim to an
external voltage reference or to the V out pins.
3.3V in
5V in
()
Vset
Vout
Vref
Rtrim
×
×
=
)
5
4
(
498
Voutmin = 0.5V
()
()
Vout
Vset
Vref
Vout
Vset
Rtrim
+
+
+
×
=
1
500
Voutmin = Vset – (Vref –1) as Rtrim
approaches 0
Ω.
Where:
V out is the desired output voltag e.
Vset is the output voltag e setpoint (output voltag e w ithout trim ).
Vref is the reference voltag e for the trim resistor w hen trim m ing dow n. If using Vout
for this purpose, then Vref = Vout.
Rtrim is the resistance value of the trim resistor (ohm s).


Similar Part No. - S111-0520XYZ-BB

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
S111-X SSOUSA-S111-X Datasheet
229Kb / 5P
   1 Form A Solid State Relay
S111-X SSOUSA-S111-X_15 Datasheet
347Kb / 8P
   Zero-Volt Cross Switching
More results

Similar Description - S111-0520XYZ-BB

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
V7PC-10C BEL-V7PC-10C Datasheet
332Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.5 - 2.5V Output / 10A
VRPB-10C BEL-VRPB-10C Datasheet
229Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 0.9V - 2.5V Output / 10A
VRPC-10C BEL-VRPC-10C Datasheet
259Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.5 - 2.5V Output / 10A
V7PB-10C BEL-V7PB-10C Datasheet
222Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 0.9V - 2.5V Output / 10A
VRPC-10B BEL-VRPC-10B Datasheet
215Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.5 - 3.3V Output / 10A
logo
Power-One
SLD10UDD POWER-ONE-SLD10UDD Datasheet
49Kb / 2P
   SLD10 Series . 10A Non-Isolated DC/DC Converter 5V, 3.3V Input Dual Output
logo
Bel Fuse Inc.
V7PC-10B BEL-V7PC-10B Datasheet
291Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.5 - 3.3V Output / 10A
V7PB-10B BEL-V7PB-10B Datasheet
242Kb / 18P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 10A
VRPB-10B BEL-VRPB-10B Datasheet
248Kb / 18P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 10A
S7AH-10J BEL-S7AH-10J Datasheet
135Kb / 2P
   NON-ISOLATED DC/DC CONVERTERS 2.5V Input / 1.0 - 1.5V Output / 10A
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com