Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S151-0520XYZ-BB Datasheet(PDF) 3 Page - C&D Technologies

Part # S151-0520XYZ-BB
Description  DC/DC Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

S151-0520XYZ-BB Datasheet(HTML) 3 Page - C&D Technologies

  S151-0520XYZ-BB Datasheet HTML 1Page - C&D Technologies S151-0520XYZ-BB Datasheet HTML 2Page - C&D Technologies S151-0520XYZ-BB Datasheet HTML 3Page - C&D Technologies S151-0520XYZ-BB Datasheet HTML 4Page - C&D Technologies S151-0520XYZ-BB Datasheet HTML 5Page - C&D Technologies S151-0520XYZ-BB Datasheet HTML 6Page - C&D Technologies S151-0520XYZ-BB Datasheet HTML 7Page - C&D Technologies S151-0520XYZ-BB Datasheet HTML 8Page - C&D Technologies S151-0520XYZ-BB Datasheet HTML 9Page - C&D Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3.3V input, 0.8 to 2.5V output, 15A
5V input, 1.0 to 3.3V output, 15A
12.0V input, 1.5 to 5.0V output, 15A
DC/DC Converter
Programmable, Single Output, 1.1V - 1.85Vout @ 60A
DC/DC Converter
1150 Eglinton Avenue East
4607 S.E. International Way
Toronto, Ontario M3C 1H7
Milwaukie, Oregon 97222
1-866-740-1232
www.cdtechno-cps.com
1-971-206-2800
S151_084-S151-00_RevH_Jan18-2005.fm
3 of 10
Outline Drawings
Mechanical
Options 2
.03
.03
Mech
Option
#2
(Standard)
.435 MAX
.255 MAX
.110 MAX
2.77 (70.4) MAX
.540 (13.72) MAX
1
2345
1 2
3
5
6
.155 MIN
1.800 (45.72)
.40 (10.2)
.025 X .025
(0.64 X 0.64)
J1
J2
.62 (15.7) MAX
1
2345
1 2
3
Pin Length Option ± .02 (± .5)
1.400 (35.56)
.100 (2.54) TYP
J1
J2
Topside
4
NOTE 3
2.650 (67.35)
.050 (1.27)
* Recommended Customer Hole Size 0.046 ±.003
1. Dimensions are in inches and (millimeters).
2. Tolerances: (unless otherwise noted)
3. Pin is present only if feature is selected.
Inches
.XX ± .020
.XXX ± .010
Millimeters
.X ± 0.5
.XX ± 0.25
Pin:
± .002
± 0.05


Similar Part No. - S151-0520XYZ-BB

ManufacturerPart #DatasheetDescription
logo
Lapp.
S1513 LAPP-S1513 Datasheet
409Kb / 1P
   SKINTOP® SLM/SLRM Strain relief with metric thread
rev. 2 - 9.18.2018
S1516 LAPP-S1516 Datasheet
409Kb / 1P
   SKINTOP® SLM/SLRM Strain relief with metric thread
rev. 2 - 9.18.2018
logo
Renesas Technology Corp
S15167EJ4V0DS00 RENESAS-S15167EJ4V0DS00_15 Datasheet
303Kb / 26P
   5400 PIXELS 횞 3 COLOR CCD LINEAR IMAGE SENSOR
logo
Advanced Technical Mate...
S1517D ATM-S1517D Datasheet
75Kb / 1P
   0.5-18 GHz PIN DIODE SWITCHES
logo
Vishay Siliconix
S151K25X7RN6 VISHAY-S151K25X7RN6 Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
More results

Similar Description - S151-0520XYZ-BB

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com