Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHM-50MC Datasheet(PDF) 3 Page - Murata Power Solutions Inc.

Part # SHM-50MC
Description  Miniature, High-Speed, Complete 짹0.05% Sample Hold Amplifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

SHM-50MC Datasheet(HTML) 3 Page - Murata Power Solutions Inc.

  SHM-50MC Datasheet HTML 1Page - Murata Power Solutions Inc. SHM-50MC Datasheet HTML 2Page - Murata Power Solutions Inc. SHM-50MC Datasheet HTML 3Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MDC_SHM-50.B03 Page 3 of 3
MECHANICAL DIMENSIONS Inches (mm)
Figure 2. Offset and Gain Adjustments
–15V
+15V
HIGH-SPEED
FAST-SETTLING
AMPLIFIER
ANALOG
INPUT
(OFFSET ADJUST)
R1
1k , 0.1%
1k , 0.1%
50
3M
5.11k
R2
(GAIN ADJUST)
TO SHM-50
PIN 3
0.300 MAX.
(7.62)
0.405 MAX.
(10.287)
SHM-50
PIN 1
0.035 ±0.010
(0.89)
0.09
(2.23)
Dimension Tolerances
(unless otherwise indicated):
2 place decimal (.XX) ±0.001 (±0.25)
3 place decimal (.XXX) ±0.005 (±0.127)
0.140 MAX.
(3.556)
0.300 ±0.005
(7.620)
0.054
(1.372)
0.100 TYP.
0.018 ±0.002
(0.457)
0.200 MAX.
(5.08)
0.300 ±0.015
(7.620)
0.010 ±0.002
(0.254)
(2.540)
0.300
(7.62)
SHM-50
0.46
(11.68)
0.14
(3.55)
0.05 (1.27)
0.050
(1.27)
0.400
(10.16)
0.300
(7.62)
0.100 TYP.
(2.54)
0.070 TYP.
(1.78)
0.018 (0.097)
DIP Package
SMT Package
ISO 9001
ISO 9001
REGISTERED
SHM-50
Miniature, High-Speed
, Complete
±0.05% Sample Hold Amplifiers
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
10/14/08
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2008 Murata Power Solutions, Inc.
USA:
Mansfield (MA), Tel: (508) 339 3000, email: sales@murata-ps.com
Canada:
Toronto, Tel: (866) 740 1232, email: toronto@murata-ps.com
UK:
Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com
France:
Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com
Germany:
München, Tel: +49 (0)89-544334-0, email: ped.munich@murata-ps.com
Japan:
Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com
Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com
China:
Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com
Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Singapore: Parkway Centre, Tel: +65 6348 9096, email: singapore@murata-ps.com
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 & ISO 14001 REGISTERED


Similar Part No. - SHM-50MC

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
SHM-50MC DATEL-SHM-50MC Datasheet
103Kb / 1P
   Sample and Hold Amplifiers
SHM-50MC DATEL-SHM-50MC Datasheet
177Kb / 4P
   Miniature, High-Speed, Complete 짹0.05% Sample Hold Amplifi ers
SHM-50MC-C DATEL-SHM-50MC-C Datasheet
103Kb / 1P
   Sample and Hold Amplifiers
SHM-50MC-C DATEL-SHM-50MC-C Datasheet
177Kb / 4P
   Miniature, High-Speed, Complete 짹0.05% Sample Hold Amplifi ers
More results

Similar Description - SHM-50MC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
SHM-49 MURATA-PS-SHM-49 Datasheet
135Kb / 3P
   Miniature, High-Speed, Complete 짹0.05% Sample Hold Amplifiers
logo
DATEL, Inc.
SHM-49 DATEL-SHM-49 Datasheet
174Kb / 3P
   Miniature, High-Speed, Complete 짹0.05% Sample Hold Amplifi ers
SHM-50 DATEL-SHM-50 Datasheet
177Kb / 4P
   Miniature, High-Speed, Complete 짹0.05% Sample Hold Amplifi ers
logo
List of Unclassifed Man...
SHM-49 ETC1-SHM-49 Datasheet
42Kb / 3P
   Miniature, High-Speed -0.01% Sample-Hold Amplifiers
SHM-950 ETC1-SHM-950 Datasheet
60Kb / 3P
   Miniature, High-Speed 짹0.001% Sample-Hold Amplifiers
logo
Sony Corporation
CXA1009 SONY-CXA1009 Datasheet
740Kb / 19P
   HIGH-SPEED SAMPLE AND HOLD AMPLIFIERS
logo
Murata Power Solutions ...
SHM-950 MURATA-PS-SHM-950 Datasheet
140Kb / 3P
   Miniture, High-Speed 짹0.001% Sample-Hold Amplifiers
logo
Analog Devices
AD783 AD-AD783 Datasheet
131Kb / 8P
   Complete Very High Speed Sample-and-Hold Amplifier
REV. A
AD783 AD-AD783_15 Datasheet
703Kb / 9P
   Complete Very High Speed Sample and Hold Amplifier
REV. B
AD783JRZ AD-AD783JRZ Datasheet
610Kb / 8P
   Complete Very High Speed Sample-and-Hold Amplifier
REV. A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com