Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPCI-A-3U-200C Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # CPCI-A-3U-200C
Description  200W 3Ux8HP AC/DC CompactPCI
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CPCI-A-3U-200C Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  CPCI-A-3U-200C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. CPCI-A-3U-200C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. CPCI-A-3U-200C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. CPCI-A-3U-200C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.murata-ps.com
cPCI-A-3U-200C Series
200W 3Ux8HP AC/DC CompactPCI™
cPCI-A-3U-200C.A01 Page 3 of 4
ELECTROMAGNETIC COMPATIBILITY (EMC)
Characteristic
Compliance
Input Current Harmonics
EN61000-3-2
Conducted Emissions
EN55022/CISPR22, Class B, with external TBD line filter
Electrostatic Discharge (ESD)
EN61000-4-2, Level 4, 8kV air
Radiated Immunity
EN61000-4-3, Level 3, 10V/m
Conducted Immunity
EN61000-4-4, Level 3, ±2kV
Line Voltage Surge
EN61000-4-5, Level 3, line-to-line 1kV line to chassis 2kV
Conducted Disturbance
EN61000-4-6, Level 2, 3Vrms
Power Frequency Magnetic Field
EN61000-4-8, 3A/m
Line Voltage Interruptions
EN61000-4-11
SAFETY AGENCY RATINGS
Input Voltage
100-240Vac
Input Current
3.5A
MECHANICAL DIMENSIONS
Overall size: 169.6mm D x 128.6mm H x 40.3mm W (6.68” D x 5.06” H x 1.59” W)
CERTIFICATIONS
Agency/Characteristic PENDING
Standard
UL
UL60950-1
CSA
CSA C22.2-234, Level 3 (per cUL)
CE
EN-60950, Class 1, SELV CE-Mark
RoHS
EN Directive 2002/95/EC; self-certified
169.60
FORCED COOLING AIR
94.00
1.60
6.43
2.50
100.00
128.60
17.63
40.34
CL
3.10
POWER


Similar Part No. - CPCI-A-3U-200C

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
CPCI-150_DD SLPOWER-CPCI-150_DD Datasheet
176Kb / 6P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
CPCI-154-1203 SLPOWER-CPCI-154-1203 Datasheet
176Kb / 6P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
CPCI-154-1203 SLPOWER-CPCI-154-1203 Datasheet
176Kb / 6P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
CPCI-154-1203 SLPOWER-CPCI-154-1203 Datasheet
176Kb / 6P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
CPCI-154-1203 SLPOWER-CPCI-154-1203 Datasheet
176Kb / 6P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
More results

Similar Description - CPCI-A-3U-200C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
TPS_CPCI-A-3U-300C MURATA-TPS_CPCI-A-3U-300C Datasheet
132Kb / 4P
   300W 3Ux8HP AC/DC CompactPCI
TPS_CPCI-D-3U-300C MURATA-TPS_CPCI-D-3U-300C Datasheet
121Kb / 4P
   300W 3Ux8HP DC/DC CompactPCI
TPS_CPCI200A-1 MURATA-TPS_CPCI200A-1 Datasheet
144Kb / 4P
   200W 3Ux4HP AC/DC CompactPCI
TPS_CPCI200D MURATA-TPS_CPCI200D Datasheet
145Kb / 5P
   200W 3Ux4HP DC/DC CompactPCI Power Supply
logo
Tumbler Technologies + ...
TS200 TRUMPOWER-TS200 Datasheet
128Kb / 2P
   200W Compact AC/DC Power Supplies
TWM200 TRUMPOWER-TWM200 Datasheet
85Kb / 1P
   200W Medical Grade AC/DC Power Supplies
logo
Mean Well Enterprises C...
TS-200 MEANWELL-TS-200_10 Datasheet
360Kb / 2P
   200W True Sine Wave DC-AC Power Inverter
logo
Toppower Electronic Tec...
TPCGKF-200-XS TOPPOWER-TPCGKF-200-XS Datasheet
781Kb / 4P
   200W Wide input AC/DC switching power supply
TPCLR-200-XS TOPPOWER-TPCLR-200-XS Datasheet
869Kb / 4P
   200W Wide input AC/DC switching power supply
logo
Powerbox
PBB9C POWERBOX-PBB9C Datasheet
150Kb / 1P
   50-200W SINGLE OUTPUT AC/DC DIN RAIL
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com