Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPCI-A-3U-200C Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # CPCI-A-3U-200C
Description  200W 3Ux8HP AC/DC CompactPCI
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CPCI-A-3U-200C Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  CPCI-A-3U-200C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. CPCI-A-3U-200C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. CPCI-A-3U-200C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. CPCI-A-3U-200C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.murata-ps.com
cPCI-A-3U-200C Series
200W 3Ux8HP AC/DC CompactPCI™
cPCI-A-3U-200C.A01 Page 4 of 4
10/24/08
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2008 Murata Power Solutions, Inc.
USA:
Mansfield (MA), Tel: (508) 339-3000, email: sales@murata-ps.com
Canada:
Toronto, Tel: (866) 740-1232, email: toronto@murata-ps.com
UK:
Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com
France:
Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com
Germany:
München, Tel: +49 (0)89-544334-0, email: munich@murata-ps.com
Japan:
Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com
Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com
China:
Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com
Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Singapore:
Parkway Centre, Tel: +65 6348 9096, email: singapore@murata-ps.com
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 REGISTERED
RoHS COMPLIANCE INFORMATION
This series is compatible with RoHS soldering
systems with a peak wave solder temperature
of 300ºC for 10 seconds. The pin termination
finish on this product series is Tin Plate, Hot
Dipped over Matte Tin with Nickel Preplate.
The series is backward compatible with Sn/Pb
soldering systems.
For further information, please visit www.murata-ps.com/rohs
CONNECTOR
Pin
Pin Type
Signal Name
1-4
Normal
V1
V1 Output
5-12
Normal
RTN
V1 and V2 Return
13-18
Normal
V2
V2 Output
19
Normal
RTN
V3 Return
20
Normal
V3
V3 Output
21
Normal
V4
V4 Output
22
Normal
RTN
Signal Return
23
Normal
RTN
Signal Return
24
Normal
RTN
V4 Return
25
Normal
GA-0
Geographic ADD-0 (option)
26
Normal
Reverse
Reverse
27
Short
EN#
Enable
28
Normal
GA-1
Geographic ADD-1 (option)
29
Normal
NC
Not Connected
30
Normal
V1 Sense
V1 Remote Sense
31
Normal
GA-2
Geographic ADD-2 (option)
32
Normal
NC
Not Connected
33
Normal
V2 Sense
V2 Remote Sense
34
Normal
S RTN
Sense Return
35
Normal
V1 Share
V1 Current Share
36
Normal
NC
Not Connected
37
Normal
IPMB_SCL
System Manager Bus (option)
38
Normal
DEG#
Degrade Signal
39
Normal
INH#
Open – ON Low - OFF
40
Normal
IPMB_SDA
System Manager Bus (option)
41
Normal
V2 Share
V2 Current Share
42
Normal
FAL#
Fail Signal
43
Normal
IPMB_PWR
System Manager (option) – Power
44
Normal
NC
Not Connected
45
Long
Chassis GND
Chassis GND
46
Long
AC Neutral
AC input Neutral
47
Long
AC Line
AC Input Line
ISO9001
CERTIFIED


Similar Part No. - CPCI-A-3U-200C

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
CPCI-150_DD SLPOWER-CPCI-150_DD Datasheet
176Kb / 6P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
CPCI-154-1203 SLPOWER-CPCI-154-1203 Datasheet
176Kb / 6P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
CPCI-154-1203 SLPOWER-CPCI-154-1203 Datasheet
176Kb / 6P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
CPCI-154-1203 SLPOWER-CPCI-154-1203 Datasheet
176Kb / 6P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
CPCI-154-1203 SLPOWER-CPCI-154-1203 Datasheet
176Kb / 6P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
More results

Similar Description - CPCI-A-3U-200C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
TPS_CPCI-A-3U-300C MURATA-TPS_CPCI-A-3U-300C Datasheet
132Kb / 4P
   300W 3Ux8HP AC/DC CompactPCI
TPS_CPCI-D-3U-300C MURATA-TPS_CPCI-D-3U-300C Datasheet
121Kb / 4P
   300W 3Ux8HP DC/DC CompactPCI
TPS_CPCI200A-1 MURATA-TPS_CPCI200A-1 Datasheet
144Kb / 4P
   200W 3Ux4HP AC/DC CompactPCI
TPS_CPCI200D MURATA-TPS_CPCI200D Datasheet
145Kb / 5P
   200W 3Ux4HP DC/DC CompactPCI Power Supply
logo
Tumbler Technologies + ...
TS200 TRUMPOWER-TS200 Datasheet
128Kb / 2P
   200W Compact AC/DC Power Supplies
TWM200 TRUMPOWER-TWM200 Datasheet
85Kb / 1P
   200W Medical Grade AC/DC Power Supplies
logo
Mean Well Enterprises C...
TS-200 MEANWELL-TS-200_10 Datasheet
360Kb / 2P
   200W True Sine Wave DC-AC Power Inverter
logo
Toppower Electronic Tec...
TPCGKF-200-XS TOPPOWER-TPCGKF-200-XS Datasheet
781Kb / 4P
   200W Wide input AC/DC switching power supply
TPCLR-200-XS TOPPOWER-TPCLR-200-XS Datasheet
869Kb / 4P
   200W Wide input AC/DC switching power supply
logo
Powerbox
PBB9C POWERBOX-PBB9C Datasheet
150Kb / 1P
   50-200W SINGLE OUTPUT AC/DC DIN RAIL
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com