Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRH2512H-1005-KB Datasheet(PDF) 1 Page - RCD COMPONENTS INC.

Part # SRH2512H-1005-KB
Description  PRECISION HIGH VOLTAGE/ HIGH VALUE CHIP RESISTORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RCD [RCD COMPONENTS INC.]
Direct Link  http://www.rcdcomponents.com
Logo RCD - RCD COMPONENTS INC.

SRH2512H-1005-KB Datasheet(HTML) 1 Page - RCD COMPONENTS INC.

  SRH2512H-1005-KB Datasheet HTML 1Page - RCD COMPONENTS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Industry’s highest precision hi-voltage SM resistors!
Voltage ratings up to 7KV, resistance values to 1T
Ω (1012Ω)
Tolerances to 0.1%, TC’s to 25ppm/°C, VC’s to 0.5ppm/V
PRECISION HIGH VOLTAGE/ HIGH VALUE CHIP RESISTORS
* Opt.H available in 5% and 10% tolerance ** Expanded resistance range available
PERFORMANCE CHARACTERISTICS 1
D
C
R
e
p
y
T
d
e
t
a
R
r
e
w
o
P
d
e
t
a
R
e
g
a
t
l
o
V
e
g
a
t
l
o
V
'
H
'
n
o
i
t
p
O
*
g
n
i
t
a
R
*
*
e
g
n
a
R
e
c
n
a
t
s
i
s
e
R
%
5
.
0
,
%
5
2
.
0
,
%
1
.
0%
2
,
%
1%
0
1
,
%
5
6
0
2
1
H
R
SW
5
2
.V
0
0
3V
0
0
6M
0
0
1
o
t
K
0
0
1M
0
0
1
o
t
K
0
0
1T
1
o
t
K
0
0
1
2
1
5
2
H
R
SW
1V
0
0
0
1V
0
0
0
2M
0
0
1
o
t
K
0
0
1M
0
0
0
1
o
t
K
0
0
1T
1
o
t
K
0
0
1
S
0
2
0
4
H
R
SW
5
.
1V
0
0
0
4V
0
0
0
6M
0
0
1
o
t
K
0
0
1M
0
0
0
1
o
t
K
0
0
1T
1
o
t
K
0
0
1
0
2
0
5
H
R
SW
2V
0
0
5
2V
0
0
5
3M
0
0
1
o
t
K
0
0
1M
0
0
5
o
t
K
0
0
1M
0
0
0
1
o
t
K
0
0
1
0
2
0
7
H
R
SW
3V
0
0
5
3V
0
0
0
5M
0
0
1
o
t
K
0
0
1M
0
0
5
o
t
K
0
0
1M
0
0
0
1
o
t
K
0
0
1
0
2
0
1
H
R
SW
4V
0
0
0
5V
0
0
0
7M
0
0
1
o
t
K
0
0
1M
0
0
5
o
t
K
0
0
1M
0
0
0
1
o
t
K
0
0
1
e
g
n
a
R
.
p
m
e
T
g
n
i
t
a
r
e
p
OC
°
5
5
1
+
o
t
C
°
5
5
-
y
t
il
i
b
a
p
a
C
e
s
l
u
P%
0
.
1S
u
0
5
x
2
.
1
,
e
g
a
t
l
o
v
d
e
t
a
r
x
2
k
c
o
h
S
l
a
m
r
e
h
T%
5
.
0s
e
l
c
y
c
5
,
s
r
u
o
h
5
.
0
,
C
5
2
1
+
o
t
C
°
5
5
-
e
g
a
r
o
t
S
.
p
m
e
T
w
o
L%
5
.
0C
°
5
5
-
@
s
r
h
4
2
e
r
u
s
o
p
x
E
.
p
m
e
T
h
g
i
H%
5
.
0C
°
5
2
1
+
@
s
r
u
o
h
0
0
1
t
a
e
H
r
e
d
l
o
S
o
t
e
c
n
a
t
s
i
s
e
R%
1
.
0s
d
n
o
c
e
s
3
,
C
°
5
±
0
6
2
e
c
n
a
t
s
i
s
e
R
e
r
u
t
s
i
o
M%
5
.
0s
r
u
o
h
0
0
0
1
H
R
%
5
9
3
0
1
.
M
2
0
2
-
D
T
S
-
l
i
M
)
.
s
r
h
0
0
0
1
(
e
f
i
L
d
a
o
L%
0
.
1W
d
e
t
a
RV
r
o1
.
1
1
.
8
.
4
2
4
3
5
5
-
F
R
P
-
l
i
M
r
e
p
RESISTORS CAPACITORS COILS DELAY LINES
FA097A
Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
L
t
W
T
OPTIONS
Opt. H: increased voltage (5% & 10% tol.)
Mil-spec screening/burn-in, special marking, high pulse,
custom values/ TC/VC, high frequency designs, etc. Customized
resistors have been an RCD specialty for over 30 years!
Opt. V: 250° Operating Temperature
1 Characteristics are typical for resistance range up to 1G
Ω, consult factory concerning higher values
e
g
n
a
R
.
s
e
Rc
i
t
s
i
r
e
t
c
a
r
a
h
C6
0
2
12
1
5
20
2
0
40
2
0
50
2
0
70
2
0
1
M
0
1
Ω o
t
M
0
0
1
p
y
t
,
V
/
m
p
p
C
V0
50
14
3
1
5
.
0
C
°
/
m
p
p
C
T
)
C
T
.
t
p
o
(
0
0
1
)
0
5
,
5
2
(
0
0
1
)
0
5
,
5
2
(
0
0
1
)
0
5
,
5
2
(
0
0
1
)
0
5
,
5
2
(
0
0
1
)
0
5
,
5
2
(
0
0
1
)
0
5
,
5
2
(
o
t
M
0
0
1
>
M
0
0
5
p
y
t
,
V
/
m
p
p
C
V0
0
15
1
752
1
C
°
/
m
p
p
C
T
)
C
T
.
t
p
o
(
0
5
2
)
0
0
1
,
0
5
(
0
0
1
)
0
5
,
5
2
(
0
0
1
)
0
5
,
5
2
(
0
0
1
)
0
5
,
5
2
(
0
0
1
)
0
5
,
5
2
(
0
0
1
)
0
5
,
5
2
(
o
t
M
0
0
5
>
G
1
p
y
t
,
V
/
m
p
p
C
V0
5
20
20
1
732
C
°
/
m
p
p
C
T
)
C
T
.
t
p
o
(
0
5
2
)
0
0
1
(
0
5
2
)
0
0
1
(
0
0
1
)
0
5
,
5
2
(
0
0
1
)
0
5
,
5
2
(
0
0
1
)
0
5
,
5
2
(
0
0
1
)
0
5
,
5
2
(
o
t
G
1
>
G
0
1
p
y
t
,
V
/
m
p
p
C
V0
0
80
80
2
---
C
°
/
m
p
p
C
T
)
C
T
.
t
p
o
(
0
0
0
1
)
0
0
5
(
0
0
5
)
0
5
2
(
0
0
1
)
0
5
(
---
o
t
G
0
1
>
G
0
0
1
p
y
t
,
V
/
m
p
p
C
V0
0
5
10
0
20
8
---
C
°
/
m
p
p
C
T
)
C
T
.
t
p
o
(
0
0
0
2
)
0
0
0
1
(
0
0
5
)
0
5
2
(
0
5
2
)
0
0
1
(
---
o
t
G
0
0
1
>
T
1
p
y
t
,
V
/
m
p
p
C
V0
0
0
40
0
40
0
2
---
C
°
/
m
p
p
C
T
)
C
T
.
t
p
o
(
0
0
0
3
)
a
/
n
(
0
0
0
1
)
0
0
5
(
0
0
5
)
0
5
2
(
---
TC AND VOLTAGE COEFFICIENT CHARACTERISTICS
FEATURES
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
27
P/N DESIGNATION:
Termination: W= Lead-free, Q= Tin/Lead
(leave blank if either is acceptable)
Temp. Coefficient: 25=25ppm, 50=50ppm, 101=100ppm,
201=200ppm (leave blank if standard)
RCD Type
Packaging: B= Bulk, T=T&R (1206-5020 sizes)
SRH2512
- 1006 - F B 101 W
Tolerance: K=10%, J=5%, G=2%, F=1%, D=.5%, C=.25%, B=.1%
Resis. Code
≤≤≤≤≤1%: 3 signif. digits & multiplier,
e.g. 1003=100K, 1004= 1M
Ω, 1005=10MΩ, 1006=100M,
1G00=1G, 10G0=10G, 100G=100G, 1T00=1T
Resis. Code 2%-10%: 2 digits &multiplier, 104=100K, 105=1M,
106=10M
, 107=100M, 1G0=1G, 10G=10G, 100G=100G, 1T0=1T
Options: H=increased voltage, other codes
as assigned by RCD (leave blank if standard)
SRH SERIES
RoHS
Term.W is
RoHS
compliant
& 260°C
compatible
DERATING CURVE
25
35
45
55
65
75
85
95
105
115 125
135 145 155
AMBIENT TEMPERATURE (°C)
100
80
60
40
20
0
e
p
y
T
D
C
R]
5
2
.
[
1
0
.
±
L]
5
3
.
[
4
1
0
.
±
W]
2
.
[
8
0
0
.
±
T]
8
3
.
[
5
1
0
.
±
t
6
0
2
1
H
R
S]
2
.
3
[
6
2
1
.]
5
5
.
1
[
1
6
0
.]
6
.
[
4
2
0
.]
1
5
.
[
0
2
0
.
2
1
5
2
H
R
S]
4
.
6
[
0
5
2
.]
5
3
.
3
[
2
3
1
.]
6
.
[
4
2
0
.]
3
6
.
[
5
2
0
.
S
0
2
0
4
H
R
S]
2
.
0
1
[
0
0
4
.]
1
.
5
[
0
0
2
.]
6
.
[
4
2
0
.]
0
9
.
[
5
3
0
.
0
2
0
5
H
R
S]
7
.
2
1
[
0
0
5
.]
8
0
.
5
[
0
0
2
.]
8
.
[
1
3
0
.]
0
.
2
[
9
7
0
.
0
2
0
7
H
R
S]
8
1
[
0
1
7
.]
8
0
.
5
[
0
0
2
.]
8
.
[
1
3
0
.]
0
.
2
[
9
7
0
.
0
2
0
1
H
R
S]
4
.
5
2
[
0
0
0
.
1]
8
0
.
5
[
0
0
2
.]
8
.
[
1
3
0
.]
0
.
2
[
9
7
0
.
DIMENSIONS
*** Special construction available for 3KV capacitor peak voltage discharge
***


Similar Part No. - SRH2512H-1005-KB

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SRH25F SSDI-SRH25F Datasheet
105Kb / 2P
   1.5 AMP 2,000 - 3,000 VOLTS FAST RECOVERY HIGH VOLTAGE RECTIFIER
SRH25FS SSDI-SRH25FS Datasheet
105Kb / 2P
   1.5 AMP 2,000 - 3,000 VOLTS FAST RECOVERY HIGH VOLTAGE RECTIFIER
SRH25FSMS SSDI-SRH25FSMS Datasheet
105Kb / 2P
   1.5 AMP 2,000 - 3,000 VOLTS FAST RECOVERY HIGH VOLTAGE RECTIFIER
SRH25FSMSS SSDI-SRH25FSMSS Datasheet
105Kb / 2P
   1.5 AMP 2,000 - 3,000 VOLTS FAST RECOVERY HIGH VOLTAGE RECTIFIER
SRH25FSMSTX SSDI-SRH25FSMSTX Datasheet
105Kb / 2P
   1.5 AMP 2,000 - 3,000 VOLTS FAST RECOVERY HIGH VOLTAGE RECTIFIER
More results

Similar Description - SRH2512H-1005-KB

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
CHM0805 RHOPOINT-CHM0805 Datasheet
47Kb / 2P
   Precision High Value Chip Resistors
logo
Welwyn Components Limit...
3810 WELWYN-3810 Datasheet
395Kb / 2P
   Ultra-High Value Precision Resistors
logo
TT Electronics.
3810 TTELEC-3810_17 Datasheet
725Kb / 2P
   Ultra-High Value Precision Resistors
logo
Ohmite Mfg. Co.
HVC1206T1004JET OHMITE-HVC1206T1004JET Datasheet
238Kb / 2P
   Precision High-Value High-voltage Wraparound Chip
HVC OHMITE-HVC Datasheet
330Kb / 2P
   Precision High-Value High-voltage Wraparound Chip
logo
RHOPOINT COMPONENTS
CHS0402 RHOPOINT-CHS0402 Datasheet
47Kb / 2P
   High-Value Chip Resistors
logo
Vishay Siliconix
RMK55N VISHAY-RMK55N_15 Datasheet
88Kb / 4P
   Wirebondable High Precision Single Value Thin Film Chip Resistors
Revision: 26-Mar-13
logo
RCD COMPONENTS INC.
UHV3-1001-KB RCD-UHV3-1001-KB Datasheet
44Kb / 1P
   HIGH VOLTAGE AND HIGH VALUE RESISTORS
RH2P-1001 RCD-RH2P-1001 Datasheet
66Kb / 1P
   HIGH VALUE & HIGH VOLTAGE CYLINDRICAL RESISTORS
logo
American Accurate Compo...
CRH10107KM AAC-CRH10107KM_17 Datasheet
323Kb / 2P
   HIGH RESISTANCE VALUE CHIP RESISTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com