Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPCI200D-4 Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # CPCI200D-4
Description  200W 3Ux4HP DC/DC CompactPCI Power Supply
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CPCI200D-4 Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  CPCI200D-4 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. CPCI200D-4 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. CPCI200D-4 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. CPCI200D-4 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. CPCI200D-4 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
cPCI200D Series
200W 3Ux4HP DC/DC CompactPCI™ Power Supply
cPCI200D Series.B01 Page 4 of 5
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
PACKAGE SPECIFICATIONS (PIN ASSIGMENTS)
Pin #1
Staging2
Signal Name
Description
1-4
M
V1
V1 Output
5-12
M
RTN
V1 and V2 Return
13-18
M
V2
V2 Output
19
M
RTN
V3 Return
20
M
V3
V3 Output
21
M
V4
V4 Output
22
M
RTN
Signal Return
23
M
RESERVED
Reserved
24
M
RTN
V4 Return
25
M
GA0
Geographic Address Bit 0
26
M
RESERVED
Reserved
27
S
EN#
Enable
28
M
GA1
Geographic Address Bit 1
29
M
V1ADJ
V1 Adjust3
30
M
V1 SENSE
V1 Remote Sense
31
M
GA2
Geographic Address Bit 2
32
M
V2ADJ
V2 Adjust3
33
M
V2 SENSE
V2 Remote Sense
34
M
S RTN
Sense Return
35
M
V1 SHARE
V1 Current Share3
36
M
V3 SENSE
V3 Remote Sense
37
M
IPMB SCL
IPMB Serial Clock Line
38
M
DEG#
Degrade Signal
39
M
INH#
Inhibit
40
M
IPMB SDA
IPMB Serial Data Line
41
M
V2 SHARE
V2 Current Share3
42
M
FAL#
Fail Signal
43
M
IPMB PWR
IPMB Power Input
44
M
V3 SHARE
V3 Current Share3
45
L
CGND
Chassis Grnd (Safety Grnd)
46
M
ACN/+DC IN
AC Input Neutral/+DC Input
47
M
ACL/-DC IN
AC Input Line/-DC Input
PIN ASSIGNMENT: Pin assignment consistent with PICMG™ 2.11R1.0
specification. The table below details the PICMG™ assignment.
1. Pin numbers correspond to the female backplane connector.
2. Length Pins; S = Short Length Pins (Last Make, First Break) L = Long Length Pin
(First Make, Last Break); M = Medium.
3. These functions are not used in the cPCI200D Series.


Similar Part No. - CPCI200D-4

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
CPCI200D-4 CANDD-CPCI200D-4 Datasheet
232Kb / 4P
   180/225 wATT, 3U x 4HP CompactPCI
More results

Similar Description - CPCI200D-4

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
TPS_CPCI200A-1 MURATA-TPS_CPCI200A-1 Datasheet
144Kb / 4P
   200W 3Ux4HP AC/DC CompactPCI
TPS_CPCI-A-3U-200C MURATA-TPS_CPCI-A-3U-200C Datasheet
121Kb / 4P
   200W 3Ux8HP AC/DC CompactPCI
TPS_CPCI500DC MURATA-TPS_CPCI500DC Datasheet
159Kb / 4P
   500W 6Ux4HP DC/DC CompactPCI Power Supply
TPS_CPCI350DC MURATA-TPS_CPCI350DC Datasheet
143Kb / 6P
   350W 6Ux8HP DC/DC CompactPCI Power Supply
TPS_CPCI420DC MURATA-TPS_CPCI420DC Datasheet
138Kb / 4P
   420W 6Ux8HP DC/DC CompactPCI Power Supply
logo
Toppower Electronic Tec...
TPCGKF-200-XS TOPPOWER-TPCGKF-200-XS Datasheet
781Kb / 4P
   200W Wide input AC/DC switching power supply
TPCLR-200-XS TOPPOWER-TPCLR-200-XS Datasheet
869Kb / 4P
   200W Wide input AC/DC switching power supply
TPC-200-XS TOPPOWER-TPC-200-XS Datasheet
537Kb / 4P
   200W Wide input AC/DC switching power supply
logo
Advantech Co., Ltd.
MIC-3890 ADVANTECH-MIC-3890 Datasheet
308Kb / 2P
   3U CompactPCI® Serial DC 250W Power Supply Unit
19-Oct-2022
logo
Murata Manufacturing Co...
TPS_CPCI-D-3U-300C MURATA-TPS_CPCI-D-3U-300C Datasheet
121Kb / 4P
   300W 3Ux8HP DC/DC CompactPCI
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com