Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS_CPCI500DC Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # TPS_CPCI500DC
Description  500W 6Ux4HP DC/DC CompactPCI Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

TPS_CPCI500DC Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  TPS_CPCI500DC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. TPS_CPCI500DC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. TPS_CPCI500DC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. TPS_CPCI500DC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TDC_cPCI500 Series.B01 Page 4 of 4
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
cPCI500 Series
500W 6Ux4HP DC/DC CompactPCI™ Power Supply
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2008 Murata Power Solutions, Inc.
USA:
Mansfield (MA), Tel: (508) 339-3000, email: sales@murata-ps.com
Canada:
Toronto, Tel: (866) 740-1232, email: toronto@murata-ps.com
UK:
Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com
France:
Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com
Germany: München, Tel: +49 (0)89-544334-0, email: munich@murata-ps.com
Japan:
Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com
Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com
Website: www.murata-ps.jp
China:
Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com
Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 REGISTERED
SAFETY AGENCY RATINGS
Input Voltage
36-72Vdc
Input Current
25-12.5Adc
Input Power
620W
NOTES:
(1) Pin numbers correspond to the female backplane connector.
(2) L = Long Length Pin (First Make, Last Break); M = Medium
Length Pins; S = Short Length Pins (Last Make, First Break)
MECHANICAL
Shock: MIL-STD-810d, Method 516.3, Procedure 1.
Vibration: MIL-STD-810d, Method 514.3, Procedure 1.
Dimensions: 6U x 4HP x 160mm (see Mechanical above)
EMC & SAFETY
EMI: NEBS Compliant, ETSI Compliant
Safety Agency Ratings
Input Voltage: 48 VDC
Input Current: 15A
Input Power: 620W
Agency Approvals
UL1950/CSA950, EN60950, CE Mark.
(Low Voltage Directive)
CONNECTOR
Pin #1
Staging2
Signal Name
Description
1-4
M
V1
V1 Output
5-12
M
RTN
V1 and V2 Return
13-18
M
V2
V2 Output
19
M
RTN
V3 Return
20
M
V3
V3 Output
21
M
V4
V4 Output
22
M
RTN
Signal Return
23
M
RESERVED
Reserved
24
M
RTN
V4 Return
25
M
GA0
Geographic Address Bit 0
26
M
RESERVED
Reserved
27
S
EN#
Enable
28
M
GA1
Geographic Address Bit 1
29
M
V1ADJ
V1 Adjust
30
M
V1 SENSE
V1 Remote Sense
31
M
GA2
Geographic Address Bit 2
32
M
V2ADJ
V2 Adjust
33
M
V2 SENSE
V2 Remote Sense
34
M
S RTN
Sense Return
35
M
V1 SHARE
V1 Current Share
36
M
V3 SENSE
V3 Remote Sense
37
M
IPMB SCL
IPMB Serial Clock Line
38
M
DEG#
Degrade Signal
39
M
INH#
Inhibit
40
M
IPMB SDA
IPMB Serial Data Line
41
M
V2 SHARE
V2 Current Share
42
M
FAL#
Fail Signal
43
M
IPMB PWR
IPMB Power Input
44
M
V3 SHARE
V3 Current Share
45
L
CGND
Chassis Grnd (Safety Grnd)
46
M
ACN/+DC IN
AC Input Neutral/+DC Input
47
M
ACL/-DC IN
AC Input Line/-DC Input
Complies with IPMI V1.5 Rev 1.1 and IPMB V1.0
Complies to PICMG2.9 (CompactPCI Systems Management
Specification)
8 Analog inputs configured for monitoring voltages and currents on
power supply outputs V1 - V4
Monitors the state of the thermal sensor
Output inhibit control can be overwritten by IPMI commands
Self Test with LED indicator (can be read and overwritten by IPMI
commands)
6 programmable thresholds on each analog sensor
Each threshold on each sensor can be enabled to generate event
messages if that threshold is crossed
Thermal sensor can be enabled to generate event messages
Responds to all mandatory IPMI commands and numerous optional
commands as indicated in the functional specification
Firmware can be upgraded via the IPMB bus
Includes Device SDR’s (Sensor Data Records) - These specify the type
of sensor for each input (voltage, current, temperature, etc.) as well as
the conversion formulas from raw ADC data to voltages, currents, etc.
Includes FRU type information such as Model Number, serial number
and firmware creation date
IPMI/IPMB POWER SUPPLY SATELLITE CONTROLLER FEATURES
PACKAGE SPECIFICATIONS
05/14/08


Similar Part No. - TPS_CPCI500DC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
TPS_CPCI-A-3U-200C MURATA-TPS_CPCI-A-3U-200C Datasheet
121Kb / 4P
   200W 3Ux8HP AC/DC CompactPCI
TPS_CPCI-A-3U-300C MURATA-TPS_CPCI-A-3U-300C Datasheet
132Kb / 4P
   300W 3Ux8HP AC/DC CompactPCI
TPS_CPCI-D-3U-300C MURATA-TPS_CPCI-D-3U-300C Datasheet
121Kb / 4P
   300W 3Ux8HP DC/DC CompactPCI
TPS_CPCI200A-1 MURATA-TPS_CPCI200A-1 Datasheet
144Kb / 4P
   200W 3Ux4HP AC/DC CompactPCI
TPS_CPCI200D MURATA-TPS_CPCI200D Datasheet
145Kb / 5P
   200W 3Ux4HP DC/DC CompactPCI Power Supply
More results

Similar Description - TPS_CPCI500DC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
TPS_CPCI350DC MURATA-TPS_CPCI350DC Datasheet
143Kb / 6P
   350W 6Ux8HP DC/DC CompactPCI Power Supply
TPS_CPCI420DC MURATA-TPS_CPCI420DC Datasheet
138Kb / 4P
   420W 6Ux8HP DC/DC CompactPCI Power Supply
TPS_CPCI200D MURATA-TPS_CPCI200D Datasheet
145Kb / 5P
   200W 3Ux4HP DC/DC CompactPCI Power Supply
logo
List of Unclassifed Man...
EFRD-S2507SH ETC2-EFRD-S2507SH Datasheet
477Kb / 2P
   1U DC To DC 500W Server Power Supply
logo
C&D Technologies
TPS_PX500 CANDD-TPS_PX500 Datasheet
276Kb / 4P
   AC/DC 500W Multiple Output Power Supply
logo
Delta Electronics, Inc.
Q48SC12042 DELTA-Q48SC12042 Datasheet
1Mb / 26P
   500W DC/DC Power Modules
logo
Advantech Co., Ltd.
MIC-3890 ADVANTECH-MIC-3890 Datasheet
308Kb / 2P
   3U CompactPCI® Serial DC 250W Power Supply Unit
19-Oct-2022
logo
DENSEI-LAMBDA
PAF500F48 LAMBDA-PAF500F48 Datasheet
87Kb / 1P
   High Power DC-DC Module 500W ~ 700W?
logo
Murata Manufacturing Co...
TPS_CPCI-D-3U-300C MURATA-TPS_CPCI-D-3U-300C Datasheet
121Kb / 4P
   300W 3Ux8HP DC/DC CompactPCI
logo
DENSEI-LAMBDA
PT500 LAMBDA-PT500 Datasheet
87Kb / 1P
   DC-DC transformer module 500W
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com