Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HB01U Datasheet(PDF) 4 Page - Murata Power Solutions Inc.

Part # HB01U
Description  1 WATT UNREGULATED DC/DC CONVERTERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

HB01U Datasheet(HTML) 4 Page - Murata Power Solutions Inc.

  HB01U Datasheet HTML 1Page - Murata Power Solutions Inc. HB01U Datasheet HTML 2Page - Murata Power Solutions Inc. HB01U Datasheet HTML 3Page - Murata Power Solutions Inc. HB01U Datasheet HTML 4Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
HB01U 12/08 REV D MPS
Page 4
TYPICAL PERFORMANCE CURVES
VOUT VS LOAD
(5Vout Models)
VOUT VS LOAD
(±5Vout Models)
VOUT VS LOAD
(12Vout Models)
VOUT VS LOAD
(±12Vout Models)
VOUT VS LOAD
(15Vout Models)
VOUT VS LOAD
(±15Vout Models)
EFFICIENCY VS LOAD
120
80
150
200
5.3
5.5
5.7
5.9
4.9
5.1
110
30
50
70
12.2
12.3
12.4
12.5
12.6
12.7
120
40
80
100
5.0
5.2
5.4
5.6
5.8
6.0
110
20
30
40
12.0
12.1
12.2
12.3
12.4
12.5
14.9
15.0
15.1
15.2
15.3
15.4
110
20
60
67
1
10
20
30
34
14.9
15.0
15.1
15.2
15.3
15.4
20
60
80
100
30
40
50
60
70
80
Load (mA)
Load (mA)
Load (mA)
Load (mA)
Load (mA)
Load (mA)
Load (mA)
100
60
90
5
40
5
40
The information provided herein is believed to be reliable;
however, Murata Power Solutions assumes no responsibility
for inaccuracies or omissions. Murata Power Solutions as-
sumes no responsibility for the use of this information, and
all use of such information shall be entirely at the user's
own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the
circuits described herein are implied or granted to any third
party. Murata Power Solutions does not authorize or warrant
any Murata Power Solutions product for use in life support
devices/systems or in aircraft control applications.
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2008 Murata Power Solutions, Inc.
USA:
Mansfield (MA), Tel: (508) 339 3000, email: sales@murata-ps.com
Canada:
Toronto, Tel: (866) 740 1232, email: toronto@murata-ps.com
UK:
Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com
France:
Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com
Germany:
München, Tel: +49 (0)89-544334-0, email: ped.munich@murata-ps.com
Japan:
Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com
Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com
China:
Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com
Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Singapore: Parkway Centre, Tel: +65 6348 9096, email: singapore@murata-ps.com
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 & ISO 14001 REGISTERED


Similar Part No. - HB01U

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
HB01U CANDD-HB01U Datasheet
101Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTERS
HB01U05D05 CANDD-HB01U05D05 Datasheet
101Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTERS
HB01U05D12 CANDD-HB01U05D12 Datasheet
101Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTERS
HB01U05D15 CANDD-HB01U05D15 Datasheet
101Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTERS
HB01U05S05 CANDD-HB01U05S05 Datasheet
101Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTERS
More results

Similar Description - HB01U

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
HB01UYC MURATA-PS-HB01UYC Datasheet
115Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTERS
HB01UZC MURATA-PS-HB01UZC Datasheet
118Kb / 4P
   1 Watt Unregulated DC/DC Converters
logo
C&D Technologies
HB01U CANDD-HB01U Datasheet
101Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTERS
PWR12XX CANDD-PWR12XX Datasheet
452Kb / 4P
   3 WATT UNREGULATED DC/DC CONVERTERS
logo
Astrodyne Corporation
DU1P0 ASTRODYNE-DU1P0_16 Datasheet
171Kb / 3P
   Isolated and Unregulated 1 WATT Modular DC/DC Converters
DU1P0 ASTRODYNE-DU1P0 Datasheet
374Kb / 3P
   Isolated and Unregulated 1 WATT Modular DC/DC Converters
logo
Murata Power Solutions ...
HL01U MURATA-PS-HL01U Datasheet
99Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTER
logo
C&D Technologies
HL01U CANDD-HL01U Datasheet
54Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTER
logo
Murata Manufacturing Co...
PWR70C MURATA-PWR70C Datasheet
82Kb / 3P
   3 Watt, High Isolation, Unregulated DC/DC Converters
logo
AIMTEC
AM1D-N AIMTEC-AM1D-N Datasheet
413Kb / 3P
   1 watt dc-dc converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com