Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DNX301-U4C Datasheet(PDF) 4 Page - C&D Technologies

Part # DNX301-U4C
Description  DC/DC Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

DNX301-U4C Datasheet(HTML) 4 Page - C&D Technologies

  DNX301-U4C Datasheet HTML 1Page - C&D Technologies DNX301-U4C Datasheet HTML 2Page - C&D Technologies DNX301-U4C Datasheet HTML 3Page - C&D Technologies DNX301-U4C Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DNX301 4/2002 REV B
Page 4
Mechanical
8.50
0.25
0.55
3.90
9.00
4.85
1.95
0.040
COVER
OUTPUT NO. 1
TB2
J9
5V RETURN
5V
6-32 THD 4 PLC’S
Maximum depth of mounting
scres is 0.156 inches
TB1
NOTES:
All measurements are in inches
FAN MOUNTED ON COVER ADDS 1.30”.
COOLING: The DNX301 is designed to operate with 30 CM airflow.
SHOCK AND VIBRATION: The DNX301 meets the requirements of MIL STD-810D.
WEIGHT: Approximately 3 lbs.
TOP VIEW
Terminal Block 1
Terminal Block 2
POS
FUNCTION
POS
FUNCTION
1
DC +
1
-V2
2
DC -
2
+V2
3
Ground
3
-V3
4
+V3
5-V4
6
+V4
J9 Connector
Molex No. 22-28-1090
PIN
FUNCTION
1
+ Sense
2
- Sense
3N/C
4N/C
5
Start Up Sync.
6N/C
7
Remote Inhibit
8
Current Share
9
Control Signal Rtn
1
1
1


Similar Part No. - DNX301-U4C

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
DNX301-U4C CANDD-DNX301-U4C Datasheet
440Kb / 4P
   300 WATT DC/DC POWER SUPPLY
More results

Similar Description - DNX301-U4C

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
TPS_DNX350 CANDD-TPS_DNX350 Datasheet
131Kb / 4P
   DC/DC Power Supply
logo
Shanghai Leiditech Elec...
AP2305GN LEIDITECH-AP2305GN Datasheet
563Kb / 3P
   Power Supply DC-DC Converters
logo
MORNSUN Science& Techno...
URA2405YMD-6WR3 MORNSUN-URA2405YMD-6WR3_15 Datasheet
1Mb / 6P
   DC/DC Power Supply Module
URA2405YMD-6WR3 MORNSUN-URA2405YMD-6WR3 Datasheet
339Kb / 6P
   DC/DC Power Supply Module
URH2405P-6WR3 MORNSUN-URH2405P-6WR3_15 Datasheet
263Kb / 4P
   DC/DC Power Supply Module
logo
XFMRS Inc.
XFEB321611-102-1A XFMRS-XFEB321611-102-1A Datasheet
74Kb / 2P
   DC POWER SUPPLY
XFEI100505-4N7S XFMRS-XFEI100505-4N7S Datasheet
57Kb / 1P
   DC POWER SUPPLY
XFEB321611-101 XFMRS-XFEB321611-101 Datasheet
26Kb / 1P
   DC POWER SUPPLY
logo
M-System Co.,Ltd.
HDC9 MSYSTEM-HDC9 Datasheet
94Kb / 1P
   DC POWER SUPPLY
logo
Pepperl+Fuchs Inc.
PSU1100-J1-DC-N0 PF-PSU1100-J1-DC-N0 Datasheet
479Kb / 3P
   DC Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com