Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AHC595PWE4 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74AHC595PWE4
Description  8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AHC595PWE4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74AHC595PWE4 Datasheet HTML 3Page - Texas Instruments SN74AHC595PWE4 Datasheet HTML 4Page - Texas Instruments SN74AHC595PWE4 Datasheet HTML 5Page - Texas Instruments SN74AHC595PWE4 Datasheet HTML 6Page - Texas Instruments SN74AHC595PWE4 Datasheet HTML 7Page - Texas Instruments SN74AHC595PWE4 Datasheet HTML 8Page - Texas Instruments SN74AHC595PWE4 Datasheet HTML 9Page - Texas Instruments SN74AHC595PWE4 Datasheet HTML 10Page - Texas Instruments SN74AHC595PWE4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
SN54AHC595, SN74AHC595
8BIT SHIFT REGISTERS
WITH 3STATE OUTPUT REGISTERS
SCLS373I − MAY 1997 − REVISED JUNE 2004
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
TA = 25°C
SN54AHC595
SN74AHC595
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
SRCLK high or low
5
5
5
tw
Pulse duration
RCLK high or low
5
5
5
ns
tw
Pulse duration
SRCLR low
5
5
5
ns
SER before SRCLK
3
3
3
tsu
Setup time
SRCLK
↑ before RCLK↑†
5
5
5
ns
tsu
Setup time
SRCLR low before RCLK
5
5
5
ns
SRCLR high (inactive) before SRCLK
2.5
2.5
2.5
th
Hold time
SER after SRCLK
2
2
2
ns
† This setup time allows the storage register to receive stable data from the shift register. The clocks can be tied together, in which case the shift
register is one clock pulse ahead of the storage register.
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54AHC595
SN74AHC595
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
CL = 15 pF
80*
120*
70*
70
MHz
fmax
CL = 50 pF
55
105
50
50
MHz
tPLH
RCLK
QA−QH
CL = 15 pF
6*
11.9*
1*
13.5*
1
13.5
ns
tPHL
RCLK
QA−QH
CL = 15 pF
6*
11.9*
1*
13.5*
1
13.5
ns
tPLH
SRCLK
QH
CL = 15 pF
6.6*
13*
1*
15*
1
15
ns
tPHL
SRCLK
QH′
CL = 15 pF
6.6*
13*
1*
15*
1
15
ns
tPHL
SRCLR
QH′
CL = 15 pF
6.2*
12.8*
1*
13.7*
1
13.7
ns
tPZH
OE
QA−QH
CL = 15 pF
6*
11.5*
1*
13.5*
1
13.5
ns
tPZL
OE
QA−QH
CL = 15 pF
7.8*
11.5*
1*
13.5*
1
13.5
ns
tPLH
RCLK
QA−QH
CL = 50 pF
7.9
15.4
1
17
1
17
ns
tPHL
RCLK
QA−QH
CL = 50 pF
7.9
15.4
1
17
1
17
ns
tPLH
SRCLK
QH
CL = 50 pF
9.2
16.5
1
18.5
1
18.5
ns
tPHL
SRCLK
QH′
CL = 50 pF
9.2
16.5
1
18.5
1
18.5
ns
tPHL
SRCLR
QH′
CL = 50 pF
9
16.3
1
17.2
1
17.2
ns
tPZH
OE
QA−QH
CL = 50 pF
7.8
15
1
17
1
17
ns
tPZL
OE
QA−QH
CL = 50 pF
9.6
15
1
17
1
17
ns
tPHZ
OE
QA−QH
CL = 50 pF
8.1
15.7
1
16.2
1
16.2
ns
tPLZ
OE
QA−QH
CL = 50 pF
9.3
15.7
1
16.2
1
16.2
ns
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN74AHC595PWE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC595PWE4 TI-SN74AHC595PWE4 Datasheet
588Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
More results

Similar Description - SN74AHC595PWE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHCT595 TI-SN54AHCT595 Datasheet
415Kb / 16P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54LV595A TI-SN54LV595A Datasheet
492Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54HC595 TI-SN54HC595_09 Datasheet
847Kb / 25P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595 TI-SN74HC595_10 Datasheet
809Kb / 26P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595B TI1-SN74HC595B Datasheet
238Kb / 21P
[Old version datasheet]   8-Bit Shift Registers With 3-State Output Registers
SN54HC595 TI-SN54HC595 Datasheet
139Kb / 9P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54AHC595 TI-SN54AHC595_07 Datasheet
588Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54AHC595 TI-SN54AHC595_08 Datasheet
729Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595-EP TI-SN74HC595-EP Datasheet
150Kb / 11P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
CD74HC595 TI-CD74HC595 Datasheet
467Kb / 16P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com