Selected language     English  ▼


SN74AHC595PWE4 Datasheet(PDF) 8 Page - Texas Instruments

Part No. SN74AHC595PWE4
Description  8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

 8 page
background image
SN54AHC595, SN74AHC595
8BIT SHIFT REGISTERS
WITH 3STATE OUTPUT REGISTERS
SCLS373I − MAY 1997 − REVISED JUNE 2004
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54AHC595
SN74AHC595
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
CL = 15 pF
135*
170*
115*
115
MHz
fmax
CL = 50 pF
95
140
85
85
MHz
tPLH
RCLK
QA−QH
CL = 15 pF
4.3*
7.4*
1*
8.5*
1
8.5
ns
tPHL
RCLK
QA−QH
CL = 15 pF
4.3*
7.4*
1*
8.5*
1
8.5
ns
tPLH
SRCLK
QH
CL = 15 pF
4.5*
8.2*
1*
9.4*
1
9.4
ns
tPHL
SRCLK
QH′
CL = 15 pF
4.5*
8.2*
1*
9.4*
1
9.4
ns
tPHL
SRCLR
QH′
CL = 15 pF
4.5*
8*
1*
9.1*
1
9.1
ns
tPZH
OE
QA−QH
CL = 15 pF
4.3*
8.6*
1*
10*
1
10
ns
tPZL
OE
QA−QH
CL = 15 pF
5.4*
8.6*
1*
10*
1
10
ns
tPLH
RCLK
QA−QH
CL = 50 pF
5.6
9.4
1
10.5
1
10.5
ns
tPHL
RCLK
QA−QH
CL = 50 pF
5.6
9.4
1
10.5
1
10.5
ns
tPLH
SRCLK
QH
CL = 50 pF
6.4
10.2
1
11.4
1
11.4
ns
tPHL
SRCLK
QH′
CL = 50 pF
6.4
10.2
1
11.4
1
11.4
ns
tPHL
SRCLR
QH′
CL = 50 pF
6.4
10
1
11.1
1
11.1
ns
tPZH
OE
QA−QH
CL = 50 pF
5.7
10.6
1
12
1
12
ns
tPZL
OE
QA−QH
CL = 50 pF
6.8
10.6
1
12
1
12
ns
tPHZ
OE
QA−QH
CL = 50 pF
3.5
10.3
1
11
1
11
ns
tPLZ
OE
QA−QH
CL = 50 pF
3.4
10.3
1
11
1
11
ns
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load,
f = 1 MHz
25.2
pF
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SN74LS5898-BIT SHIFT REGISTERS WITH INPUT LATCHES AND 3-STATE OUTPUT 1 2 3 4 5 Texas Instruments
SN54LV595A8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS 1 2 3 4 5 MoreTexas Instruments
MM74HC5898-Bit Shift Registers with Input Latches and 3-STATE Serial Output 1 2 3 4 5 MoreFairchild Semiconductor
CD74HC5958-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS 1 2 3 4 5 MoreTexas Instruments
SN54HC5958-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS 1 2 3 4 5 MoreTexas Instruments
SN54AHCT5958-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS 1 2 3 4 5 MoreTexas Instruments
MM54HC5958-Bit Shift Registers with Output Latches 1 2 3 4 5 MoreNational Semiconductor (TI)
SN54HC5948-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS 1 2 3 4 5 MoreTexas Instruments
SN54AHC5948-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS 1 2 3 4 5 MoreTexas Instruments
SN54F2998-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl