Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX350-U4F Datasheet(PDF) 2 Page - C&D Technologies

Part # NX350-U4F
Description  AC/DC Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

NX350-U4F Datasheet(HTML) 2 Page - C&D Technologies

  NX350-U4F Datasheet HTML 1Page - C&D Technologies NX350-U4F Datasheet HTML 2Page - C&D Technologies NX350-U4F Datasheet HTML 3Page - C&D Technologies NX350-U4F Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NX350 3/98 REV B
Page 2
Input Specifications
Parameter
Conditions
Min
Typ
Max
Units
Operating Range
47-63 Hz
90
264
VAC
Inrush Current Limiting
120VAC, cold start
37
APK
240VAC cold start
70
APK
Efficiency
120V, full load
70
%
240V, full load
75
%
Power Factor Correction (PFC)
0.99
Meets IEC 1000-4-7/EN61000-3-2 (formerly IEC 555-2)
Remote Sense
Remote Sense is provided on Output #1 and will
compensate for 0.7V of line drop. Remote Sense leads are
protected against open, short and reversal.
Remote On/Of
The power supply is turned on with a TTL logic ‘1’ (or open)
signal and turned off by a switch closure or TTL logic ‘0’
referenced to (-) sense terminal. Consult the factory for other
options.
Over Voltage Protection
Output #1: 6.5V ± 0.5 VDC.
The power supply will latch off until AC power is cycled.
Over Current Protection
Individual current limit on all outputs. Automatic recovery
upon fault removal.
Transient Response
The peak output voltage excursion will not exceed 2% and
will recover within 1% in 200
μsec for a 25% load step
change.
Output Isolation
All outputs are fully isolated.
Power Fail Signal
Upon AC input voltage removal, the power fail signal drops
to logic zero at least 5msec before loss of DC output. On
AC input turn-on, signal remains low until outputs are in
regulation. Consult the factory for other options.
N+1 Load Share
Output #1 has active load sharing circuitry. Units will load
share within 1.5% of Maximum Rated Load.
OverTemperature Protection
Thermal switch turns off power supply if overheating occurs
and automatically restarts.
Safety
UL Recognized: UL File Number E14675 (1950 & 1012)
CSA Certified:
CSA File Number LR 9070-154C
(C22.2 No. 234-M90, Level 6)
TUV License Number: R9576031 (EN60950) (IEC950)
Cooling
The unit is designed to operate with 30 CFM of airflow.


Similar Part No. - NX350-U4F

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NX350-U4F CANDD-NX350-U4F Datasheet
162Kb / 4P
   350 WATT DC/DC POWER SUPPLY
More results

Similar Description - NX350-U4F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
POWERPLUG24W STMICROELECTRONICS-POWERPLUG24W Datasheet
180Kb / 5P
   AC/DC POWER SUPPLY
logo
CUI INC
PBK-3-B CUI-PBK-3-B_15 Datasheet
732Kb / 9P
   AC-DC POWER SUPPLY
VOF-6 CUI-VOF-6_15 Datasheet
237Kb / 5P
   AC-DC POWER SUPPLY
VSUP-1K2 CUI-VSUP-1K2_12 Datasheet
372Kb / 6P
   AC-DC POWER SUPPLY
PSF-155 CUI-PSF-155 Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
SWI6-E CUI-SWI6-E Datasheet
413Kb / 5P
   AC-DC POWER SUPPLY
EPSA050100UE CUI-EPSA050100UE Datasheet
327Kb / 4P
   AC-DC POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE_12 Datasheet
363Kb / 5P
   AC-DC POWER SUPPLY
VMS-180 CUI-VMS-180 Datasheet
699Kb / 6P
   AC-DC POWER SUPPLY
SDI65-UD CUI-SDI65-UD_16 Datasheet
537Kb / 6P
   AC-DC POWER SUPPLY
SMI36 CUI-SMI36_16 Datasheet
506Kb / 5P
   AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com