Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AHCT174 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AHCT174
Description  HEX D-TYPE FLIP-FLOPS WITH CLEAR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AHCT174 Datasheet(HTML) 1 Page - Texas Instruments

  SN74AHCT174 Datasheet HTML 1Page - Texas Instruments SN74AHCT174 Datasheet HTML 2Page - Texas Instruments SN74AHCT174 Datasheet HTML 3Page - Texas Instruments SN74AHCT174 Datasheet HTML 4Page - Texas Instruments SN74AHCT174 Datasheet HTML 5Page - Texas Instruments SN74AHCT174 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SN54AHCT174, SN74AHCT174
HEX D-TYPE FLIP-FLOPS
WITH CLEAR
SCLS419E – JUNE 1998 – REVISED JANUARY 2000
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D EPIC™ (Enhanced-Performance Implanted
CMOS) Process
D Inputs Are TTL-Voltage Compatible
D Contain Six Flip-Flops With Single-Rail
Outputs
D Applications Include:
– Buffer/Storage Registers
– Shift Registers
– Pattern Generators
D Latch-Up Performance Exceeds 250 mA Per
JESD 17
D ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
D Package Options Include Plastic
Small-Outline (D), Shrink Small-Outline
(DB), Thin Very Small-Outline (DGV), Thin
Shrink Small-Outline (PW), and Ceramic
Flat (W) Packages, Ceramic Chip Carriers
(FK), and Standard Plastic (N) and Ceramic
(J) DIPs
description
These monolithic positive-edge-triggered D-type
flip-flops have a direct clear (CLR) input.
Information at the data (D) inputs meeting the setup time requirements is transferred to the outputs on the
positive-going edge of the clock (CLK) pulse. Clock triggering occurs at a particular voltage level and is not
directly related to the transition time of the positive-going edge of CLK. When CLK is at either the high or low
level, the D input has no effect at the output.
The SN54AHCT174 is characterized for operation over the full military temperature range of –55
°C to 125°C.
The SN74AHCT174 is characterized for operation from –40
°C to 85°C.
FUNCTION TABLE
(each flip-flop)
INPUTS
OUTPUT
CLR
CLK
D
Q
L
X
X
L
H
HH
H
LL
H
L
X
Q0
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SN54AHCT174 ...J OR W PACKAGE
SN74AHCT174 . . . D, DB, DGV, N, OR PW PACKAGE
(TOP VIEW)
32 1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
6D
5D
NC
5Q
4D
1D
2D
NC
2Q
3D
SN54AHCT174 . . . FK PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CLR
1Q
1D
2D
2Q
3D
3Q
GND
VCC
6Q
6D
5D
5Q
4D
4Q
CLK
NC – No internal connection
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.
Copyright
© 2000, Texas Instruments Incorporated
EPIC is a trademark of Texas Instruments Incorporated.


Similar Part No. - SN74AHCT174

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT174 TI1-SN74AHCT174 Datasheet
775Kb / 17P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
SN74AHCT174D TI1-SN74AHCT174D Datasheet
775Kb / 17P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
SN74AHCT174DBR TI1-SN74AHCT174DBR Datasheet
775Kb / 17P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
SN74AHCT174DGVR TI1-SN74AHCT174DGVR Datasheet
775Kb / 17P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
SN74AHCT174DR TI1-SN74AHCT174DR Datasheet
775Kb / 17P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
More results

Similar Description - SN74AHCT174

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV174A TI-SN54LV174A Datasheet
146Kb / 7P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
logo
Hitachi Semiconductor
HD74HC174 HITACHI-HD74HC174 Datasheet
51Kb / 9P
   Hex D-type Flip-Flops (with Clear)
logo
Texas Instruments
SN54AHC174 TI-SN54AHC174_07 Datasheet
584Kb / 18P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHCT174 TI1-SN54AHCT174_15 Datasheet
775Kb / 17P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
logo
Fairchild Semiconductor
MM74HC174 FAIRCHILD-MM74HC174 Datasheet
72Kb / 7P
   Hex D-Type Flip-Flops with Clear
logo
Texas Instruments
SN54LV174 TI-SN54LV174 Datasheet
155Kb / 8P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
SN54HC174 TI-SN54HC174 Datasheet
92Kb / 6P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
CD54ACT174 TI-CD54ACT174 Datasheet
316Kb / 10P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
logo
Renesas Technology Corp
HD74HC174 RENESAS-HD74HC174 Datasheet
100Kb / 8P
   Hex D-type Flip-Flops (with Clear)
logo
Hitachi Semiconductor
HD74LV174A HITACHI-HD74LV174A Datasheet
64Kb / 15P
   Hex D-type Flip-Flops with Clear
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com