Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HL01U05S15 Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # HL01U05S15
Description  1 WATT UNREGULATED DC/DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

HL01U05S15 Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  HL01U05S15 Datasheet HTML 1Page - Murata Power Solutions Inc. HL01U05S15 Datasheet HTML 2Page - Murata Power Solutions Inc. HL01U05S15 Datasheet HTML 3Page - Murata Power Solutions Inc. HL01U05S15 Datasheet HTML 4Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HL01U revE,12/08
Page 2
NOMINAL
RATED
RATED
INPUT CURRENT
INPUT
OUTPUT
OUTPUT
VOLTAGE VOLTAGE
CURRENT
NO LOAD
RATED LOAD
EFFICIENCY
MODEL
(VDC)
(VDC)
(mA)
(mA)
(mA)
(%)
HL01U05S05
5
5
200
30
300
70
HL01U05S12
5
12
83
30
260
74
HL01U05S15
5
15
67
30
260
74
HL01U12S05
12
5
200
25
120
67
HL01U12S12
12
12
83
25
120
70
HL01U12S15
12
15
67
25
120
70
HL01U15S05
15
5
200
20
100
67
HL01U15S12
15
12
83
20
100
70
HL01U15S15
15
15
67
20
100
70
HL01U24S05
24
5
200
15
65
67
HL01U24S12
24
12
83
15
65
70
HL01U24S15
24
15
67
15
65
70
HL01U05D05
5
±5
±100
30
300
70
HL01U05D12
5
±12
±41
30
260
74
HL01U05D15
5
±15
±33
30
260
74
HL01U12D05
12
±5
±100
25
120
67
HL01U12D12
12
±12
±41
25
120
70
HL01U12D15
12
±15
±33
25
120
70
HL01U15D05
15
±5
±100
20
100
67
HL01U15D12
15
±12
±41
20
100
70
HL01U15D15
15
±15
±33
20
100
70
HL01U24D05
24
±5
±100
15
65
67
HL01U24D12
24
±12
±41
15
65
70
HL01U24D15
24
±15
±33
15
65
70
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT
Voltage Range
4.5
5
5.5
VDC
10.8
12
13.2
13.5
15
16.5
22.6
24
26.4
VDC
Reflected Ripple Current
30
100
mAp-p
ISOLATION
Rated Voltage
500
VDC
Test Voltage
60 Hz, 10 Seconds
500
Vpk
Resistance
1
G
Capacitance
25
pF
Leakage Current
V
ISO= 240VAC, 60Hz
2
μArms
OUTPUT
Rated Power
1
W
Voltage Setpoint Accuracy
±3
±5
%
Temperature Coefficent
±0.02
%/°C
Ripple & Noise
BW = DC to 10MHz
50
100
mVp-p
BW =10Hz to 2MHz
10
mVrms
Line Regulation
High Line to Low Line
1
±1.5
%/%
Load Regulation
5 Vout Models
25% Rated Load to Rated Load
±5
±10
%
All Others
10% Rated Load to Rated Load
±3
±10
%
GENERAL
Switching Frequency
125
kHz
Package Weight
12
g
MTTF per MIL-HDBK-217, Rev. F
Circuit Stress Method
Ground Benign
T
A = +25°C
1100
kHr
T
A = +70°C
550
kHr
TEMPERATURE
Specification
-25
+70
°C
Operation
-40
+85
°C
Storage
-40
+110
°C
Specifications typical at T
A = +25°C, nominal input voltage, rated output current unless otherwise specified.
ELECTRICAL SPECIFICATIONS
Specifications typical at T
A = +25°C, nominal input voltage, rated output current unless otherwise specified.
COMMON SPECIFICATIONS


Similar Part No. - HL01U05S15

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
HL01U05S15 CANDD-HL01U05S15 Datasheet
54Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTER
More results

Similar Description - HL01U05S15

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
HL01U CANDD-HL01U Datasheet
54Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTER
PWR60XX CANDD-PWR60XX Datasheet
149Kb / 4P
   1.8 WATT UNREGULATED DC/DC CONVERTER
PWR1546A CANDD-PWR1546A Datasheet
241Kb / 4P
   5 WATT UNREGULATED DC/DC CONVERTER
PWR13XX CANDD-PWR13XX Datasheet
338Kb / 4P
   1.5 WATT UNREGULATED DC/DC CONVERTER
PWR70XX CANDD-PWR70XX Datasheet
121Kb / 4P
   5 WATT UNREGULATED DC/DC CONVERTER
HL02U CANDD-HL02U Datasheet
53Kb / 4P
   2 WATT UNREGULATED DC/DC CONVERTER
PWR1726A CANDD-PWR1726A Datasheet
338Kb / 4P
   1.5 WATT UNREGULATED DC/DC CONVERTER
logo
Murata Power Solutions ...
HB01UYC MURATA-PS-HB01UYC Datasheet
115Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTERS
HB01UZC MURATA-PS-HB01UZC Datasheet
118Kb / 4P
   1 Watt Unregulated DC/DC Converters
logo
C&D Technologies
HB01U CANDD-HB01U Datasheet
101Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com