Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UHV3-1G5-KT Datasheet(PDF) 1 Page - RCD COMPONENTS INC.

Part # UHV3-1G5-KT
Description  HIGH VOLTAGE AND HIGH VALUE RESISTORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RCD [RCD COMPONENTS INC.]
Direct Link  http://www.rcdcomponents.com
Logo RCD - RCD COMPONENTS INC.

UHV3-1G5-KT Datasheet(HTML) 1 Page - RCD COMPONENTS INC.

  UHV3-1G5-KT Datasheet HTML 1Page - RCD COMPONENTS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
World’s highest resistance range!
RCD Type UHV resistors are suited for all high value applications
from general purpose bleed chains to highest reliability X-ray
systems and TWT amplifiers. RCD’s exclusive complex oxide
film features state-of-the-art performance and extended life
stability. The unique molecular structure of the resistive element
offers exceptional insensitivity to high voltage and thermal shock.
The protective insulation provides a high dielectric voltage, and
insulation resistance. Series UHV3 is hermetically sealed in a
glass or ceramic case, minimizing the effects of moisture or
contamination.
Resistance values up to 200T
Ω (2x1014Ω), tolerances to 1%!
Voltage rating to 14KV. Pulse voltage to 50KV avail.
Low noise & voltage coefficient
Industry’s best TCR, as low as ±25ppm/°C
SPECIAL MODIFICATIONS
Screw terminations available
Resistance tolerances to ±0.2%, matching to 0.1%
Voltage or resistance ratios up to 1000 : 1±1.0%
Increased power, voltage, and operating frequency levels
HIGH VOLTAGE AND HIGH VALUE RESISTORS
1) Due to possible surface condensation, high voltages should not
be applied in conditions of high humidity. The end caps of UHV1&2
are uninsulated and need to be mounted an adequate distance
from conductors to ensure adequate isolation voltage.
2) Type UHV3 is coated with silicone to reduce condensation on the
glass case and minimize shunt resistance. The coating must not be
damaged or subjected to solvents; handle by terminations. UHV3
>100G are supplied with a guard band to minimize leakage current.
3) Resistance measurements on values over 1 Meg are made at 100V.
4) Resistors are available with screw terminations & tapped end caps to
provide virtually any voltage or resistance value by combining in series.
UHV SERIES
RESISTANCE CODE
APPLICATION NOTES
e
u
l
a
V
e
c
n
a
t
s
i
s
e
R
c
i
f
i
t
n
e
i
c
S
n
o
i
t
a
t
o
N
e
d
o
C
.
s
i
s
e
R
%
0
1
-
%
2
%
1
K
1
0
1
x
1
3
2
0
1
1
0
0
1
M
1
0
1
x
1
6
5
0
1
4
0
0
1
M
0
1
0
1
x
1
7
6
0
1
5
0
0
1
M
0
0
1
0
1
x
1
8
7
0
1
6
0
0
1
G
1
0
1
x
1
9
0
G
1
0
0
G
1
G
0
1
0
1
x
1
0
1
G
0
1
0
G
0
1
G
0
0
1
0
1
x
1
1
1
G
0
0
1
G
0
0
1
T
1
0
1
x
1
2
1
0
T
1
0
0
T
1
T
0
1
0
1
x
1
3
1
T
0
1
0
T
0
1
T
0
0
1
0
1
x
1
4
1
T
0
0
1
T
0
0
1
D
C
R
E
P
Y
T
We
g
a
t
t
a
C
°
5
2
@
Wg
n
i
k
r
o
*
e
g
a
t
l
o
V
R
C
T
.
l
i
a
v
A
)
C
°
/
m
p
p
(
*
*
E
G
N
A
R
E
C
N
A
T
S
I
S
E
R
%
1%
2%
0
1
,
%
5
1
V
H
UW
0
.
1V
0
0
0
4
5
2M
0
0
1
o
t
K
1M
0
0
1
o
t
K
1M
0
0
1
o
t
K
1
0
50
0
1
M
0
0
1
o
t0
0
1
M
0
0
1
o
t0
0
1
M
0
0
1
o
t
0
0
10
1
G
1
o
t5
G
1
o
t5
G
1
o
t
0
5
2G
0
1
o
t
G
1
.
1G
0
1
o
t
G
1
.
1G
0
1
o
t
G
1
.
1
0
0
0
2
-G
0
1
o
t
M
2G
0
5
o
t
M
2G
0
0
1
o
t
M
2
2
V
H
UW
0
.
2V
0
0
0
,
4
1
5
2M
0
0
1
o
t
K
1M
0
0
1
o
t
K
1M
0
0
1
o
t
K
1
0
50
0
1
M
0
0
1
o
t0
0
1
M
0
0
1
o
t0
0
1
M
0
0
1
o
t
0
0
1G
1
o
t
K
0
0
1G
1
o
t
K
0
0
1G
1
o
t
K
0
0
1
0
5
2G
0
5
o
t
G
1
.
1G
0
5
o
t
G
1
.
1G
0
5
o
t
G
1
.
1
0
0
0
2
-G
0
5
o
t
M
2G
0
0
1
o
t
M
2G
0
5
1
o
t
M
2
3
V
H
UW
0
.
1V
0
0
0
1
0
0
0
2
-G
1
o
t
M
0
0
1G
1
o
t
M
0
0
1G
1
o
t
M
0
0
1
0
0
5
2
-T
1
o
t
G
1T
1
o
t
G
1T
1
o
t
G
1
0
0
5
3
-T
5
o
t
T
1T
0
1
o
t
T
1T
0
0
2
o
t
T
1
e
p
y
T
D
C
R)
.
x
a
M
(
LD
1
V
H
U]
0
.
8
2
[
2
0
1
.
1]
1
±
0
.
8
[
0
4
0
.
±
5
1
3
.
2
V
H
U]
6
.
7
4
[
5
7
8
.
1]
1
±
0
.
8
[
0
4
0
.
±
5
1
3
.
3
V
H
U]
8
.
0
5
[
0
0
.
2.
x
a
M
]
7
.
6
[
4
6
2
.
RESISTORS CAPACITORS COILS DELAY LINES
PERFORMANCE CHARACTERISTICS 1
1 Characteristics are typical for resistance range up to 1G
Ω , consult factory concerning higher values
2 Measured between 100V and 500V on values above 100M (tighter VC’s available)
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
C
°
0
5
1
+
o
t
C
°
5
5
-
=
2
&
1
V
H
U
C
°
0
0
1
+
o
t
C
°
0
4
-
=
3
V
H
U
t
n
e
i
c
i
f
f
e
o
C
e
g
a
t
l
o
V
2
2
V
H
U
&
1
V
H
U
.
p
y
t
m
p
p
0
2
-
1
3
V
H
U
m
p
p
0
8
o
t
0
1
)
V
0
0
5
(
e
c
n
a
t
s
i
s
e
R
n
o
i
t
a
l
u
s
n
I0
1 3
1
)
.
p
y
t
,
s
r
u
o
h
0
0
0
1
(
e
f
i
L
d
a
o
L%
5
.
0
)
.
p
y
t
,
s
h
t
n
o
m
2
1
(
e
f
i
L
f
l
e
h
S%
5
.
0
)
.
p
y
t
,
e
d
a
c
e
d
.
q
e
r
f
r
e
p
(
e
s
i
o
N0
.
2
µ V
/
V
* Maximum DC or ACRMS working voltage determined by E = PR below the critical resistance value. Voltage rating is doubled in warm oil. Increased voltage ratings available. **increased range available.
AMBIENT TEMPERATURE (°C)
DERATING
100
80
60
40
20
0
20
40
60
80
100
120
140
UHV1 & 2
UHV3
FA061B Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
72
D
.041 [1.04] Max.
L
→|
|
1.25 [32] Min.*→|
→|
→|
→|
→|
*UHV3=1 [25.4] Min.
RoHS
Term.W is
RoHS
compliant
& 260°C
compatible
P/N DESIGNATION:
RCD Type
UHV3
- 1T50 - F B 101 W
Tolerance Code: K=10%, J=5%, G=2%, F=1%
Packaging: B =Bulk, T= Tape & Reel
Temp. Coefficient (PPM/°C): 25=25ppm, 50=50ppm, 101=100ppm,
102=1000ppm, 202=2000ppm, 252=2500ppm, 352=3500ppm
Option Codes assigned by RCD (leave blank if std)
Resis. Code 1% Tol: 3 signif. figures & multiplier (1001=1K
Ω,
1004= 1M
Ω, 1006=100MΩ, 1G00= 1GΩ,1T50 =1.5T, etc.)
Resis. Code 2% - 10%: 2 signif. figures & multiplier (105= 1M
Ω,
107=100M
, 1G5= 1.5GΩ, 15T=15TΩ). Refer to Resis. Code table
Termination: W= Lead-free, Q= Tin/Lead (leave blank if either is acceptable)


Similar Part No. - UHV3-1G5-KT

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
UHV3512 SEI-UHV3512 Datasheet
519Kb / 5P
   Ultra-High Voltage Chip Resistor
11/18/2020
More results

Similar Description - UHV3-1G5-KT

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
RH2P-1001 RCD-RH2P-1001 Datasheet
66Kb / 1P
   HIGH VALUE & HIGH VOLTAGE CYLINDRICAL RESISTORS
SRH2512H-1003-KB RCD-SRH2512H-1003-KB Datasheet
56Kb / 1P
   PRECISION HIGH VOLTAGE/ HIGH VALUE CHIP RESISTORS
logo
American Accurate Compo...
RHAL100GFP AAC-RHAL100GFP Datasheet
100Kb / 1P
   Ultra High Value Resistors
logo
Tyco Electronics
RH73 MACOM-RH73 Datasheet
82Kb / 2P
   SMD High Value Resistors
logo
RHOPOINT COMPONENTS
CHS0402 RHOPOINT-CHS0402 Datasheet
47Kb / 2P
   High-Value Chip Resistors
logo
Welwyn Components Limit...
3810 WELWYN-3810 Datasheet
395Kb / 2P
   Ultra-High Value Precision Resistors
logo
List of Unclassifed Man...
HR ETC1-HR Datasheet
280Kb / 2P
   HIGH VALUE SURFACE MOUNTED RESISTORS
logo
RHOPOINT COMPONENTS
CHM0805 RHOPOINT-CHM0805 Datasheet
47Kb / 2P
   Precision High Value Chip Resistors
logo
American Accurate Compo...
CRH10107KM AAC-CRH10107KM_17 Datasheet
323Kb / 2P
   HIGH RESISTANCE VALUE CHIP RESISTORS
logo
TT Electronics.
GC55 TTELEC-GC55 Datasheet
360Kb / 2P
   High Value Thick Film Resistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com