Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCH_SERIES Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # UCH_SERIES
Description  1.8−15V Output DC/DC Converters
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

UCH_SERIES Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  UCH_SERIES Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. UCH_SERIES Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. UCH_SERIES Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. UCH_SERIES Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. UCH_SERIES Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. UCH_SERIES Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. UCH_SERIES Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. UCH_SERIES Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. UCH_SERIES Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
UCH-1.8/40-D48 UCH-2.5/40-D48 UCH-3.3/10-D24 UCH-3.3/10-D48 UCH-3.3/15-D48 UCH-3.3/35-D24 UCH-3.3/30-D48
Input
Input voltage range
See ordering guide
Start-up threshold, Volts
34
34
16
34
34
16
34
Undervoltage
shutdown, V
32
31
15
31
31
15
31
Overvoltage shutdown
none
Reflected (back) ripple cur-
rent, mA pk-pk
10
20
10
15
15
15
10
Input Current
Full load conditions
See ordering guide.
Inrush transient, A2sec
0.05
Output short circuit, mA
50
No load, mA
50
100
Low line (VIN = min.), Amps
2.30
1.54
2.06
1.03
1.54
7.21
3.09
Standby mode, mA
(Off, UV, OT shutdown)
210
8
Internal input filter type
Pi
L-C
External recommended fuse,
Amps
10
3
5
3
3
12.5
7.5
Reverse polarity
protection
See notes.
Remote On/Off Control
Positive logic
(P model suffix)
OFF = Ground pin to +1V max.
ON = Open or +3.5 to +13.5V max
Negative logic
(N model suffix)
OFF = Open or +2.5V to +15V max.
ON = –0.1V to +0.8V max
Current, mA
1
Output
Voltage output range
See ordering guide.
Voltage output accuracy
±1% of VNOM (50% load)
Adjustment range
–10 to +10% of VNOM.
Temperature coefficient
over oper. temp. range
±0.02% of VOUT range per °C
Minimum loading
No minimum loading.
Remote sense
compensation
+10%.
Ripple/noise
(20 MHz bandwidth)
See ordering guide.
Line/Load regulation
See ordering guide.
Efficiency
See ordering guide.
Maximum capacitive loading,
Low ESR <0.02Ω max.,
resistive load, μF
10,000 max.
Performance Specifications and Ordering Guide
17
MDC_UCH Models.A15 Page 4 of 18
Single Output UCH Models
Isolated, “Half-Brick”
1.8−15V Output DC/DC Converters
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com


Similar Part No. - UCH_SERIES

ManufacturerPart #DatasheetDescription
logo
Ultralife Corporation.
UCH-X5 ULTRALIFE-UCH-X5 Datasheet
227Kb / 1P
   Easy to clean surfaces for medical environment
Rev: -
UCH0036 ULTRALIFE-UCH0036 Datasheet
548Kb / 1P
   Convenient wall socket single unit charger
Rev A
UCH0036-I ULTRALIFE-UCH0036-I Datasheet
548Kb / 1P
   Convenient wall socket single unit charger
Rev A
UCH0036-S ULTRALIFE-UCH0036-S Datasheet
548Kb / 1P
   Convenient wall socket single unit charger
Rev A
UCH0037 ULTRALIFE-UCH0037 Datasheet
551Kb / 1P
   LED status indicator
Rev A
More results

Similar Description - UCH_SERIES

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2VP5U9 ETC1-2VP5U9 Datasheet
481Kb / 6P
   DC/DC CONVERTERS - 9V OUTPUT
logo
SL Power Electronics
DH1-15 SLPOWER-DH1-15 Datasheet
213Kb / 2P
   15W SINGLE OUTPUT DC-DC CONVERTERS
logo
Torex Semiconductor
XC9307 TOREX-XC9307 Datasheet
846Kb / 22P
   Negative Output Voltage DC/DC Converters
logo
C&D Technologies
NMT CANDD-NMT Datasheet
143Kb / 2P
   Triple Output 3W DC-DC Converters
logo
Murata Manufacturing Co...
TWR30W MURATA-TWR30W Datasheet
175Kb / 5P
   30W, Triple Output DC/DC Converters
logo
Artesyn Technologies
DDR12 ARTESYN-DDR12 Datasheet
310Kb / 11P
   Tracking Dual Output DC-DC Converters
logo
Murata Manufacturing Co...
KDC_NMT MURATA-KDC_NMT Datasheet
153Kb / 4P
   Triple Output 3W DC/DC Converters
logo
Microdc power Technolog...
B-XD-2W MICRODC-B-XD-2W Datasheet
1Mb / 5P
   Isolated 2WSingle Output DC/DC Converters
logo
CINCON ELECTRONICS Corp...
EC1SAN CINCON-EC1SAN Datasheet
250Kb / 2P
   1WATT, UNREGULATED OUTPUT DC-DC CONVERTERS
EC2SAN CINCON-EC2SAN Datasheet
180Kb / 2P
   2WATT, UNREGULATED OUTPUT DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com