Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UQQ7-15A Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # UQQ7-15A
Description  Wide Input Range Single Output DC/DC Converters
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

UQQ7-15A Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  UQQ7-15A Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. UQQ7-15A Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. UQQ7-15A Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. UQQ7-15A Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. UQQ7-15A Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. UQQ7-15A Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. UQQ7-15A Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. UQQ7-15A Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. UQQ7-15A Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
UQQ Series
Wide Input Range Single Output DC/DC Converters
MDC_UQQ.A10 Page 4 of 17
UQQ-3.3/25-Q12
UQQ-3.3/25-Q48
UQQ-5/17-Q12
UQQ-5/20-Q48
UQQ-12/8-Q12
INPUT
Input Voltage Range
See ordering guide
Start-up Threshold
9.0 Volts
17.50 Volts
9.0 Volts
17.5 Volts
9.0 Volts
Undervoltage Shutdown
8.0 Volts
16.75 Volts
8.0 Volts
15.75 Volts (IOUT = ØA)
8.0 Volts
Overvoltage Shutdown
37.5 Volts
None
37.5 Volts
None
37.5 Volts
Reflected (back) ripple current (2)
25mAp-p
15mAp-p
75mAp-p
80mAp-p
75mAp-p
Input Current
Full load conditions
See ordering guide
Inrush transient
0.1A2sec
Output short circuit
250mA
100mA
100mA
50mA
250mA
No load
150mA
80mA
150mA
65mA
180mA
Low line (VIN = min.)
10.4 Amps
5.18 Amps
10.44 Amps
6.24 Amps
12.12 Amps
Standby mode
(Off, UV, OT shutdown)
8mA
2mA
8mA
5mA
5mA
Internal Input Filter Type
LC
Pi-type
L-C
L-C
L-C
Reverse Polarity Protection
Yes (15)
NA
Yes (15)
Yes (15)
Yes (15)
Remote On/Off Control (5)
Positive logic (“P” suffix)
OFF = Ground pin to +0.8V max. ON = open or +3.5-15V max.
Negative logic (“N” suffix)
OFF = open or +5 to +VIN max. ON = Ground pin to +0.8V max. (16)
On/Off Current
1 mA
1 mA
1 mA
1mA
1 mA
OUTPUT
Voltage Output Range
See ordering guide
Voltage Output Accuracy
(50% load)
±1% of VNOM
Adjustment Range
±10% of VNOM
±10% of VNOM
–20 to +10% of VNOM
–20 to +10% of VNOM
–20 to +10% of VNOM
Temperature Coefficient
±0.02% of
VOUT range/°C
Minimum Loading
No minimum load
Remote Sense Compensation
+10%
Ripple/noise (20MHz bandwidth)
See ordering guide
Line/Load Regulation
Efficiency
Maximum Capacitive Loading
Low ESR <0.02
Ω max., resistive load
10,000μF
4700μF
10,000μF
10,000μF
4700μF
Isolation Voltage
Input to Output
2000 VDC min.
2250 VDC min.
2000 VDC min.
2250 VDC min.
2250 VDC min.
Input fo baseplate
1500 VDC min.
1500 VDC min.
1500 VDC min.
1500 VDC min.
1500 VDC min.
Baseplate to output
1500 VDC min.
500 VDC min.
750 VDC min.
1500 VDC min.
750 VDC min.
Isolation resistance
100M
Ω
100M
Ω
100M
Ω
100M
Ω
100M
Ω
Isolation capacitance
1500 pF
1000 pF
1000 pF
1500pF
1000 pF
Isolation safety rating
Basic insulation
Current limit inception
(98% of VOUT
, after warmup)
30 Amps
29 Amps
20.5 Amps
27 Amps
9.5 Amps
Short Circuit Protection Method
Current limiting, hiccup autorestart. Remove overload for recovery.
Short Circuit Current
5 Amps
5 Amps
3 Amps
0.5 Amps
0.5 Amps
Short Circuit Duration
Continuous, output shorted to ground (no damage)
Overvoltage Protection
via magnetic feedback
4 Volts
3.96 Volts max.
6 Volts
6 Volts
14.4 Volts
Performance and Functional Specifications


Similar Part No. - UQQ7-15A

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
UQQ MURATA-PS-UQQ Datasheet
1Mb / 19P
   Wide Input Range Single Output DC-DC Converters
2023
logo
Murata Manufacturing Co...
UQQ-12 MURATA-UQQ-12 Datasheet
559Kb / 18P
   Wide Input Range Single Output DC-DC Converters
logo
Murata Power Solutions ...
UQQ-12/8-Q12X-C MURATA-PS-UQQ-12/8-Q12X-C Datasheet
1Mb / 19P
   Wide Input Range Single Output DC-DC Converters
2023
UQQ-12/8-Q48X-C MURATA-PS-UQQ-12/8-Q48X-C Datasheet
1Mb / 19P
   Wide Input Range Single Output DC-DC Converters
2023
logo
Murata Manufacturing Co...
UQQ-128-Q12P-C MURATA-UQQ-128-Q12P-C Datasheet
559Kb / 18P
   Wide Input Range Single Output DC-DC Converters
More results

Similar Description - UQQ7-15A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
UQQ-12 MURATA-UQQ-12 Datasheet
559Kb / 18P
   Wide Input Range Single Output DC-DC Converters
logo
MicroPower Direct, LLC
A300RW MPD-A300RW Datasheet
166Kb / 2P
   Wide Input Range, 3W Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MKW1000 MINMAX-MKW1000 Datasheet
250Kb / 8P
   10W, Wide Input Range, Single & Dual Output DC/DC Converters
MKW5000 MINMAX-MKW5000 Datasheet
219Kb / 8P
   25-30W, Wide Input Range, Single Output DC/DC Converters
logo
MicroPower Direct, LLC
A500RW MPD-A500RW Datasheet
164Kb / 2P
   Wide Input Range, 5W Single & Dual Output DC/DC Converters
logo
Total Power Internation...
MKW3000 TOTAL-POWER-MKW3000 Datasheet
230Kb / 8P
   20W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MKW2500 MINMAX-MKW2500 Datasheet
240Kb / 8P
   15W, Wide Input Range, Single & Dual Output DC/DC Converters
MPW2100 MINMAX-MPW2100 Datasheet
179Kb / 8P
   20W, Wide Input Range, Single & Dual Output DC/DC Converters
MKW3000 MINMAX-MKW3000 Datasheet
230Kb / 8P
   20W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
A400RU MPD-A400RU Datasheet
175Kb / 2P
   Single & Dual Output, 4W Ultra-Wide Input Range DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com