Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRE20-106 Datasheet(PDF) 1 Page - RCD COMPONENTS INC.

Part # TRE20-106
Description  RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RCD [RCD COMPONENTS INC.]
Direct Link  http://www.rcdcomponents.com
Logo RCD - RCD COMPONENTS INC.

TRE20-106 Datasheet(HTML) 1 Page - RCD COMPONENTS INC.

  TRE20-106 Datasheet HTML 1Page - RCD COMPONENTS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RADIAL LEAD TANGOLDTM CAPACITORS
EPOXY RESIN COATED, TANTALUM
TR SERIES
Epoxy resin dipped, UL94V-0 Flame Retardant
Low leakage current and impedance
Excellent humidity and heat resistance
Laser marked capacitor body
Several lead-wire forms available
DIMENSIONS
S
E
Z
I
S
E
S
A
C
D
N
A
E
C
N
A
T
I
C
A
P
A
C
L
A
N
I
M
O
N
,
E
G
A
T
L
O
V
D
E
T
A
R
C
D
d
e
t
a
R
)
C
°
5
8
(
e
g
a
t
l
o
V
34
3
.
60
16
10
25
25
30
5
C
D
d
e
t
a
R
)
C
°
5
2
1
(
e
g
a
t
l
o
V
25
.
24
3
.
60
13
16
10
22
3
e
m
i
t
-
t
r
o
h
S
d
a
o
l
r
e
v
O
)
c
e
S
0
3
(
e
g
a
t
l
o
V
42
.
58
3
10
26
23
36
45
6
)
F
µ
(
e
c
n
a
t
i
c
a
p
a
C
e
d
o
Ce
d
o
C
e
s
a
C
7
4
0
.
03
7
4A
A
8
6
0
.
03
8
6A
A
1
.
04
0
1A
A
5
1
.
04
5
1A
A
2
2
.
04
2
2A
A
3
3
.
04
3
3A
A
7
4
.
04
7
4A
A
8
6
.
04
8
6A
A
0
.
15
0
1A
A
A
A
B
5
.
15
5
1A
A
A
A
C
2
.
25
2
2A
A
A
A
B
C
3
.
35
3
3A
A
A
B
B
B
D
7
.
45
7
4A
A
A
A
B
B
B
C
D
8
.
65
8
6A
A
A
B
B
C
C
D
D
0
16
0
1A
A
B
B
B
C
C
D
E
5
16
5
1A
A
B
C
C
D
D
E
F
2
26
2
2
B
BC
CC
D
D
E
F
3
36
3
3
B
BC
DD
E
E
F
7
46
7
4C
C
D
D
D
E
E
F
8
66
8
6D
D
D
D
E
F
F
0
0
17
0
1D
D
E
E
E
F
F
0
5
17
5
1D
E
E
E
F
0
2
27
2
2E
E
E
F
0
3
37
3
3E
F
F
0
7
47
7
4F
0
8
67
8
6F
E
C
N
A
T
I
C
A
P
A
C
∆∆∆∆∆
T
I
M
I
L
L
A
I
T
I
N
I
M
O
R
F
C
R
O
T
C
A
F
N
O
I
T
A
P
I
S
S
I
D
)
z
H
0
2
1
,
C
°
5
2
(
)
F
µ
(
C
°
5
5
-C
°
5
8
+C
°
5
2
1
+C
°
5
5
-C
°
5
2
+C
°
5
8
+C
°
5
2
1
+
0
.
1
<
%
0
1
±%
5
1
±%
5
2
±
%
6%
4%
6%
6
8
6
o
t
5
.
1%
0
1%
6%
0
1%
0
1
0
8
6
o
t
0
0
1%
2
1%
8%
2
1%
2
1
SPECIFICATIONS
e
z
i
S
e
s
a
C)
x
a
M
(
D)
x
a
M
(
H]
5
0
.
[
2
0
0
.
±
d
A]
5
.
4
[
7
7
1
.]
1
.
7
[
8
2
.
0]
0
5
.
0
[
0
2
0
.
B]
0
.
5
[
6
9
1
.]
0
.
8
[
5
1
3
.]
0
5
.
0
[
0
2
0
.
C]
5
.
5
[
7
1
2
.]
5
.
9
[
5
7
3
.]
0
5
.
0
[
0
2
0
.
D]
5
.
6
[
6
5
2
.]
0
.
1
1
[
3
3
4
.]
0
5
.
0
[
0
2
0
.
E]
5
.
8
[
5
3
3
.]
0
.
3
1
[
2
1
5
.]
0
5
.
0
[
0
2
0
.
F]
5
.
9
[
5
7
3
.]
5
.
6
1
[
0
5
6
.]
0
5
.
0
[
0
2
0
.
.10 [2.5] max
D
.250±.02
[6.35±.5]
.150 [3.8]
min
d
H
+
OPTIONAL LEAD STYLES (additional styles available)
Style 25 (.250” lead spacing)
Style 10K (.100” LS with kink)
STANDARD LEAD STYLES
Style 10 (.100” lead spacing)
Style 20 (.200” lead spacing)
+
D
.63 ±.16
[16±4]
d
.08 [2] min
H
.100±.02
[2.54±.5]
H + .10
[2.5]
D
.200±.02
[5.08±.5]
.150 [3.8]
min
d
+
H + .157
[4.0]
D
.100±.02
[2.54±.5]
.150 [3.8] min
d
+
FA059B
Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
RESISTORS CAPACITORS COILS DELAY LINES
92
Termination: W= Lead-free (std), Q= Tin/Lead (leave blank if either is acceptable)
TR A 10
- 105 - K 020 A W
P/N DESIGNATION:
Packaging: B=Bulk, A = Ammo (tape & box)
Lead Style: 10, 20, 25, 10K, etc.
RCD Type
Case Code: A, B, C, D, E, F
Capacitance Code (pF): 2 significant digits & multiplier
103=10,000pF or 0.01uF, 104=100,000pF or 0.1uF, 105 = 1uF,
106= 10uF, 107=100uF
Tolerance: Standard=K (10%). J (5%) & M (20%) also avail.
Voltage: 3 digit code (003=3V, 004=4V, 006=6.3V, 010=10V,
016=16V, 020=20V, 025=25V, 035=35V, 050=50V)
Option Code(s): Leave blank if standard
RoHS
Term.W is
RoHS
compliant
& 260°C
compatible


Similar Part No. - TRE20-106

ManufacturerPart #DatasheetDescription
logo
ebm-papst
TRE2 EBMPAPST-TRE2 Datasheet
318Kb / 4P
   AC plate-mounted axials
logo
CINCON ELECTRONICS Corp...
TRE25 CINCON-TRE25 Datasheet
284Kb / 2P
   25W SWITCHING ADAPTER
TRE25050 CINCON-TRE25050 Datasheet
284Kb / 2P
   25W SWITCHING ADAPTER
TRE25050-AXXG01 CINCON-TRE25050-AXXG01 Datasheet
284Kb / 2P
   25W SWITCHING ADAPTER
TRE25050-AXXG02 CINCON-TRE25050-AXXG02 Datasheet
284Kb / 2P
   25W SWITCHING ADAPTER
More results

Similar Description - TRE20-106

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ETQW VISHAY-ETQW_08 Datasheet
405Kb / 8P
   Resin-Coated, Radial-Lead Tantalum Capacitors
Revision: 12-Jun-06
ETQW VISHAY-ETQW Datasheet
114Kb / 7P
   RESIN-COATED, RADIAL-LEAD TANTALUM CAPACITORS
Revision 15-Aug-02
489D-499D VISHAY-489D-499D Datasheet
129Kb / 10P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
489D475X0035D1VE3 VISHAY-489D475X0035D1VE3 Datasheet
119Kb / 9P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
Revision: 12-Jun-06
489D VISHAY-489D Datasheet
116Kb / 8P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
Revision 02-Aug-02
ETPW VISHAY-ETPW Datasheet
114Kb / 7P
   Resin-Coated, Radial-Leaded Solid Tantalum Capacitors
Revision 15-Aug-02
logo
MERITEK ELECTRONICS COR...
NTIC MERITEK-NTIC Datasheet
3Mb / 20P
   Radial lead resin coated
logo
Vishay Siliconix
790D VISHAY-790D Datasheet
107Kb / 7P
   Resin-Molded, Radial-Lead Solid Tantalum Capacitors
Revision 26-Mar-02
790D106X0025B2BE3 VISHAY-790D106X0025B2BE3 Datasheet
114Kb / 9P
   Resin-Molded, Radial-Lead Solid Tantalum Capacitors
Revision: 18-Jun-12
199D106X9025C1V1E3 VISHAY-199D106X9025C1V1E3 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com