Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OS904-AC-1 Datasheet(PDF) 2 Page - MRV Communications, Inc.

Part # OS904-AC-1
Description  OptiSwitch짰 900 Series - Service Demarcation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MRV [MRV Communications, Inc.]
Direct Link  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

OS904-AC-1 Datasheet(HTML) 2 Page - MRV Communications, Inc.

  OS904-AC-1 Datasheet HTML 1Page - MRV Communications, Inc. OS904-AC-1 Datasheet HTML 2Page - MRV Communications, Inc. OS904-AC-1 Datasheet HTML 3Page - MRV Communications, Inc. OS904-AC-1 Datasheet HTML 4Page - MRV Communications, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
The integration of CWDM and DWDM SFPs eliminates the need for a transponder on the network, and offers better fiber optimization along
physical services separation with dedicated Gigabit rate for premium optical services with the same concept of legacy“leased-line”services.
VPN Services & Protection
Compliant to MEF Ethernet Virtual Circuit (EVC), the OS900 can offer three types of VPNs:
1.
Layer 1 Optical VPN – a cross-connect mode with transparent mode (no MAC learning)
2.
Layer 2 VPN – VLAN-based tunneling Q-in-Q stacking, swapping or mapping services
3.
Layer 2.5 VPN – a label-based MPLS VC for direct connection into MPLS domains or H-VPLS MTU-s
All the aboveVPN services can be fully protected using port redundancy,dual-homing,and/or ring topology with a recovery time of less than 50 ms.
In addition to L2 VPN, the OS900 can offer integrated IP router services to save the costs of an external router and provides a single demarcation
platform for managed L2 VPN and IP services.
Traffic Management
The OS900 enables a value-added network infrastructure, with end-to-end per flow QoS.
It supports full CoS and QoS (MEF 14 model) including flows classification, rate limiting, shaping, WFQ scheduling, and strict priority for lower
delay/jitter and guaranteed throughput in real-time applications. In addition, it enables dynamic/adaptive buffer pools to prevent bursty traffic
starvation and ensure queuing resources effectiveness.
For network convergence applications that have a clear boundary between customer’s and carrier’s networks, CoS layers (802.1p, IP ToS & MPLS
EXP bits) can be mapped/marked to preserve priorities or map them into predefined protection profiles set by the carrier.
Hierarchical QoS – CoS-Aware rate limit
Defining premium SLAs is a key fundamental for service differentiation.
The OS900 enables traffic management based on innovative CoS-aware rate limit to dynamically reuse bandwidth profiles. Dynamic QoS is an
important feature that allows for sharing defined rate limited flows with aggregate profile applied to a user network interface or an Ethernet
Virtual Circuit. In the new service offering, the consolidated real-time, high-priority and best effort data require different rates and marked class
of service. Dynamic QoS helps to share/borrow the bandwidth that was allocated for real-time or high priority applications at a time when these
services are not active. Such an offering contributes to a more efficient way of provisioning bandwidth at the access/demarcation of the network
without complex configuration sets at the aggregation layer.
Denial of Service (DoS) protection
The OS900 incorporates multilayer DoS protection at the hardware architecture on the CPU control plane and data-switching plane. The
multilayer control protects the service and the device functionality from hostile traffic without degradation of service performance or affecting
of the forwarding database or CPU availability. Multiple traffic types can be policed or discarded starting from frame level such as broadcast,
multicast up to IP/TCP/UDP layers.
Management
The OS900 Series control plane incorporates a list of highly manageable feature that offers ensured interaction with carrier’s OSS and NMS
platforms, based on industry standard Southbound out-of-band or in-band interfaces. In addition, it can be managed via MRV’s MegaVision-Pro
NMS to have complete GUI and Northbound gateway (XML, TL1 & SNMP) of an entire map of clustered devices for configuration, performance
analysis, and inventory control.
For the service providers, the OAM that is provided by a demarcation device determines to a significant extent the metrics that can be used to
establish the SLA with a business subscriber. The OS900 incorporates enhanced standards compliant MEF OAM and gives the service provider
the ability to monitor the network and provision services, and promptly determine the location of faults remotely from the network operation
center.
Ethernet OAM with IEEE802.1ag & ITU-T Y.1731
The connectivity of Ethernet bridge devices across Metro Ethernet or
other transport networks creates dedicated or virtual Ethernet circuits. An
end-to-end service architecture requires administrative domain hierarchy
with corresponding OAM enabled titles. The OS900 Series incorporate
connectivity,discovery and fault management along performance statistics
of delay, jitter and frame loss for demarcation and intermediate points of
service.
Ethernet loopbacks
The OS900 Series offers remote loopback functionality on a physical
interface or a specific VLAN that traverses UNI or NNI interfaces. The
loopback function allows for the troubleshooting of the service,
remotely, from NOC, or any other manageable location without
needing to actually visit the customer premises. Loopback functionality
performed in hardware level for performance monitoring and SLA
verification in wire-speed.
Copper TDR
The OS900 incorporates copper TDR that can identify problems with
CAT5 copper cables on a customer’s site such as opens, shorts and
wrong impedance.
Optical Performance Level Monitoring (Digital Diagnostics)
The OS900 Series supports the SFP Digital Diagnostics standard (as per SFF-8472). A powerful OPM tool, it provides access to a number of real-time SFP
operating parameters such as optical TX/RX power,voltage and temperature,as well as component information such as vendor code,serial number and
wavelength.The information provided by Digital Diagnostics, together with alarm and warning thresholds, enables a network administrator to identify
potential problems in optical transmission and take preemptive action before any service outage actually occurs.
Per-service performance monitoring
The OS900 offers real-time and historical reporting on various service performance metrics, including port/VPN-EVC utilization, transmission
errors, and QoS threshold exceptions.
���������� ���
���������� ��� � ������ � ��
� �������� ����� ���
� �������� ���
� ������� ���
���������
�����
��� ���
��� ���
��
���
����
����������
����������
������
�����


Similar Part No. - OS904-AC-1

ManufacturerPart #DatasheetDescription
logo
RFX Ltd.
OS936-10 RFX-OS936-10 Datasheet
524Kb / 2P
   10 MHz OCXO Sine Wave Oscillator 12V
Issue 2; 26th April 2022
logo
OSRAM GmbH
OS96016PP08MB2B10 OSRAM-OS96016PP08MB2B10 Datasheet
217Kb / 2P
   OLED DISPLAY SOLUTIONS
OS96016PP08MG1B10 OSRAM-OS96016PP08MG1B10 Datasheet
217Kb / 2P
   OLED DISPLAY SOLUTIONS
OS96016PP08MO1B10 OSRAM-OS96016PP08MO1B10 Datasheet
217Kb / 2P
   OLED DISPLAY SOLUTIONS
OS96016PP08MW1B10 OSRAM-OS96016PP08MW1B10 Datasheet
217Kb / 2P
   OLED DISPLAY SOLUTIONS
More results

Similar Description - OS904-AC-1

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
EM316EFRMAHSH-5 MRV-EM316EFRMAHSH-5 Datasheet
330Kb / 3P
   Optical Ethernet Services Demarcation - 802.3ah
logo
PHOENIX CONTACT
2404449 PHOENIX-2404449 Datasheet
67Kb / 3P
   Cloud service - CLOUD SERVICE/SYSTEMCOUPLER
09/12/2020
logo
Baumer IVO GmbH & Co. K...
Z119023 IVO-Z119023 Datasheet
219Kb / 1P
   Accessories & Service
Z119037 IVO-Z119037 Datasheet
164Kb / 1P
   Accessories & Service
Z139006 IVO-Z139006 Datasheet
201Kb / 1P
   Accessories & Service
Z10002A IVO-Z10002A Datasheet
177Kb / 1P
   Accessories & Service
Z10004A IVO-Z10004A Datasheet
181Kb / 1P
   Accessories & Service
Z10704A IVO-Z10704A Datasheet
167Kb / 1P
   Accessories & Service
logo
Festo Corporation.
8098371 FESTO-8098371 Datasheet
74Kb / 1P
   Service unit
11/29/22
8130914 FESTO-8130914 Datasheet
74Kb / 1P
   Service unit
11/29/22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com