Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPR1020 Datasheet(PDF) 4 Page - C&D Technologies

Part # HPR1020
Description  1.0 WATT UNREGULATED SIP DC/DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

HPR1020 Datasheet(HTML) 4 Page - C&D Technologies

  HPR1020 Datasheet HTML 1Page - C&D Technologies HPR1020 Datasheet HTML 2Page - C&D Technologies HPR1020 Datasheet HTML 3Page - C&D Technologies HPR1020 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Page 4
HPR10XX
REV D
8/2007
The information provided herein is believed to be reliable; however, C&D TECHNOLOGIES assumes no responsibility for inaccuracies or omissions. C&D TECHNOLOGIES assumes no responsibility for the use of
this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein
are implied or granted to any third party. C&D TECHNOLOGIES does not authorize or warrant any C&D TECHNOLOGIES product for use in life support devices/systems or in aircraft control applications.
ORDERING INFORMATION
Device Family
HPR Indicates DC/DC Converter
Model Number
Selected from Table of Electrical Characteristics
Screening Option
HPR 10XX /H
ABSOLUTE MAXIMUM RATINGS
Internal Power Dissipation.....................................................490mW
Short Circuit Duration......................................................Momentary
Lead Temperature (soldering, 10 seconds max)..................+300°C
These devices are intended for wave soldering or manual soldering.
They are not intended to be subject to surface mount processes under any circumstances.
The normal wave soldering process can be used with these devices where the device is subjected to a maximum wave temperature of 260°C for a period of
no more than 10 seconds. Within this time and temperature range, the integrity of the device’s body will not be compromised and internal temperatures within
the converter will not exceed 175°C. Care should be taken to control manual soldering limits identical to that of wave soldering.
THROUGH-HOLE SOLDERING INFORMATION


Similar Part No. - HPR1020

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
HPR1020 CANDD-HPR1020 Datasheet
46Kb / 4P
   1.0 WATT UNREGULATED SIP DC/DC CONVERTER
logo
Murata Power Solutions ...
HPR1020C MURATA-PS-HPR1020C Datasheet
179Kb / 4P
   1.0 WATT UNREGULATED, SIP DC/DC CONVERTER
More results

Similar Description - HPR1020

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
HPR10XX CANDD-HPR10XX Datasheet
46Kb / 4P
   1.0 WATT UNREGULATED SIP DC/DC CONVERTER
logo
Murata Power Solutions ...
HPR1000C MURATA-PS-HPR1000C Datasheet
179Kb / 4P
   1.0 WATT UNREGULATED, SIP DC/DC CONVERTER
HPR700 MURATA-PS-HPR700 Datasheet
96Kb / 3P
   5 WATT UNREGULATED SIP DC/DC CONVERTER
logo
C&D Technologies
HPR7XX CANDD-HPR7XX Datasheet
34Kb / 4P
   5 WATT UNREGULATED SIP DC/DC CONVERTER
logo
Murata Power Solutions ...
HPR700C MURATA-PS-HPR700C Datasheet
117Kb / 3P
   5 WATT UNREGULATED SIP DC/DC CONVERTER
logo
Mean Well Enterprises C...
SPU01 MEANWELL-SPU01 Datasheet
105Kb / 4P
   1W SIP Package DC-DC Unregulated Converter
logo
C&D Technologies
PWR60XX CANDD-PWR60XX Datasheet
149Kb / 4P
   1.8 WATT UNREGULATED DC/DC CONVERTER
PWR1546A CANDD-PWR1546A Datasheet
241Kb / 4P
   5 WATT UNREGULATED DC/DC CONVERTER
PWR13XX CANDD-PWR13XX Datasheet
338Kb / 4P
   1.5 WATT UNREGULATED DC/DC CONVERTER
logo
Murata Power Solutions ...
HL01U MURATA-PS-HL01U Datasheet
99Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com