Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPR1023 Datasheet(PDF) 3 Page - C&D Technologies

Part # HPR1023
Description  1.0 WATT UNREGULATED SIP DC/DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

HPR1023 Datasheet(HTML) 3 Page - C&D Technologies

  HPR1023 Datasheet HTML 1Page - C&D Technologies HPR1023 Datasheet HTML 2Page - C&D Technologies HPR1023 Datasheet HTML 3Page - C&D Technologies HPR1023 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page 3
HPR10XX
REV D
8/2007
SAFE OPERATING AREA
Rise Time of Input Voltage (mS)
LOAD CAPACITANCE vs INPUT RISE TIME
(5 Vout models)
0
5
10
15
20
25
30
35
40
45
50
600
500
400
300
200
100
0
SAFE OPERATING AREA
Rise Time of Input Voltage (mS)
LOAD CAPACITANCE vs INPUT RISE TIME
(12 Vout models)
0
5
10
15
20
25
30
35
40
45
50
90
80
70
60
50
40
30
20
10
0
SAFE OPERATING AREA
Rise Time of Input Voltage (mS)
LOAD CAPACITANCE vs INPUT RISE TIME
(15 Vout models)
0
5
10
15
20
25
30
35
40
45
50
60
50
40
30
20
10
0
VOUT VS LOAD
(5Vout Models)
VOUT VS LOAD
(±5Vout Models)
VOUT VS LOAD
(12Vout Models)
VOUT VS LOAD
(±12Vout Models)
VOUT VS LOAD
(15Vout Models)
VOUT VS LOAD
(±15Vout Models)
0
40
120
160
5.3
5.5
5.7
4.9
5.1
020
40
60
80
11.9
12.0
12.1
12.2
12.3
12.4
020
40
60
80
4.6
4.8
5.0
5.2
5.4
010
20
30
40
12.0
12.1
12.2
12.3
12.4
12.5
14.9
15.1
15.3
15.5
15.7
15.9
020
40
60
80
0
13.5
14.0
14.5
15.0
15.5
16.0
80
Output Current (mA)
Output Current each load (mA)
Output Current each load (mA)
12.5
Output Current each load (mA)
12.6
Output Current each load (mA)
Output Power each load (Watts)
0.2
0.4
0.6
0.8
1.0
16.5
0
40
80
100
60
20
90
75
60
45
30
15
0
EFFICIENCY VS LOAD
% of Rated Load (%)
OSCILLATION FREQUENCY VS
TEMPERATURE
220
200
180
160
140
-30
0
30
60
90
Temperature (°C)
TYPICAL PERFORMANCE CURVES
SAFE OPERATING AREA
NOTES:
1.) When operated within the SAFE OPERATING AREA as de-
fined by the above curves, the output voltage of HPR10XX
devices is guaranteed to be within 95% of its steady-state
value within 100 milliseconds after the input voltage has
reached 95% of its steady-state value.
2.) For dual output models, total load capacitance is the sum of
the capacitances on the plus and minus outputs.


Similar Part No. - HPR1023

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
HPR1023 CANDD-HPR1023 Datasheet
46Kb / 4P
   1.0 WATT UNREGULATED SIP DC/DC CONVERTER
logo
Murata Power Solutions ...
HPR1023C MURATA-PS-HPR1023C Datasheet
179Kb / 4P
   1.0 WATT UNREGULATED, SIP DC/DC CONVERTER
More results

Similar Description - HPR1023

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
HPR10XX CANDD-HPR10XX Datasheet
46Kb / 4P
   1.0 WATT UNREGULATED SIP DC/DC CONVERTER
logo
Murata Power Solutions ...
HPR1000C MURATA-PS-HPR1000C Datasheet
179Kb / 4P
   1.0 WATT UNREGULATED, SIP DC/DC CONVERTER
HPR700 MURATA-PS-HPR700 Datasheet
96Kb / 3P
   5 WATT UNREGULATED SIP DC/DC CONVERTER
logo
C&D Technologies
HPR7XX CANDD-HPR7XX Datasheet
34Kb / 4P
   5 WATT UNREGULATED SIP DC/DC CONVERTER
logo
Murata Power Solutions ...
HPR700C MURATA-PS-HPR700C Datasheet
117Kb / 3P
   5 WATT UNREGULATED SIP DC/DC CONVERTER
logo
Mean Well Enterprises C...
SPU01 MEANWELL-SPU01 Datasheet
105Kb / 4P
   1W SIP Package DC-DC Unregulated Converter
logo
C&D Technologies
PWR60XX CANDD-PWR60XX Datasheet
149Kb / 4P
   1.8 WATT UNREGULATED DC/DC CONVERTER
PWR1546A CANDD-PWR1546A Datasheet
241Kb / 4P
   5 WATT UNREGULATED DC/DC CONVERTER
PWR13XX CANDD-PWR13XX Datasheet
338Kb / 4P
   1.5 WATT UNREGULATED DC/DC CONVERTER
logo
Murata Power Solutions ...
HL01U MURATA-PS-HL01U Datasheet
99Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com