Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PWR1305AC Datasheet(PDF) 3 Page - Murata Power Solutions Inc.

Part # PWR1305AC
Description  1.5 Watts Unregulated DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

PWR1305AC Datasheet(HTML) 3 Page - Murata Power Solutions Inc.

  PWR1305AC Datasheet HTML 1Page - Murata Power Solutions Inc. PWR1305AC Datasheet HTML 2Page - Murata Power Solutions Inc. PWR1305AC Datasheet HTML 3Page - Murata Power Solutions Inc. PWR1305AC Datasheet HTML 4Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MECHANICAL
ABSOLUTE MAXIMUM RATINGS
Output Short-Circuit Duration ..................................................... 5 seconds
Internal Power Dissipation.............................................................. 750mW
Lead Temperature (soldering, 10 seconds max) .............................+300°C
Device Family
PWR indicates DC/DC converter
Model Number
Selected from Table of Electrical Characteristics
Package
RoHS Compliant
PWR
13XX A
C
ORDERING INFORMATION
Notes:
All dimensions are in inches (millimeters).
GRID: 0.100 inches (2.54 millimeters)
* Common pins not present on single output models.
PIN PLACEMENT TOLERANCE: ± 0.015"
Marked with: specific model ordered, date code, job code.
MATERIAL: Units are encapsulated in a low thermal resistance
molding compound which has excellent chemical resistance, wide
operating temperature range, and good electrical properties under
high humidity environments. The encapsulant and outer shell of the
unit have UL94V-0 ratings. Lead material is matte tin 100 microinches
min., over nickel, 40-80 microinches.
PIN CONNECTIONS
PIN
SINGLE MODELS
DUAL MODELS
1
+V
IN
+V
IN
2
+V
IN
+V
IN
11
+V
OUT
+V
OUT
12
+V
OUT
+V
OUT
13
-V
OUT
Common
14
-V
OUT
Common
15
No Pin
-V
OUT
23
-V
IN
-V
IN
24
-V
IN
-V
IN
1.270±0.010"
(32.26)
.010±0.005"
(0.25)
0.400±0.010"
(10.16)
0.170" MIN
(4.32)
0.100±0.015"
(2.54)
.020±0.002"
(0.51)
12
11
2
1
13
14
15
23
24
BOTTOMVIEW
SIDEVIEW
TOPVIEW
.1025"
(.267)
The PWR13XXC devices are intended for wave soldering or manual soldering.
They are not intended to be subject to surface mount processes under any circumstances.
The normal wave soldering process can be used with these devices where the device is subjected
to a maximum wave temperature of 260°C for a period of no more than 10 seconds. Within this time
and temperature range, the integrity of the device’s plastic body will not be compromised and internal
temperatures within the converter will not exceed 175°C. Care should be taken to control manual
soldering limits identical to that of wave soldering.
SOLDERING INFORMATION
MDC_PWR13xxC.B01 Page 3 of 4
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
PWR13xxC
1.5 Watts Unregulated DC/DC Converters


Similar Part No. - PWR1305AC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
PWR1305AC MURATA-PS-PWR1305AC Datasheet
599Kb / 4P
   1.5 Watts Unregulated DC/DC Converters
2021
More results

Similar Description - PWR1305AC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
PWR1200C MURATA-PS-PWR1200C Datasheet
209Kb / 4P
   3 Watts Unregulated DC/DC Converters
logo
Burr-Brown (TI)
PWS725A BURR-BROWN-PWS725A Datasheet
68Kb / 6P
   Isolated, Unregulated DC/DC CONVERTERS
logo
C&D Technologies
PWR13XX CANDD-PWR13XX Datasheet
338Kb / 4P
   1.5 WATT UNREGULATED DC/DC CONVERTER
PWR1726A CANDD-PWR1726A Datasheet
338Kb / 4P
   1.5 WATT UNREGULATED DC/DC CONVERTER
logo
Tumbler Technologies + ...
T2-1S0505H5 TRUMPOWER-T2-1S0505H5 Datasheet
24Kb / 1P
   DC/DC CONVERTERS 5.2K VDC Isolation, 1.5-3 Watts
logo
CINCON ELECTRONICS Corp...
EC1TAN CINCON-EC1TAN Datasheet
173Kb / 2P
   1WATT, UNREGULATED OUTPUT DC-DC CONVERTERS
logo
Murata Power Solutions ...
HB01UYC MURATA-PS-HB01UYC Datasheet
115Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTERS
HB01UZC MURATA-PS-HB01UZC Datasheet
118Kb / 4P
   1 Watt Unregulated DC/DC Converters
logo
C&D Technologies
HB01U CANDD-HB01U Datasheet
101Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTERS
PWR12XX CANDD-PWR12XX Datasheet
452Kb / 4P
   3 WATT UNREGULATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com