Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3CW7000F7 Datasheet(PDF) 1 Page - Communications & Power Industries, Inc.

Part # 3CW7000F7
Description  RF industrial oscillator or amplifier
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CPI [Communications & Power Industries, Inc.]
Direct Link  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

3CW7000F7 Datasheet(HTML) 1 Page - Communications & Power Industries, Inc.

  3CW7000F7 Datasheet HTML 1Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MaxiMuMRatings
typicalOpeRatiOn
classof
typeofservice
plate
plate
plate
screen
plate
Drive
Output
Operation
Voltage current
Voltage Voltage current
power
power
(Volts)
(amps)
(Volts)
(Volts)
(amps) (Watts) (kiloWatts)
c
RFindustrialoscillatororamplifier
5,000
2.5
4,800
---
1.5
435
5.5
The 3CW7000F7/YU-106 is a ceramic/metal,
water cooled, high-mu triode intended for use as
an amplifier, oscillator, or modulator, or in voltage
regulator applications. Its maximum rated anode
dissipation is 7000 watts. The 3CW7000F7/YU-
106 is a water-cooled version of the air cooled
3CX3000F7, and is identical except for the addition
of flexible leads on the base for grid and filament
connections, which can simplify socketing in low-
frequency operations. Operation with zero grid
bias in many applications offers circuit simplicity
3cW7000F7/yu-106
Forinformationon this and other CPI products, visit our website at:www.cpii.com,
or contact: CPI MPP Division, Eimac Operations, 607 Hansen Way, Palo Alto, CA 94303
telephone
: 1(800) 414-8823. fax: (650) 592-9988 | email: powergrid@cpii.com
The values listed above represent specified limits for the product and are subject to change. The data should be used for basic
information only. Formal, controlled specifications may be obtained from CPI for use in equipment design.
chaRacteRistics
Plate Dissipation (Max.)
7,000 Watts
Screen Dissipation (Max.)
---
Grid Dissipation (Max.)
225 Watts
Frequency for Max. rating (CW)
75 MHz
Amplification Factor
160
Filament/Cathode
Thoriated Tungsten
Voltage
7.5 Volts
Current
51.5 Amps
Capacitance
Grounded Cathode
Input
38.0 pf
Output
0.6 pf
Feedthrough
24 pf
Capacitance
---
Input
--- pf
Output
--- pf
Feedthrough
--- pf
Cooling
Water and Forced Air
Base
Flexible Filament
Air Socket
---
Air Chimney
---
Boiler
---
Length
12.56 in; 31.9 mm
Diameter
3.63 in; 9.22 cm
Weight
4.1 lb; 1.9 kg
by eliminating the bias supply. Grounded grid
operation is attractive since a power gain of over
20 times can be obtained.


Similar Part No. - 3CW7000F7

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
3CW7000H3 CPI-3CW7000H3 Datasheet
88Kb / 1P
   RF industrial oscillator or amplifier
More results

Similar Description - 3CW7000F7

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
3CX10-000H3 CPI-3CX10-000H3 Datasheet
115Kb / 1P
   RF Industrial oscillator or amplifier
3CW2500D3 CPI-3CW2500D3 Datasheet
93Kb / 1P
   RF industrial oscillator or amplifier
3CX4500F3 CPI-3CX4500F3 Datasheet
88Kb / 1P
   RF Industrial oscillator or amplifier
3CX1500D3 CPI-3CX1500D3 Datasheet
128Kb / 1P
   RF Industrial oscillator or amplifier
3CW7000H3 CPI-3CW7000H3 Datasheet
88Kb / 1P
   RF industrial oscillator or amplifier
3CX20-000H3 CPI-3CX20-000H3 Datasheet
99Kb / 1P
   RF Industrial oscillator or amplifier
3CX15-000H3 CPI-3CX15-000H3 Datasheet
115Kb / 1P
   RF Industrial oscillator or amplifier
3CX2500D3 CPI-3CX2500D3 Datasheet
89Kb / 1P
   RF Industrial oscillator or amplifier
3CW40-000H3 CPI-3CW40-000H3 Datasheet
88Kb / 1P
   RF Industrial oscillator
3CW45-000H3 CPI-3CW45-000H3 Datasheet
89Kb / 1P
   RF Industrial oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com