Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PWR4006C Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # PWR4006C
Description  DC/DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

PWR4006C Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  PWR4006C Datasheet HTML 1Page - Murata Power Solutions Inc. PWR4006C Datasheet HTML 2Page - Murata Power Solutions Inc. PWR4006C Datasheet HTML 3Page - Murata Power Solutions Inc. PWR4006C Datasheet HTML 4Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TDC_PWR40_A02
04/2007
Page 2
ELECTRICAL SPECIFICATIONS
Specifications typical at T
A
= +25°C, nominal input voltage and rated output current unless otherwise specified.
MINIMUM
NOMINAL
MAXIMUM
RATED
RATED
REFLECTED
INPUT
INPUT
INPUT
OUTPUT
OUTPUT
NO
RATED
RIPPLE
VOLTAGE
VOLTAGE
VOLTAGE
VOLTAGE
CURRENT
LOAD
LOAD
CURRENT
MODEL
(VDC)
(VDC)
(VDC)
(VDC)
(mA)
(mA)
(mA)
(mAp-p)
PWR4000C1
4.5
5
5.5
5
800
50
950
20
PWR4004C
4.5
5
5.5
±12
±170
50
950
20
PWR4005C2
4.5
5
5.5
±15
±135
50
950
20
PWR4006C
10.2
12
13.8
5
800
35
400
30
PWR4007C
10.2
12
13.8
12
340
35
400
30
PWR4010C
10.2
12
13.8
±12
±170
35
400
30
PWR4011C2
10.2
12
13.8
±15
±135
35
400
40
PWR4012C
12.75
15
17.25
5
800
30
300
40
PWR4016C
12.75
15
17.25
±12
±170
30
300
40
PWR4017C1
12.75
15
17.25
±15
±135
30
300
40
PWR4018C
20.40
24
27.6
5
800
30
180
40
PWR4022C
20.40
24
27.6
±12
±170
30
180
40
PWR4023C
20.40
24
27.6
±15
±135
30
180
40
NOTE: Models listed with strike-through text have been officially discontinued. These models can be built on a custom basis with sufficient quantity justification. In addition other input and output
voltage options can be configured on a custom basis. Contact factory for details.
(1) -HV option model only.
(2) -HV option not available.
INPUT CURRENT
COMMON SPECIFICATIONS
Specifications typical at T
A
= +25°C, nominal input voltage and rated output current unless otherwise specified.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ISOLATION (Standard)
Rated Voltage
500
VDC
Test Voltage
60Hz, 10 seconds
500
Vpk
Resistance
10
G
Capacitance
50
pF
Leakage Current
V
ISO
= 240VAC, 60Hz
5
μArms
ISOLATION (–HV Option)
Rated Voltage
1000
VDC
Test Voltage
60Hz, 60 seconds
3000
Vpk
Resistance
10
G
Capacitance
50
pF
Leakage Current
V
ISO
= 240VAC, 60Hz
5
15
μArms
OUTPUT
Rated Power
4.0
W
Voltage Setpoint Accuracy
Rated Load, Nominal V
IN
±3
+7, -5
%
Temperature Coefficient
±0.02
%/°C
Ripple & Noise
BW = DC to 10MHz
140
mV
p-p
BW = 10Hz to 20MHz
10
mVrms
Voltage
No Load, V
OUT
= + 5V
7
VDC
No Load, V
OUT
= ±12V
±15
VDC
No Load, V
OUT
= ±15V
±18
VDC
Line Regulation
1.0
%/%V
IN
Load Regulation
See Curves
GENERAL
Switching Frequency
170
kHz
Package Weight
16
g
MTTF per MIL-HDBK-217 Rev. E
Circuit Stress Method
5,000,000
Hr
Efficiency
80
%
TEMPERATURE
Specification
0
+25
+70
°C
Operation
–25
+85
°C
Storage
–40
+100
°C


Similar Part No. - PWR4006C

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
PWR4006 CANDD-PWR4006 Datasheet
98Kb / 4P
   SERIES DC/DC CONVERTER
More results

Similar Description - PWR4006C

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com