Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PWR1241C Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # PWR1241C
Description  3 Watts Unregulated DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

PWR1241C Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  PWR1241C Datasheet HTML 1Page - Murata Power Solutions Inc. PWR1241C Datasheet HTML 2Page - Murata Power Solutions Inc. PWR1241C Datasheet HTML 3Page - Murata Power Solutions Inc. PWR1241C Datasheet HTML 4Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
INPUT
Voltage Range
4.5
5
5.5
VDC
10.8
12
13.2
VDC
13.5
15
16.5
VDC
21.6
24
26.4
VDC
ISOLATION
Rated Voltage
500
VDC
Test Voltage
60 Hz, 10 Seconds
500
Vpk
Resistance
10
Capacitance
90
pF
Leakage Current
VISO = 240VAC, 60HZ
10
μArms
OUTPUT
Rated Power
3
W
Voltage Setpoint Accuracy
Rated Load, Nominal VIN
±3
±5
%
Temperature Coefficient
±0.02
%/%°C
Ripple and Noise
(BW = DC to 20MHz)
No External Components
150
mVp-p
10μF Across Each Output
10
mVrms
10μF Across Each Output
30
mVp-p
Voltage
No Load,VOUT = +5V
7
VDC
No Load,VOUT = ±12V
±15
VDC
No Load,VOUT = ±15V
±18
VDC
Line
Regulation
1.2
%/%V
IN
Load
No Load To Rated Load
6
%
GENERAL
Package Weight
12
g
Switching Frequency
150
kHz
MTTF per MIL-HDBK-217, Rev E
Circuit Stress Method
700
kHr
Efficiency
75
%
TEMPERATURE
Specification
–25
+25
+85
°C
Operation
–40
+125
°C
Storage
–40
+125
°C
NOMINAL
RATED
RATED
REFLECTED
INPUT VOLTAGE
OUTPUT VOLTAGE
OUTPUT CURRENT
NO LOAD
RATED LOAD
RIPPLE CURRENT
MODEL
(VDC)
(VDC)
(mA)
(mA)
(mA)
(mAp-p)
PWR1200C
5
5
600
30
800
45
PWR1201C
5
12
250
30
800
45
PWR1202C
5
15
200
30
800
45
PWR1203C
5
±5
±300
30
800
45
PWR1204C
5
±12
±125
30
800
45
PWR1205C
5
±15
±100
30
800
45
PWR1206C
12
5
600
30
330
25
PWR1207C
12
12
250
30
330
25
PWR1208C
12
15
200
30
330
25
PWR1209C
12
±5
±300
30
330
25
PWR1210C
12
±12
±125
30
330
25
PWR1211C
12
±15
±100
30
330
25
PWR1212C
15
5
600
30
265
20
PWR1213C
15
12
250
30
265
20
PWR1214C
15
15
200
30
265
20
PWR1215C
15
±5
±300
30
265
20
PWR1216C
15
±12
±125
30
265
20
PWR1217C
15
±15
±100
30
265
20
PWR1218C
24
5
600
30
165
20
PWR1219C
24
12
250
30
165
20
PWR1220C
24
15
200
30
165
20
PWR1221C
24
±5
±300
30
165
20
PWR1222C
24
±12
±125
30
165
20
PWR1223C
24
±15
±100
30
165
20
PWR1240C
5
9
333
30
800
45
PWR1241C
12
9
333
30
330
25
PWR1242C
15
9
333
30
265
20
PWR1243C
24
9
333
30
165
20
ELECTRICAL SPECIFICATIONS
Specifications typical at T
A
= +25°C, nominal input voltage, rated output current unless otherwise noted.
INPUT CURRENT
COMMON SPECIFICATIONS
Specifications typical at T
A
= +25°C, rated input voltage, rated output current unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
NOTE: Models listed with strike-through text have been officially discontinued. These models can be built on a custom basis with sufficient quantity justification. Contact factory for details.
MDC_PWR12xxC.B01 Page 2 of 4
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
PWR12xxC
3 Watts Unregulated DC/DC Converters


Similar Part No. - PWR1241C

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
PWR1241 CANDD-PWR1241 Datasheet
452Kb / 4P
   3 WATT UNREGULATED DC/DC CONVERTERS
More results

Similar Description - PWR1241C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
PWR1300AC MURATA-PS-PWR1300AC Datasheet
141Kb / 4P
   1.5 Watts Unregulated DC/DC Converters
logo
C&D Technologies
PWR12XX CANDD-PWR12XX Datasheet
452Kb / 4P
   3 WATT UNREGULATED DC/DC CONVERTERS
logo
Murata Manufacturing Co...
PWR70C MURATA-PWR70C Datasheet
82Kb / 3P
   3 Watt, High Isolation, Unregulated DC/DC Converters
logo
Burr-Brown (TI)
PWS725A BURR-BROWN-PWS725A Datasheet
68Kb / 6P
   Isolated, Unregulated DC/DC CONVERTERS
logo
C&D Technologies
PWR72 CANDD-PWR72 Datasheet
23Kb / 2P
   3 WATT UNREGULATED WIDE INPUT RANGE DC/DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
EC1TAN CINCON-EC1TAN Datasheet
173Kb / 2P
   1WATT, UNREGULATED OUTPUT DC-DC CONVERTERS
logo
Murata Power Solutions ...
HB01UYC MURATA-PS-HB01UYC Datasheet
115Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTERS
HB01UZC MURATA-PS-HB01UZC Datasheet
118Kb / 4P
   1 Watt Unregulated DC/DC Converters
logo
C&D Technologies
HB01U CANDD-HB01U Datasheet
101Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTERS
logo
Murata Power Solutions ...
HB01U MURATA-PS-HB01U Datasheet
105Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com