Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PWR6004 Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # PWR6004
Description  1.8 WATT REGULATED DC/DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

PWR6004 Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  PWR6004 Datasheet HTML 1Page - Murata Power Solutions Inc. PWR6004 Datasheet HTML 2Page - Murata Power Solutions Inc. PWR6004 Datasheet HTML 3Page - Murata Power Solutions Inc. PWR6004 Datasheet HTML 4Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PWR60XX 6/99 REV D
Page 2
ELECTRICAL SPECIFICATIONS
Specifications typical at T
A =
+25°C, rated input voltage, rated output current unless otherwise specified.
NOMINAL
RATED
RATED
INPUT CURRENT
REFLECTED
INPUT
OUTPUT
OUTPUT
NO
RATED
RIPPLE
VOLTAGE
VOLTAGE
CURRENT
LOAD
LOAD
CURRENT
EFFICIENCY
MODEL
(VDC)
(VDC)
(mA)
(mA)
(mA)
(mAp-p)
(%)
PWR6000
5
5
360
70
655
15
55
PWR6004
5
±12
±75
70
570
15
63
PWR6005
5
±15
±60
70
555
15
65
PWR6006
12
5
360
30
275
10
55
PWR6010
12
±12
±75
30
240
10
63
PWR6011
12
±15
±60
30
230
10
65
PWR6012
15
5
360
25
220
8
55
PWR6016
15
±12
±75
25
190
8
63
PWR6017
15
±15
±60
25
185
8
65
PWR6018
24
5
360
13
120
12
62
PWR6023
24
±15
±60
13
120
12
62
NOTE: Other input to output voltages may be available. Please consult factory.
ABSOLUTE MAXIMUM RATINGS
Output Short-Circuit Duration
Outputs to Common .................. Continuous
Output to Output.........................Momentary
Output Power.......................................... 2.0W
Lead Temperature .............................. +300°C
(soldering, 10 seconds max)
........................................................................
TYPICAL APPLICATIONS
PWR
60XX
–HV
/H
Device Family
PWR Indicates
DC/DC converter
Model Number
Selected From Table of Electrical
Characteristics
High Voltage Option
No Designator Indicates Standard Model
Screening Option
Specifications typical at T
A = +25°C, rated input voltage, rated output current unless otherwise specified.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT
PWR6000
4.65
5.0
5.5
VDC
PWR6004
4.65
5.0
5.5
VDC
PWR6005
4.65
5.0
5.5
VDC
PWR6006
10.9
12.0
13.2
VDC
PWR6010
10.9
12.0
13.2
VDC
PWR6011
10.9
12.0
13.2
VDC
PWR6012
13.9
15.0
16.5
VDC
PWR6016
13.9
15.0
16.5
VDC
PWR6017
13.9
15.0
16.5
VDC
PWR6018
21.6
24
26.4
VDC
PWR6023
21.6
24
26.4
VDC
ISOLATION (Standard)
Rated Voltage
500
VDC
Test Voltage
500
Vpk
Resistance
10
G
Capacitance
27
pF
Leakage Current
V
ISO = 240V
AC
, 60Hz
5
μArms
ISOLATION (–HV Option)
Rated Voltage
1000
VDC
Test Voltage
3000
Vpk
Resistance
10
G
Capacitance
27
pF
Leakage Current
V
ISO = 240V
AC
, 60Hz
5
μArms
OUTPUT
Rated Power
–25°C T
A +70°C
1.8
Watts
Voltage Setpoint Accuracy
Rated Load, Nominal Vin
±2
%
Temperature Coefficient
±0.01
%/°C
Ripple and Noise
BW = DC to 10MHz
20
45
mVp-p
REGULATION
Line
High Line to Low Line
±0.2
±1.0
%
Load
Full Load to No Load
0.5
1.0
%
GENERAL
Switching Frequency
150
kHz
Package Weight
20
g
MTTF per MIL-HDBK-217, RevE
Circuit Stress Method
930,000
Hr
TEMPERATURE
Specification
–25
+25
+70
°C
Operation
–25
+100
°C
Storage
–40
+110
°C


Similar Part No. - PWR6004

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
PWR6004 CANDD-PWR6004 Datasheet
149Kb / 4P
   1.8 WATT UNREGULATED DC/DC CONVERTER
More results

Similar Description - PWR6004

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
HRS-0505 POWER-SYSTEMS-HRS-0505 Datasheet
229Kb / 5P
   DC-DC Converter UNIT 1.8 W REGULATED DC-DC CONVERTER
logo
C&D Technologies
HL02R CANDD-HL02R Datasheet
51Kb / 4P
   2 WATT REGULATED DC/DC CONVERTER
PWR51XX CANDD-PWR51XX Datasheet
108Kb / 2P
   9 WATT REGULATED DC/DC CONVERTER
WPN20R CANDD-WPN20R Datasheet
849Kb / 4P
   20 WATT REGULATED DC/DC CONVERTER
PWR60XX CANDD-PWR60XX Datasheet
149Kb / 4P
   1.8 WATT UNREGULATED DC/DC CONVERTER
logo
Bothhand USA, LP.
CSU0509-LF BOTHHAND-CSU0509-LF Datasheet
141Kb / 2P
   1.8 Watt Isolated DC-DC Converter
logo
C&D Technologies
HL01R CANDD-HL01R Datasheet
49Kb / 4P
   1 WATT REGULATED DC/DC CONVERTER
logo
Murata Power Solutions ...
HL02RYC MURATA-PS-HL02RYC Datasheet
128Kb / 3P
   2 WATT REGULATED DC/DC CONVERTER
HL01R MURATA-PS-HL01R Datasheet
95Kb / 4P
   1 WATT REGULATED DC/DC CONVERTER
HL01RZC MURATA-PS-HL01RZC Datasheet
132Kb / 3P
   1 WATT REGULATED DC/DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com