Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM8XMS-3 Datasheet(PDF) 1 Page - Spectrum Microwave, Inc.

Part # MM8XMS-3
Description  Double Balanced Mixer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRUM [Spectrum Microwave, Inc.]
Direct Link  http://www.spectrummicrowave.com
Logo SPECTRUM - Spectrum Microwave, Inc.

MM8XMS-3 Datasheet(HTML) 1 Page - Spectrum Microwave, Inc.

  MM8XMS-3 Datasheet HTML 1Page - Spectrum Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
618
MICROWAVE
A Spectrum Control Business
ECTRU
SPECTRUM MICROWAVE • 2144 Franklin Drive N.E. • Palm Bay, Florida 32905 • Phone: (888) 553-7531 • Fax: (888) 553-7532
SPECTRUM CONTROL GmbH • Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
www.specwave.com
LO(GHz)
5.5-14.5
4.0-15.0
3.0-16.0
3.0-17.0
3.0-17.0
7.0-17.0
3.0-7.0
7.0-17.0
3.0-17.0
3.0-17.0
3.0-17.0
Double Balanced Mixer
Multi-Octave Band
Model MM8xMS-3
Model MM8xMS-14
RF 5.0 to 14.0 GHz
RF(GHz)
6.0-14.0
5.0-14.0
5.0-14.0
5.0-14.0
5.0-15.0
5.0-15.0
5.0-15.0
5.0-15.0
IF(MHz)
DC-500
DC-1000
DC-2000
DC-2000
DC-1500
DC-1500
DC-1500
Min
16 dB
23 dB
15 dB
25 dB
Typical
5.2 dB
6.5 dB
7.0 dB
8.5 dB
24 dB
32 dB
18 dB
39 dB
21 dB
+2 dBm
+5 dBm
+8 dBm
+11 dBm
+14 dBm
+18 dBm
+7 dBm
+10 dBm
+14 dBm
Max
7.0 dB
8.5 dB
9.5 dB
10.0 dB
MM83
MM84
MM86
MM83
MM84
MM86
MM83
MM84
MM86
Conditions
Specifications
Electrical Specifications
(1):
Parameter
SSB Conversion
loss:
(2) (3)
Isolation
LO to RF:
LO to IF:
RF to IF:
Input 1-dB
Compression Point:
Input Third Order
Intercept Point:
LO Power:
(4)
Notes:
1. Specifications are guaranteed when tested as a downconverter in a 50 Ohm system at +25˚C with the nominal LO power. Specifications indicated as typical are not guaranteed.
2. Noise figure is typically within ±0.5 dB of conversion loss for IF frequencies greater than 10 MHz.
3. Conversion loss typically degrades less than 0.5 dB at +100˚C and improves less than 0.5 dB at -55˚C.
4. Usable LO drives are up to 2 dB below and 3 dB above nominal.
5. See Application Note M112, for aid in selecting the outline and for mounting and installation information.
MM8xMS-3
MM8xMS-14
Typical
Performance
at 25˚C
LO Power
3 = +7 dBm
4 = +10 dBm
6 = +14 dBm
All dimensions are in inches and [mm].
Outline: MS3C
Outline: MS3D


Similar Part No. - MM8XMS-3

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
MM80 JAE-MM80 Datasheet
1Mb / 8P
   DDR SDRAM SODIMM Connector
MM80-204B1-1 JAE-MM80-204B1-1 Datasheet
1Mb / 8P
   DDR SDRAM SODIMM Connector
MM80-204B1-1R JAE-MM80-204B1-1R Datasheet
1Mb / 8P
   DDR SDRAM SODIMM Connector
MM80-204B1-E1 JAE-MM80-204B1-E1 Datasheet
1Mb / 8P
   DDR SDRAM SODIMM Connector
MM80-204B1-E1R JAE-MM80-204B1-E1R Datasheet
1Mb / 8P
   DDR SDRAM SODIMM Connector
More results

Similar Description - MM8XMS-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
   DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
MY63 MACOM-MY63 Datasheet
145Kb / 2P
   DOUBLE-BALANCED MIXER
M9BC MACOM-M9BC Datasheet
167Kb / 2P
   Double-Balanced Mixer
M74 MACOM-M74 Datasheet
431Kb / 3P
   Double-Balanced Mixer
M76 MACOM-M76 Datasheet
495Kb / 3P
   Double-Balanced Mixer
logo
M/A-COM Technology Solu...
MD-108 MA-COM-MD-108 Datasheet
63Kb / 3P
   Double-Balanced Mixer
M76H MA-COM-M76H Datasheet
1Mb / 3P
   Double-Balanced Mixer
M6E-50 MA-COM-M6E-50_15 Datasheet
651Kb / 3P
   Double-Balanced Mixer
M9BC MA-COM-M9BC_15 Datasheet
698Kb / 2P
   Double-Balanced Mixer
M63HC MA-COM-M63HC_15 Datasheet
1,006Kb / 3P
   Double-Balanced Mixer
M76C MA-COM-M76C_15 Datasheet
1Mb / 3P
   Double-Balanced Mixer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com