Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PWR7022AC Datasheet(PDF) 3 Page - C&D Technologies

Part # PWR7022AC
Description  5 WATTS REGULATED DC/DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

PWR7022AC Datasheet(HTML) 3 Page - C&D Technologies

  PWR7022AC Datasheet HTML 1Page - C&D Technologies PWR7022AC Datasheet HTML 2Page - C&D Technologies PWR7022AC Datasheet HTML 3Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PWR70xxAC
Rev G
08/2007
Page 3
ORDERING INFORMATION
Device Family
PWR Indicates DC/DC Converter
Model Number
Se;ected from Table of Electrical Characteristics
Package Option
A or C (see mechanical section
RoHS Compliant
PWR
70xx A
C
MECHANICAL
These devices are intended for wave soldering or manual soldering.
They are not intended to be subject to surface mount processes under any circumstances.
The normal wave soldering process can be used with these devices where the device is subjected to a maximum wave
temperature of 260°C for a period of no more than 10 seconds. Within this time and temperature range, the integrity of
the device’s plastic body will not be compromised and internal temperatures within the converter will not exceed 175°C.
Care should be taken to control manual soldering limits identical to that of wave soldering.
THROUGH-HOLE SOLDERING INFORMATION
ABSOLUTE MAXIMUM RATINGS
Output Short-Circuit Duration.......................................Continuous
Internal Power Dissipation..................................................... 3.5W
Lead Temperature (soldering, 10 seconds max)................+300°C
NOTES: All dimensions are in inches (millimeters)
GRID: 0.1 inches (2.54 millimeters)
* Common pin not present on single output models
Marked with: specific model ordered, date code, job code.
PIN PLACEMENT TOLERANCE 0.015"
MATERIAL: Units are encapsulated in a low thermal resistance
molding compount which has excellent chemical resistance,
wide operating temperature range, and good electrical properties
under high humidity environments. The encapsulant and outer
shell of the unit have UL94V-0 ratings. Lead material is brass
with 100-300 micro-inches of matte tin over a 5-40 micro-inch
nickel barrier layer.


Similar Part No. - PWR7022AC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
PWR70 CANDD-PWR70 Datasheet
21Kb / 2P
   DC/DC CONVERTERS
logo
Murata Power Solutions ...
PWR70 MURATA-PS-PWR70 Datasheet
122Kb / 2P
   3 WATTS UNREGULATED
logo
C&D Technologies
PWR7000 CANDD-PWR7000 Datasheet
121Kb / 4P
   5 WATT UNREGULATED DC/DC CONVERTER
PWR7005 CANDD-PWR7005 Datasheet
121Kb / 4P
   5 WATT UNREGULATED DC/DC CONVERTER
logo
Murata Manufacturing Co...
PWR70C MURATA-PWR70C Datasheet
82Kb / 3P
   3 Watt, High Isolation, Unregulated DC/DC Converters
More results

Similar Description - PWR7022AC

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
FDC05W P-DUKE-FDC05W_14 Datasheet
393Kb / 2P
   5 WATTS DC-DC CONVERTER
PFKC05 P-DUKE-PFKC05_14 Datasheet
1Mb / 3P
   5 WATTS DC-DC CONVERTER
logo
STMicroelectronics
ST619LB STMICROELECTRONICS-ST619LB_07 Datasheet
703Kb / 16P
   DC-DC converter regulated 5 V charge pump
ST619LBN STMICROELECTRONICS-ST619LBN Datasheet
696Kb / 17P
   DC-DC converter regulated 5 V charge pump
logo
Murata Power Solutions ...
PWR5105C MURATA-PS-PWR5105C Datasheet
107Kb / 3P
   9 WATTS REGULATED DC/DC CONVERTERS
logo
Vicor Corporation
DCM24AP150X320A50 VICOR-DCM24AP150X320A50 Datasheet
2Mb / 25P
   Regulated DC Converter
DCM24AP240X320A50 VICOR-DCM24AP240X320A50 Datasheet
2Mb / 25P
   Regulated DC Converter
DCM300P280X500A40 VICOR-DCM300P280X500A40 Datasheet
2Mb / 25P
   Regulated DC Converter
DCM300P240X600A40 VICOR-DCM300P240X600A40 Datasheet
2Mb / 25P
   Regulated DC Converter
DCM300P138X500A40 VICOR-DCM300P138X500A40 Datasheet
1Mb / 25P
   Regulated DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com