Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLC100-29 Datasheet(PDF) 5 Page - Murata Power Solutions Inc.

Part # SLC100-29
Description  40 Amp Single Output Quarter Brick DC/DC Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

SLC100-29 Datasheet(HTML) 5 Page - Murata Power Solutions Inc.

  SLC100-29 Datasheet HTML 1Page - Murata Power Solutions Inc. SLC100-29 Datasheet HTML 2Page - Murata Power Solutions Inc. SLC100-29 Datasheet HTML 3Page - Murata Power Solutions Inc. SLC100-29 Datasheet HTML 4Page - Murata Power Solutions Inc. SLC100-29 Datasheet HTML 5Page - Murata Power Solutions Inc. SLC100-29 Datasheet HTML 6Page - Murata Power Solutions Inc. SLC100-29 Datasheet HTML 7Page - Murata Power Solutions Inc. SLC100-29 Datasheet HTML 8Page - Murata Power Solutions Inc. SLC100-29 Datasheet HTML 9Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
SLC100 Rev B
5/2004
Figure 1 – Remote Sensing
Output Voltage Trim
The SLC100’s output voltage may be adjusted high or
low by an amount indicated on the product data sheet.
As shown in Figure 2, to raise the converter’s output
voltage a resistor must be placed between the Trim pin
and +Vout pin.
Figure 2 – Trim Up Circuit
Remote Sense
SLC100
+ Sense
-
Sense
Trim
+ Vout
- Vout
+ Vin
ON/OFF
- Vin
(Top View)
Load
C
L
C
B
C
B
SLC100
+ Sense
-
Sense
Trim
+ Vout
- Vout
+ Vin
ON/OFF
- Vin
(Top View)
Load
R
T
When the load is physically distanced from the con-
verter, the inductance of the power leads, and any by-
pass conductance at the load, can result in increased
phase shift in the converter’s feedback loop, causing
instability. This situation can be eliminated by inserting
bypass capacitors (C
B) from the outputs to the sense
leads directly at the output pins. These capacitors de-
couple any AC on the power lines and assure that only
the DC voltage is sensed.
When using remote sense with dynamic loads, the
transient response at the point of load may be limited
by the inductance present in the power lines. Severe
load steps may require the addition of a capacitor C
L
across the output lines. When the load demands an
immediate increase in load current, this capacitor helps
to supply a portion of the current and reduces the bur-
den on the converter.
In general, the line resistance, or load drop, between
the output pins of the converter and load should be
minimized. Using remote sense, a large line resistance,
with a regulated load voltage, will result in a higher
output voltage at the output of the DC/DC Converter. To
prevent exceeding the converter’s output power limits,
a higher output voltage will require a reduction in the
maximum allowable output current in accordance with
the voltage/current power relationship. To minimize
the line resistance between the converter and the load,
the converter should be placed as close to the load as
possible. Line resistance can further be decreased by
using heavy gauge wire or by increasing the cross sec-
tional area of the PC board traces.
The remote sense feature of the SLC100 can be used
to compensate for voltage drops in the output power
lines by sensing output voltage directly at the point of
load. To enable this feature, connect the +Sense and
–Sense pins to the +Vout and –Vout pins, respectively,
at the point in the circuit where the tightest regulation
is required (Figure 1). The sense leads conduct very
little current compared with the power leads and there-
fore provide a more accurate indication of load voltage
for regulation purposes. This enables the converter to
increase (or decrease) its output voltage to compensate
for any load distribution losses, allowing for a more
precise load voltage. Refer to the product data sheet
for the maximum output voltage compensation range of
APPLICATION NOTES
If remote sensing is not desired then +Sense and
-Sense must be tied to their respective outputs for
proper operation.


Similar Part No. - SLC100-29

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
SLC100-29 CANDD-SLC100-29 Datasheet
298Kb / 10P
   40 Amp SINGLE OUTPUT QUARTER BRICK DC / DC CONVERTER
More results

Similar Description - SLC100-29

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
SLC100 CANDD-SLC100 Datasheet
298Kb / 10P
   40 Amp SINGLE OUTPUT QUARTER BRICK DC / DC CONVERTER
VKQ100MS1V8 CANDD-VKQ100MS1V8 Datasheet
191Kb / 5P
   40 AMP, 1.8 VOUT, QUARTER BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
VSX40MD23C MURATA-PS-VSX40MD23C Datasheet
129Kb / 4P
   40 Watt Dual Output Quarter Brick DC/DC Converter
logo
C&D Technologies
VSX40MD23 CANDD-VSX40MD23 Datasheet
153Kb / 4P
   40 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com