Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VKP60MT315C Datasheet(PDF) 4 Page - Murata Power Solutions Inc.

Part # VKP60MT315C
Description  60 Watt Triple Output Half Brick DC/DC Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

VKP60MT315C Datasheet(HTML) 4 Page - Murata Power Solutions Inc.

  VKP60MT315C Datasheet HTML 1Page - Murata Power Solutions Inc. VKP60MT315C Datasheet HTML 2Page - Murata Power Solutions Inc. VKP60MT315C Datasheet HTML 3Page - Murata Power Solutions Inc. VKP60MT315C Datasheet HTML 4Page - Murata Power Solutions Inc. VKP60MT315C Datasheet HTML 5Page - Murata Power Solutions Inc. VKP60MT315C Datasheet HTML 6Page - Murata Power Solutions Inc. VKP60MT315C Datasheet HTML 7Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TDC_VKP60xTC.B01 Page 4 of 7
VKP60xTC
60 Watt Triple Output
Half Brick DC/DC Converter
Technical inquiries - email: sales@murata-ps.com, tel: 508 339 3000
www.murata-ps.com
See Regulation Curves
See Regulation Curves
V1
V2
V3
UNITS
PARAMETER
CONDITIONS
Min
Nom
Max
Min
Nom
Max
Min
Nom
Max
Output Power
Total Combined O/P Power =
60 Watts Max
30
60
15
30
15
30
W
Set Point Voltage
I
O Nom
5.0
15.3
15.3
V
Output Current, I
OUT
0.5
6
12
0
1
2
0
1
2
A
Output Ripple, p-p
DC to 20MHz
*
100
200
125
250
125
250
mV
Output Adjust Range
*
4.60
5.50
Dependent on V1
V
Output Temperature Drift
.02
.05
.02
.05
.02
.05
%/°C
Line Regulation
V
IN, Min<
V
IN >
V
IN, Max
I
O
= I
O, Nom
0.05
0.10
1.0
2.0
1.0
2.0
%
Load Regulation
Min Load to Rated Load
0.50
1.0
%
Current Limit Inception
Other Outputs Min Load
16
4.0
4.0
A
Short-Circuit Current
12.6
16
3.2
4.0
3.2
4.0
A
Transient Response
50 to 100% Load Step
Peak Deviation
200
300
mV
Settling Time
V
OUT
, 1% of V
OUT, Nom
35
50
μSec
Overvoltage Limit
6.0
6.8
V
Efficiency
I
OUT1
=6A, (I
OUT2
+I
OUT3
)=2A
86
87
%
F.L. V
IN
=Nominal
See Regulation Curves
See Regulation Curves
V1
V2
V3
UNITS
PARAMETER
CONDITIONS
Min
Nom
Max
Min
Nom
Max
Min
Nom
Max
Output Power
Total Combind O/P Power =
60 Watts Max
30
60
15
30
15
30
W
Set Point Voltage
I
O Nom
5.1
12
12
V
Output Current, I
OUT
0.5
6.0
12
0
1.25
2.5
0
1.25
2.5
A
Output Ripple, p-p
DC to 20MHz
*
125
200
150
250
150
250
mV
Output Adjust Range
*
4.75
5.50
Dependent on V1
V
Output Temperature Drift
.02
.05
.02
.05
.02
.05
%/°C
Line Regulation
V
IN, Min<
V
IN >
V
IN, Max
I
O
= I
O, Nom
0.05
0.10
1.0
2.0
1.0
2.0
%
Load Regulation
Min Load to Rated Load
0.50
1.0
%
Current Limit Inception
Other Outputs Min Load
16
5.0
5.0
A
Short-Circuit Current
12.6
16
4.0
5.0
4.0
5.0
A
Transient Response
50 to 100% Load Step
Peak Deviation
200
300
mV
Settling Time
V
OUT
, 1% of V
OUT, Nom
35
50
μSec
Overvoltage Limit
6.0
6.8
V
Efficiency
I
OUT1
=6A, (I
OUT2
+I
OUT3
)=2.5A
86
87
%
F.L. V
IN
=Nomina
SPECIFICATIONS, ALL MODELS
Specifications are at T
CASE
= +40°C nominal input voltage unless otherwise specified.
Device Family
Indicates 100 Watt Regulated Unit
Model Number
Selected from Table of Electrical Characteristics
Where:
x = Input Voltage (L = 24VDC, M = 48VDC)
T = Number of Outputs (Triple ‘T’)
y = 3 for 3.3V, 5 for 5V
z = 12 for 12V, 15 for 15V
Lead Length
0.250" - No Number
0.145" - (6)
0.110" - (8)
RoHS Compliant
VKp60
xTyz-
L
C
* See Application Notes available on the web at www.murata-ps.com
** X = Either L (24) or M (48)


Similar Part No. - VKP60MT315C

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
VKP60MT315 CANDD-VKP60MT315 Datasheet
833Kb / 6P
   60 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
More results

Similar Description - VKP60MT315C

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
IHB60T CANDD-IHB60T Datasheet
282Kb / 4P
   60 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
VKP60XT CANDD-VKP60XT Datasheet
833Kb / 6P
   60 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
VKP100XT CANDD-VKP100XT Datasheet
833Kb / 6P
   100 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
IHB100T480312C MURATA-PS-IHB100T480312C Datasheet
151Kb / 4P
   100 Watt Triple Output Half Brick DC/DC Converter
logo
C&D Technologies
IHB100T CANDD-IHB100T Datasheet
265Kb / 4P
   100 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
IHB60S CANDD-IHB60S Datasheet
267Kb / 4P
   60 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
IHB60S2403C MURATA-PS-IHB60S2403C Datasheet
175Kb / 4P
   60 Watt Single Output Half Brick DC/DC Converter
VKP100MT312 MURATA-PS-VKP100MT312 Datasheet
296Kb / 6P
   100 Watt, Dual/Triple Output, Half Brick DC/DC Converter
VKP100MT312C MURATA-PS-VKP100MT312C Datasheet
212Kb / 6P
   100 Watt, Dual/Triple Output, Half Brick DC/DC Converter
logo
Power-One
HBT060ZGHH POWER-ONE-HBT060ZGHH Datasheet
115Kb / 12P
   HBT Series . Half-Brick DC/DC Converter 48V Input 60 Watt Triple Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com