Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VKP100MT512C Datasheet(PDF) 5 Page - Murata Power Solutions Inc.

Part # VKP100MT512C
Description  100 Watt, Dual/Triple Output, Half Brick DC/DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

VKP100MT512C Datasheet(HTML) 5 Page - Murata Power Solutions Inc.

  VKP100MT512C Datasheet HTML 1Page - Murata Power Solutions Inc. VKP100MT512C Datasheet HTML 2Page - Murata Power Solutions Inc. VKP100MT512C Datasheet HTML 3Page - Murata Power Solutions Inc. VKP100MT512C Datasheet HTML 4Page - Murata Power Solutions Inc. VKP100MT512C Datasheet HTML 5Page - Murata Power Solutions Inc. VKP100MT512C Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TYPICAL PERFORMANCE CURVE
T
CASE = +40°C, nominal input voltage, nominal load,
recommended external components applied, unless otherwise specified.
(Refer to Application Note DCAN-9 at www.cd4power.com)
VKP100xT312C
VKP100xT315C
VKP100xT512C
VKP100xT515C
Iout1/(Iout2 + Iout3)(A)
FULL LOAD EFFICIENCY
vs LOAD DISTRIBUTION
90
85
80
75
70
10/3.4
20/0
Iout1/(Iout2 + Iout3)(A)
20
15
10
5
0
10/3.4
20/0
LOAD REGULATION
Iout1/(Iout2 + Iout3)(A)
FULL LOAD EFFICIENCY
vs LOAD DISTRIBUTION
90
85
80
75
70
15/3.4
30/0
Iout1/(Iout2 + Iout3)(A)
FULL LOAD EFFICIENCY
vs LOAD DISTRIBUTION
90
85
80
75
70
10/4.2
20/0
Iout1/(Iout2 + Iout3)(A)
FULL LOAD EFFICIENCY
vs LOAD DISTRIBUTION
90
85
80
75
70
15/4.2
30/0
Iout1/(Iout2 + Iout3)(A)
20
15
10
5.1
0
10/4.2
20/0
LOAD REGULATION
Iout1/(Iout2 + Iout3)(A)
20
15
10
5
0
15/3.4
30/0
LOAD REGULATION
Iout1/(Iout2 + Iout3)(A)
20
15
10
5
0
15/4.2
30/0
LOAD REGULATION
70
75
80
85
90
EFFICIENCY vs OUTPUT LOAD
Iout1/(Iout2 + Iout3)(A)
0.50/0
3.0/0.8
6.0/1.7
9.0/2.5 12/3.3
15/4.2
70
75
80
85
90
EFFICIENCY vs OUTPUT LOAD
Iout1/(Iout2 + Iout3)(A)
0.50/0
3.0/0.7
6.0/1.4
9.0/2.0
12/2.9
15/3.4
70
75
80
85
90
EFFICIENCY vs OUTPUT LOAD
Iout1/(Iout2 + Iout3)(A)
0.50/0
2.0/0.8 4.0/1.7
6.0/2.5
8.0/3.3
10/4.2
70
75
80
85
90
EFFICIENCY vs OUTPUT LOAD
Iout1/(Iout2 + Iout3)(A)
0.50/0
2.0/0.9
4.0/1.4
6.0/2.0
8.0/2.7
10/3.4
3.3V
11.0
14.0
10.5
13.2
13.9
16.7
12.2
12.0
15.3
18
15.9
14.5
VIN = MIN.
VIN = NOM.
VIN = MAX.
VIN = MIN.
VIN = NOM.
VIN = MAX.
VIN = MIN.
VIN = NOM.
VIN = MAX.
VIN = MIN.
VIN = NOM.
VIN = MAX.
VIN = MIN
VIN = MAX
VIN = MIN
VIN = MAX
VIN = MAX
VIN = MIN
VIN = MAX
VIN = MIN
3.3V
0.5/6.8
0.5/8.4
0.5/8.4
0.5/6.8
0.5/8.4
0.5/8.4
0.5/6.8
0.5/6.8
VKP100MTC.B01 Page 5 of 6
Technical enquiries - email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
VKP100MTC Series
100 Watt, Dual/Triple Output, Half Brick DC/DC Converter


Similar Part No. - VKP100MT512C

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
VKP100MT512 CANDD-VKP100MT512 Datasheet
833Kb / 6P
   100 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
VKP100MT512 MURATA-PS-VKP100MT512 Datasheet
296Kb / 6P
   100 Watt, Dual/Triple Output, Half Brick DC/DC Converter
More results

Similar Description - VKP100MT512C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
VKP100MT312 MURATA-PS-VKP100MT312 Datasheet
296Kb / 6P
   100 Watt, Dual/Triple Output, Half Brick DC/DC Converter
logo
C&D Technologies
VKP100XT CANDD-VKP100XT Datasheet
833Kb / 6P
   100 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
IHB100T480312C MURATA-PS-IHB100T480312C Datasheet
151Kb / 4P
   100 Watt Triple Output Half Brick DC/DC Converter
logo
C&D Technologies
IHB100T CANDD-IHB100T Datasheet
265Kb / 4P
   100 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
IHB60T CANDD-IHB60T Datasheet
282Kb / 4P
   60 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
VKP60LT312C MURATA-PS-VKP60LT312C Datasheet
335Kb / 7P
   60 Watt Triple Output Half Brick DC/DC Converter
logo
C&D Technologies
VKP60XT CANDD-VKP60XT Datasheet
833Kb / 6P
   60 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
IHB100S4803C MURATA-PS-IHB100S4803C Datasheet
148Kb / 4P
   100 Watt Single Output Half Brick DC/DC Converter
logo
C&D Technologies
VKA100XS CANDD-VKA100XS Datasheet
463Kb / 4P
   100 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
AIMTEC
AM100HB-UZ AIMTEC-AM100HB-UZ Datasheet
403Kb / 4P
   100 Watt | Half Brick DC-DC Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com