Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WFC02R24D15LC Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # WFC02R24D15LC
Description  2 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

WFC02R24D15LC Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  WFC02R24D15LC Datasheet HTML 1Page - Murata Power Solutions Inc. WFC02R24D15LC Datasheet HTML 2Page - Murata Power Solutions Inc. WFC02R24D15LC Datasheet HTML 3Page - Murata Power Solutions Inc. WFC02R24D15LC Datasheet HTML 4Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
WFC02RC
REV B: RoHS
08/2007
Page 2
WFC02R
xxyzz L
C
Device Family
Indicates wide input power 2W regulated DC/DC
Model Number
Selected from Table of Electrical Characteristics
xx=input voltage
y=number of outputs: S=single, D=dual
zz=output voltage
Pinout
RoHS Compliant
ORDERING INFORMATION
ABSOLUTE MAXIMUM RATINGS
Output Short Circuit Protection--------------Continuous
Internal Power Dissipation----------------------------1.5W
Max Case Temperature-----------------------------+100°C
ELECTRICAL SPECIFICATIONS
Specifications typical at T
A=25°C, nominal input voltage, rated output current unless otherwise stated.
Nominal
Rated
Max Input
Max
Input
Output
Output Current (mA)
Current
Capacitive
Efficiency
Voltage
Voltage
(mA)
Load (
μF)
%
Model
(Volts)
(Volts)
Min Load
Rated Load
Rated Load
WFC02R24S05LC
24
5.0
40
400
300
400
77
WFC02R24S12LC
24
12.0
16
167
306
167
76
WFC02R24S15LC
24
15.0
12
125
306
125
77
WFC02R24D05LC
24
+5.0
+20
+200
315
+200
75
WFC02R24D12LC
24
+12.0
+8
+80
315
+80
76
WFC02R24D15LC
24
+15.0
+7
+67
315
+67
76
WFC02R48S05LC
48
5.0
40
400
152
400
74
WFC02R48S12LC
48
12.0
16
167
152
167
74
WFC02R48S15LC
48
15.0
12
125
152
125
76
WFC02R48D05LC
48
+5.0
+20
+200
156
+200
74
WFC02R48D12LC
48
+12.0
+8
+80
156
+80
76
WFC02R48D15LC
48
+15.0
+7
+67
155
+67
77


Similar Part No. - WFC02R24D15LC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
WFC02R24D15 CANDD-WFC02R24D15 Datasheet
177Kb / 4P
   2 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
More results

Similar Description - WFC02R24D15LC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
WFC02R CANDD-WFC02R Datasheet
177Kb / 4P
   2 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
WPC03R CANDD-WPC03R Datasheet
328Kb / 4P
   3 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
logo
Murata Power Solutions ...
WPC03R MURATA-PS-WPC03R Datasheet
189Kb / 4P
   3 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
PWR72 MURATA-PS-PWR72 Datasheet
87Kb / 2P
   3 WATT UNREGULATED WIDE INPUT RANGE DC/DC CONVERTER
logo
C&D Technologies
HL02R CANDD-HL02R Datasheet
51Kb / 4P
   2 WATT REGULATED DC/DC CONVERTER
logo
Murata Power Solutions ...
HL02RYC MURATA-PS-HL02RYC Datasheet
128Kb / 3P
   2 WATT REGULATED DC/DC CONVERTER
logo
C&D Technologies
WPC10R CANDD-WPC10R Datasheet
114Kb / 4P
   2:1 WIDE INPUT RANGE DC/DC CONVERTER
logo
Wall Industries,Inc.
JC5S33-500 WALL-JC5S33-500 Datasheet
230Kb / 8P
   2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
JC5533-500 WALL-JC5533-500 Datasheet
242Kb / 8P
   2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
DD24S33-14000 WALL-DD24S33-14000 Datasheet
159Kb / 3P
   DC/DC Converter 60 Watt Single Output 2:1 Wide Input Voltage Range
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com