Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WP06RC Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # WP06RC
Description  5-6 Watt High Density, Wide Input Range DC/DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

WP06RC Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  WP06RC Datasheet HTML 1Page - Murata Power Solutions Inc. WP06RC Datasheet HTML 2Page - Murata Power Solutions Inc. WP06RC Datasheet HTML 3Page - Murata Power Solutions Inc. WP06RC Datasheet HTML 4Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ORDERING INFORMATION
SPECIFICATIONS, ALL MODELS
Specifications are at T
A = +25°C nominal input voltage, rated output current unless otherwise specified.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT
Voltage Range
9
12
18
VDC
18
24
36
VDC
34
48
75
VDC
Reflected Ripple Current
20
mAp-p
OUTPUT
Rated Power
12V Input Models
5.0
W
5V Output Models
5.0
W
All Other Models
6.0
W
Voltage Setpoint Accuracy
±1.5
%
Temperature Coefficient
±0.02
%/°C
Line Regulation - Singles
Low Line to High Line
±0.25
%
Line Regulation - Duals
±1.0
%
Load Regulation - Singles
Min. Load to Rated Load
±0.5
%
Load Regulation - Duals
±2.0
%
Ripple & Noise
BW = 5Hz to 20MHz
30
50
mVp-p
GENERAL
ISOLATION
Rated Voltage
1500
VDC
Test Voltage
60 Hz, 10 Seconds
1500
VPK
Resistance
10
Capacitance
200
pF
Leakage Current
V
ISO = 240VAC, 60Hz
15
μArms
Switching Frequency
200
KHz
MTTF per MIL-HDBK-217, Rev. F
Circuit Stress Method
Ground Benign
T
A = +25°C
1200
KHr
Package Weight
15
g
TEMPERATURE
Specification (Ambient)
-40
+71
°C
Operation (Case)
Derate linearly from 71°C
-40
+100
°C
Storage
-55
+125
°C
Logic Compatibility .............................. CMOS or Open Collector TTL
EC On .......................................................... Open Circuit or > 3VDC
EC Off.................................................................................... < 1VDC
Shutdown Idle Current.................................................................1mA
Control Common ......................................................................... -Vin
REMOTE ON/OFF CONTROL
Output Short-Circuit Protection
(At T
A+25°C, nominal input voltage) .................................Continuous
Internal Power Dissipation ......................................................... 1.5W
Max Case Temperature ..........................................................+100°C
ABSOLUTE MAXIMUM RATINGS
WP06R XXYZZ
P/N
R
Device Family
5-6W regulated DC/DC
Model Number
xx = Input Voltage
y = Number of Outputs (S=single; D=dual)
zz = Output Voltage
Case Connection (Specify N=Neg. or P=Pos.)
P = Positive InputConnection
N = Negative Input Connection
Remote On/Off (Optional)
RoHS Compliant
C
WPO6RC.C01 Page 2 of 4
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
WP06RC
5-6 Watt High Density, Wide Input Range DC/DC Converter


Similar Part No. - WP06RC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
WP06R CANDD-WP06R Datasheet
493Kb / 4P
   5-6 WATT HIGH DENSITY, WIDE INPUT RANGE DC/DC CONVERTER
logo
Murata Power Solutions ...
WP06R MURATA-PS-WP06R Datasheet
184Kb / 4P
   5-6 Watt High Density, Wide Input Range DC/DC Converter
logo
C&D Technologies
WP06R12D05 CANDD-WP06R12D05 Datasheet
493Kb / 4P
   5-6 WATT HIGH DENSITY, WIDE INPUT RANGE DC/DC CONVERTER
logo
Murata Power Solutions ...
WP06R12D05 MURATA-PS-WP06R12D05 Datasheet
184Kb / 4P
   5-6 Watt High Density, Wide Input Range DC/DC Converter
logo
C&D Technologies
WP06R12D12 CANDD-WP06R12D12 Datasheet
493Kb / 4P
   5-6 WATT HIGH DENSITY, WIDE INPUT RANGE DC/DC CONVERTER
More results

Similar Description - WP06RC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
WP06R MURATA-PS-WP06R Datasheet
184Kb / 4P
   5-6 Watt High Density, Wide Input Range DC/DC Converter
logo
C&D Technologies
WP06R CANDD-WP06R Datasheet
493Kb / 4P
   5-6 WATT HIGH DENSITY, WIDE INPUT RANGE DC/DC CONVERTER
logo
CINCON ELECTRONICS Corp...
EC4SAW CINCON-EC4SAW Datasheet
284Kb / 2P
   5-6 WATT WIDE INPUT DC-DC CONVERTERS
logo
C&D Technologies
WFC02R CANDD-WFC02R Datasheet
177Kb / 4P
   2 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
WPC03R CANDD-WPC03R Datasheet
328Kb / 4P
   3 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
logo
Murata Power Solutions ...
WPC03R MURATA-PS-WPC03R Datasheet
189Kb / 4P
   3 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
WFC02RC MURATA-PS-WFC02RC Datasheet
155Kb / 4P
   2 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
PWR72 MURATA-PS-PWR72 Datasheet
87Kb / 2P
   3 WATT UNREGULATED WIDE INPUT RANGE DC/DC CONVERTER
logo
Power Systems GmbH+Co.K...
LWS-0505E POWER-SYSTEMS-LWS-0505E Datasheet
222Kb / 6P
   DC-DC Converter UNIT 5 W WIDE INPUT RANGE DC-DC CONVERTER
logo
Premier Magnetics, Inc.
PDCS06001 PMI-PDCS06001 Datasheet
31Kb / 2P
   5-6 WATT 2:1 WIDE INPUT RANGE DC/DC POWER MODULES (Rectangle Package)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com