Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WP06R48D12 Datasheet(PDF) 3 Page - Murata Power Solutions Inc.

Part # WP06R48D12
Description  5-6 Watt High Density, Wide Input Range DC/DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

WP06R48D12 Datasheet(HTML) 3 Page - Murata Power Solutions Inc.

  WP06R48D12 Datasheet HTML 1Page - Murata Power Solutions Inc. WP06R48D12 Datasheet HTML 2Page - Murata Power Solutions Inc. WP06R48D12 Datasheet HTML 3Page - Murata Power Solutions Inc. WP06R48D12 Datasheet HTML 4Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PIN CONNECTIONS
Pin Function
Number
Singles
Duals
2
-Vin
-Vin
3
-Vin
-Vin
5
On/Off (Optional)
On/Off (Optional)
9
No Connection
Com
10
No Connection
No Connection
11
No Connection
-Vout
14
+Vout
+Vout
15
No Connection
No Connection
16
-Vout
Com
22
+Vin
+Vin
23
+Vin
+Vin
MECHANICAL
NOTES:
1) All dimensions in inches (mm)
2) Case is metal and lead material is brass with a solder
plated surface to allow ease of solderability.
WP06RXXXXX
1.260”
(32.00)
0.787”
(20.00)
0.394”
(10.00)
0.020”
(0.50)
0.020”
(0.50)
0.256” (6.50)
0.180”
(4.57)
0.100”
(2.54)
0.200”
(5.08)
0.600”
(15.24)
0.093”
(2.36)
14 15 16
22 23
11 10 9
5
3 2
0.600”
(15.24)
THERMAL DERATING CURVE
Extended operating area
For extended temperature operation,
a forced air flow 500 LFM is required.
SIMPLIFIED CIRCUIT SCHEMATIC
Control
Optical
Isolation
Voltage
Reference
+Vin
-Vo
Com
+Vo
-Vin
TDC_WP06R_B01 Page 3 of 4
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
WP06R
5-6 Watt High Density, Wide Input Range DC/DC Converter


Similar Part No. - WP06R48D12

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
WP06R48D12 CANDD-WP06R48D12 Datasheet
493Kb / 4P
   5-6 WATT HIGH DENSITY, WIDE INPUT RANGE DC/DC CONVERTER
logo
Murata Power Solutions ...
WP06R48D12C MURATA-PS-WP06R48D12C Datasheet
175Kb / 4P
   5-6 Watt High Density, Wide Input Range DC/DC Converter
More results

Similar Description - WP06R48D12

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
WP06R CANDD-WP06R Datasheet
493Kb / 4P
   5-6 WATT HIGH DENSITY, WIDE INPUT RANGE DC/DC CONVERTER
logo
Murata Power Solutions ...
WP06RC MURATA-PS-WP06RC Datasheet
175Kb / 4P
   5-6 Watt High Density, Wide Input Range DC/DC Converter
logo
CINCON ELECTRONICS Corp...
EC4SAW CINCON-EC4SAW Datasheet
284Kb / 2P
   5-6 WATT WIDE INPUT DC-DC CONVERTERS
logo
C&D Technologies
WFC02R CANDD-WFC02R Datasheet
177Kb / 4P
   2 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
WPC03R CANDD-WPC03R Datasheet
328Kb / 4P
   3 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
logo
Murata Power Solutions ...
WPC03R MURATA-PS-WPC03R Datasheet
189Kb / 4P
   3 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
WFC02RC MURATA-PS-WFC02RC Datasheet
155Kb / 4P
   2 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
PWR72 MURATA-PS-PWR72 Datasheet
87Kb / 2P
   3 WATT UNREGULATED WIDE INPUT RANGE DC/DC CONVERTER
logo
Power Systems GmbH+Co.K...
LWS-0505E POWER-SYSTEMS-LWS-0505E Datasheet
222Kb / 6P
   DC-DC Converter UNIT 5 W WIDE INPUT RANGE DC-DC CONVERTER
logo
Premier Magnetics, Inc.
PDCS06001 PMI-PDCS06001 Datasheet
31Kb / 2P
   5-6 WATT 2:1 WIDE INPUT RANGE DC/DC POWER MODULES (Rectangle Package)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com