Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WPA60R48D3318C Datasheet(PDF) 10 Page - Murata Power Solutions Inc.

Part # WPA60R48D3318C
Description  60 Watt Dual Output Quarter Brick DC/DC Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

WPA60R48D3318C Datasheet(HTML) 10 Page - Murata Power Solutions Inc.

Back Button WPA60R48D3318C Datasheet HTML 6Page - Murata Power Solutions Inc. WPA60R48D3318C Datasheet HTML 7Page - Murata Power Solutions Inc. WPA60R48D3318C Datasheet HTML 8Page - Murata Power Solutions Inc. WPA60R48D3318C Datasheet HTML 9Page - Murata Power Solutions Inc. WPA60R48D3318C Datasheet HTML 10Page - Murata Power Solutions Inc. WPA60R48D3318C Datasheet HTML 11Page - Murata Power Solutions Inc. WPA60R48D3318C Datasheet HTML 12Page - Murata Power Solutions Inc. WPA60R48D3318C Datasheet HTML 13Page - Murata Power Solutions Inc. WPA60R48D3318C Datasheet HTML 14Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
10
WPA60R48DC
REV A: RoHS
08/2006
Product: www.cd4power.com
PERFORMANCE CURVES: WPA60R48D3325C and WPA60R48D3325-1C
Trim Up Graph
Trim Down Graph
Turn On Time (VIN to VOUT)
VIN
V1
V2
Time Scale = 50ms/div
V1
V2
Time Scale = 1ms/div
Rise Time (V1 and V2)
MODEL WPA60R48D3325C
Efficiency vs. Output Current
@ T
A = +25
0C
Efficiency vs. Input Voltage
@ T
A = +25
0C


Similar Part No. - WPA60R48D3318C

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
WPA60R48D3318 CANDD-WPA60R48D3318 Datasheet
179Kb / 4P
   60 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER
More results

Similar Description - WPA60R48D3318C

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
VSX60XD35 CANDD-VSX60XD35 Datasheet
158Kb / 4P
   60 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER
WPA60 CANDD-WPA60 Datasheet
179Kb / 4P
   60 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
VSX40MD23C MURATA-PS-VSX40MD23C Datasheet
129Kb / 4P
   40 Watt Dual Output Quarter Brick DC/DC Converter
VSX75MD35C MURATA-PS-VSX75MD35C Datasheet
262Kb / 6P
   75 Watt Dual Output Quarter Brick DC/DC Converter
logo
C&D Technologies
VSX50MD23 CANDD-VSX50MD23 Datasheet
682Kb / 5P
   50 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER
VSX40MD23 CANDD-VSX40MD23 Datasheet
153Kb / 4P
   40 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER
VSX75MD35 CANDD-VSX75MD35 Datasheet
658Kb / 5P
   75 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER
logo
Artesyn Technologies
ADQ500-48S12-6L ARTESYN-ADQ500-48S12-6L Datasheet
606Kb / 3P
   500 Watt Quarter Brick DC-DC Converter
AVQ200-36S12-6L ARTESYN-AVQ200-36S12-6L Datasheet
504Kb / 3P
   200 Watt Quarter Brick DC-DC Converter
logo
C&D Technologies
IHB60S CANDD-IHB60S Datasheet
267Kb / 4P
   60 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com