Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WPC03R12D05 Datasheet(PDF) 4 Page - Murata Power Solutions Inc.

Part # WPC03R12D05
Description  3 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

WPC03R12D05 Datasheet(HTML) 4 Page - Murata Power Solutions Inc.

  WPC03R12D05 Datasheet HTML 1Page - Murata Power Solutions Inc. WPC03R12D05 Datasheet HTML 2Page - Murata Power Solutions Inc. WPC03R12D05 Datasheet HTML 3Page - Murata Power Solutions Inc. WPC03R12D05 Datasheet HTML 4Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
WPC03R
01/2009
Page 4
TECHNICAL INFORMATION
Notes:
1.
All dimensions in inches and (millimeters).
2.
Units are encapsulated in a low thermal resistance molding compound which has excellent chemical resis-
tance, wide operating temperature range, and good electrical properties under high humidity environments.
The encapsulant and outer shell of the unit have UL94V-0 ratings. Lead material is matte tin 100 microinches
min., over nickel, 40-80 microinches.
3.
GRID: 0.100 inches, (2.54 mm).
4.
Pin Placement Tolerance: +0.015", (+.381 mm).
MECHANICAL SPECIFICATIONS
Pin
Pin Function
Number
Singles
Duals
2
-Vin
-Vin
3
-Vin
-Vin
9
No connection
Common
11
No connection
-Vout
14
+Vout
+Vout
16
-Vout
Common
22
+Vin
+Vin
23
+Vin
+Vin
PINOUT “E”
Pin
Pin Function
Number
Singles
Duals
1
+Vin
+Vin
2
No connection
-Vout
3
No connection
Common
10
-Vout
Common
11
+Vout
+Vout
12
-Vin
-Vin
13
-Vin
-Vin
14
+Vout
+Vout
15
-Vout
Common
22
No connection
Common
23
No connection
-Vout
24
+Vin
+Vin
PINOUT “L”
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2009 Murata Power Solutions, Inc.
USA:
Mansfield (MA), Tel: (508) 339 3000, email: sales@murata-ps.com
Canada:
Toronto, Tel: (866) 740 1232, email: toronto@murata-ps.com
UK:
Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com
France:
Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com
Germany:
München, Tel: +49 (0)89-544334-0, email: ped.munich@murata-ps.com
Japan:
Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com
Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com
China:
Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com
Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Singapore: Parkway Centre, Tel: +65 6348 9096, email: singapore@murata-ps.com
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 & ISO 14001 REGISTERED


Similar Part No. - WPC03R12D05

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
WPC03R12D05 CANDD-WPC03R12D05 Datasheet
328Kb / 4P
   3 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
More results

Similar Description - WPC03R12D05

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
WPC03R CANDD-WPC03R Datasheet
328Kb / 4P
   3 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
WFC02R CANDD-WFC02R Datasheet
177Kb / 4P
   2 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
logo
Murata Power Solutions ...
WFC02RC MURATA-PS-WFC02RC Datasheet
155Kb / 4P
   2 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
PWR72 MURATA-PS-PWR72 Datasheet
87Kb / 2P
   3 WATT UNREGULATED WIDE INPUT RANGE DC/DC CONVERTER
logo
C&D Technologies
PWR72 CANDD-PWR72 Datasheet
23Kb / 2P
   3 WATT UNREGULATED WIDE INPUT RANGE DC/DC CONVERTERS
logo
GAPTEC Electronic GmbH ...
3S8W-4.3RP GAPTEC-3S8W-4.3RP Datasheet
1Mb / 4P
   3W - Wide Input - Isolated & Regulated DC-DC Converter
logo
MORNSUN Science& Techno...
CWRF1215S-3W MORNSUN-CWRF1215S-3W Datasheet
994Kb / 4P
   3W,wide input isolated & regulated DC-DC converter
VRB2405LD-15WR3 MORNSUN-VRB2405LD-15WR3 Datasheet
3Mb / 8P
   15W, wide input, isolated & regulated DC/DC converter
logo
GAPTEC Electronic GmbH ...
3S6W4 GAPTEC-3S6W4 Datasheet
859Kb / 4P
   3W - Wide Input - Isolated & Regulated DC-DC Converter
logo
Murata Power Solutions ...
WP06R MURATA-PS-WP06R Datasheet
184Kb / 4P
   5-6 Watt High Density, Wide Input Range DC/DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com