Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WPN20R12S12 Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # WPN20R12S12
Description  20 Watt Regulated DC/DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

WPN20R12S12 Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  WPN20R12S12 Datasheet HTML 1Page - Murata Power Solutions Inc. WPN20R12S12 Datasheet HTML 2Page - Murata Power Solutions Inc. WPN20R12S12 Datasheet HTML 3Page - Murata Power Solutions Inc. WPN20R12S12 Datasheet HTML 4Page - Murata Power Solutions Inc. WPN20R12S12 Datasheet HTML 5Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ORDERING INFORMATION
SPECIFICATIONS, ALL MODELS
Specifications are at T
A = +25°C nominal input voltage, rated output current unless otherwise specified.
Logic Compatibility ..............................................Open Collector TTL
EC On ............................................................................ Open Circuit
EC Off.......................................................................................< 0.7V
Shutdown Idle Current.................................................................8mA
REMOTE ON/OFF CONTROL
WPN20R XXYZZ
Device Family
20W Regulated DC/DC Unit
Model Number
xx = Input Range, e.g. 48V
y = Number of Outputs (S=single; D=dual)
zz = Output Voltage, e.g. ‘05’ for 5V
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT
Voltage Range
9
12
18
VDC
18
24
36
VDC
33
48
75
VDC
Reflected Ripple Current
All Input Ranges
50
mApk-pk
INPUT CONTROL
Temperature Shutdown
Case
105
115
°C
Temperature Hysteresis
10
°C
Quiescent Standby Current
Current Into + VIN
8
10
mA
Undervoltage Control
See Attached Plots
OUTPUT
ISOLATION
Rated Voltage
1500
VDC
Test Voltage
60Hz, 10 Seconds
1500
VDC
Resistance
10
G
Ω
Capacitance
400
pF
Leakage Current
30
mArms
Rated Power
20
W
Voltage Setpoint Accuracy
±1.5
%
Temperature Coefficient
±0.005
% /°C
Line Regulation
Singles
High Line to Low Line
±0.1
%
Duals
High Line to Low Line
±0.5
%
Load Regulation
Singles
Mn Load to Nom. Load
±0.5
%
Duals
Mn Load to Nom. Load
±2.0
%
Ripple & Noise
Single Outputs
BW = 5Hz to 20MHz
60
100
mVp-p
Dual Outputs
BW = 5Hz to 20MHz
50
100
mVp-p
Output Adjust Range
See Attached Plots
Short Circuit and Overcurrent Protection
Continuous
Max Capacitive Load
550
μF/A
GENERAL
Switching Frequency
300
kHz
MTTF per ML-HDBK-217
Circuit Stress Method
Ground Benign
Ta = +25° Unmodified Database
1,400,000
Hr
Package Weight
32
g
Moisture Sensitivity Level (MSL)
as per IPC/JEDEC J-STD-20
2
TEMPERATURE
Specification
Case
-40
+ 85
°C
Operation
Case
-40
+ 85
°C
Storage
-55
+125
°C
WPN20R.B01 Page 2 of 5
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
WPN20R
20 Watt Regulated DC/DC Converter


Similar Part No. - WPN20R12S12

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
WPN20R12S12 CANDD-WPN20R12S12 Datasheet
849Kb / 4P
   20 WATT REGULATED DC/DC CONVERTER
logo
Murata Manufacturing Co...
WPN20R12S12C MURATA-WPN20R12S12C Datasheet
221Kb / 4P
   20W Regulated DC/DC Converter
More results

Similar Description - WPN20R12S12

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
WPN20R CANDD-WPN20R Datasheet
849Kb / 4P
   20 WATT REGULATED DC/DC CONVERTER
HL02R CANDD-HL02R Datasheet
51Kb / 4P
   2 WATT REGULATED DC/DC CONVERTER
PWR51XX CANDD-PWR51XX Datasheet
108Kb / 2P
   9 WATT REGULATED DC/DC CONVERTER
HL01R CANDD-HL01R Datasheet
49Kb / 4P
   1 WATT REGULATED DC/DC CONVERTER
logo
Murata Power Solutions ...
HL02RYC MURATA-PS-HL02RYC Datasheet
128Kb / 3P
   2 WATT REGULATED DC/DC CONVERTER
HL01R MURATA-PS-HL01R Datasheet
95Kb / 4P
   1 WATT REGULATED DC/DC CONVERTER
HL01RZC MURATA-PS-HL01RZC Datasheet
132Kb / 3P
   1 WATT REGULATED DC/DC CONVERTER
PWR6000 MURATA-PS-PWR6000 Datasheet
123Kb / 4P
   1.8 WATT REGULATED DC/DC CONVERTER
HL01RYC MURATA-PS-HL01RYC Datasheet
125Kb / 3P
   1 WATT REGULATED DC/DC CONVERTER
logo
AIMTEC
AM20E-Z AIMTEC-AM20E-Z_16 Datasheet
423Kb / 5P
   20 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com