Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3CX5000H3 Datasheet(PDF) 1 Page - Communications & Power Industries, Inc.

Part # 3CX5000H3
Description  Grid driven RF amplifier
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CPI [Communications & Power Industries, Inc.]
Direct Link  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

3CX5000H3 Datasheet(HTML) 1 Page - Communications & Power Industries, Inc.

  3CX5000H3 Datasheet HTML 1Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MaxiMuMRatings
typicalOpeRatiOn
classof
typeofservice
plate
plate
plate
screen
plate
Drive
Output
Operation
Voltage current
Voltage Voltage current
power
power
(Volts)
(amps)
(Volts)
(Volts)
(amps) (Watts) (kiloWatts)
c
griddrivenRFamplifier
7,500
3.0
---
---
---
---
---
c
griddrivenRFamplifierplatemodulated
5,000
2.5
---
---
---
---
---
c
RFindustrialoscillator
10,000
3.0
9,000
---
2.5
208
18.6
aB
griddrivenaFamplifierormodulator
7,500
4.0
---
---
---
---
---
The 3CX5000H3 is a forced air cooled, ceramic/
metal, medium-mu power triode designed primar-
ily for use in industrial radio frequency heating
services. Input of 23.6 kW is permissible up to 90
MHz. Plentiful reserve emission is available from
its 560 watt filament. The grid structure is rated
at 150 watts, making this tube an excellent choice
for industrial service.
3cx5000H3
Forinformationon this and other CPI products, visit our website at:www.cpii.com,
or contact: CPI MPP Division, Eimac Operations, 607 Hansen Way, Palo Alto, CA 94303
telephone
: 1(800) 414-8823. fax: (650) 592-9988 | email: powergrid@cpii.com
The values listed above represent specified limits for the product and are subject to change. The data should be used for basic
information only. Formal, controlled specifications may be obtained from CPI for use in equipment design.
cHaRacteRistics
Plate Dissipation (Max.)
5,000 Watts
Screen Dissipation (Max.)
---
Grid Dissipation (Max.)
150 Watts
Frequency for Max. rating (CW)
90 MHz
Amplification Factor
18
Filament/Cathode
Thoriated Tungsten
Voltage
7.5 Volts
Current
74.5 Amps
Capacitance
Grounded Cathode
Input
51.0 pf
Output
1.5 pf
Feedthrough
25 pf
Capacitance
---
Input
--- pf
Output
--- pf
Feedthrough
--- pf
Cooling
Forced Air
Base
Flexible Filament
Leads
Air Socket
---
Air Chimney
SK-1316
Boiler
---
Length
17.50 in; 444.50 mm
Diameter
6.45 in; 163.80 mm
Weight
10.0 lb ; 4.5 kg


Similar Part No. - 3CX5000H3

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
3CX5000A3 CPI-3CX5000A3 Datasheet
87Kb / 1P
   Grid Driven RF Amplifier
3CX5000A7 CPI-3CX5000A7 Datasheet
91Kb / 1P
   Cathode driven RF linear amplifier
More results

Similar Description - 3CX5000H3

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
3CX15-000A3 CPI-3CX15-000A3 Datasheet
138Kb / 1P
   Grid driven RF amplifier
3CW5000F3 CPI-3CW5000F3 Datasheet
89Kb / 1P
   Grid Driven RF Amplifier
3CW5000A3 CPI-3CW5000A3 Datasheet
91Kb / 1P
   Grid Driven RF Amplifier
3CX20-000A3 CPI-3CX20-000A3 Datasheet
111Kb / 1P
   Grid driven RF amplifier
4CX3500A CPI-4CX3500A Datasheet
97Kb / 1P
   Grid driven RF amplifier
4CX12-000A CPI-4CX12-000A Datasheet
92Kb / 1P
   RF amplifier, grid-driven
3CX15-000A7 CPI-3CX15-000A7 Datasheet
139Kb / 1P
   Grid driven RF amplifier
3CX1000A7 CPI-3CX1000A7 Datasheet
98Kb / 1P
   Grid driven RF amplifier
3CX5000A3 CPI-3CX5000A3 Datasheet
87Kb / 1P
   Grid Driven RF Amplifier
3CW60-000D3 CPI-3CW60-000D3 Datasheet
122Kb / 1P
   Grid driven RF amplifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com