Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8400001EA Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # 8400001EA
Description  DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

8400001EA Datasheet(HTML) 1 Page - Texas Instruments

  8400001EA Datasheet HTML 1Page - Texas Instruments 8400001EA Datasheet HTML 2Page - Texas Instruments 8400001EA Datasheet HTML 3Page - Texas Instruments 8400001EA Datasheet HTML 4Page - Texas Instruments 8400001EA Datasheet HTML 5Page - Texas Instruments 8400001EA Datasheet HTML 6Page - Texas Instruments 8400001EA Datasheet HTML 7Page - Texas Instruments 8400001EA Datasheet HTML 8Page - Texas Instruments 8400001EA Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SN54ALS109A, SN54AS109A, SN74ALS109A, SN74AS109A
DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS
WITH CLEAR AND PRESET
SDAS198B – APRIL 1982 – REVISED AUGUST 1995
Copyright
© 1995, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Package Options Include Plastic
Small-Outline (D) Packages, Ceramic Chip
Carriers (FK), and Standard Plastic (N) and
Ceramic (J) 300-mil DIPs
TYPE
TYPICAL MAXIMUM
CLOCK
FREQUENCY
(MHz)
TYPICAL POWER
DISSIPATION
PER FLIP-FLOP
(mW)
′ALS109A
50
6
′AS109A
129
29
description
These devices contain two independent J-K
positive-edge-triggered flip-flops. A low level at
the preset (PRE) or clear (CLR) inputs sets or
resets the outputs regardless of the levels of the
other inputs. When PRE and CLR are inactive
(high), data at the J and K inputs meeting the
setup-time requirements are transferred to the
outputs on the positive-going edge of the clock
(CLK) pulse. Clock triggering occurs at a voltage
level and is not directly related to the rise time of
the clock pulse. Following the hold-time interval,
data at the J and K inputs can be changed without
affecting the levels at the outputs. These versatile
flip-flops can perform as toggle flip-flops by
grounding K and tying J high. They also can
perform as D-type flip-flops if J and K are tied
together.
The SN54ALS109A and SN54AS109A are characterized for operation over the full military temperature range
of – 55
°C to 125°C. The SN74ALS109A and SN74AS109A are characterized for operation from 0°C to 70°C.
FUNCTION TABLE
INPUTS
OUTPUTS
PRE
CLR
CLK
J
K
Q
Q
L
H
X
X
X
H
L
H
LX
X
X
L
H
L
LX
X
X
H†
H†
H
H
LL
L
H
H
H
H
L
Toggle
H
H
LH
Q0
Q0
H
H
HH
H
L
H
H
L
X
X
Q0
Q0
† The output levels in this configuration are not specified to
meet the minimum levels for VOH if the lows at PRE and
CLR
are
near
VIL maximum. Furthermore, this
configuration is nonstable; that is, it does not persist when
either PRE or CLR returns to its inactive (high) level.
SN54ALS109A, SN54AS109A ...J PACKAGE
SN74ALS109A, SN74AS109A ...D OR N PACKAGE
(TOP VIEW)
SN54ALS109A, SN54AS109A . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1CLR
1J
1K
1CLK
1PRE
1Q
1Q
GND
VCC
2CLR
2J
2K
2CLK
2PRE
2Q
2Q
32 1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
2J
2K
NC
2CLK
2PRE
1K
1CLK
NC
1PRE
1Q
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - 8400001EA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
8400001EA TI1-8400001EA Datasheet
1Mb / 19P
[Old version datasheet]   DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
More results

Similar Description - 8400001EA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54ACT109 TI-CD54ACT109_08 Datasheet
349Kb / 11P
[Old version datasheet]   DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
SN54109 TI-SN54109 Datasheet
271Kb / 7P
[Old version datasheet]   DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH PRESET AND CLEAR
CD54ACT109 TI-CD54ACT109 Datasheet
337Kb / 10P
[Old version datasheet]   DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
SN54F109 TI1-SN54F109_15 Datasheet
563Kb / 15P
[Old version datasheet]   DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
SN74HC109NSR TI1-SN74HC109NSR Datasheet
855Kb / 19P
[Old version datasheet]   DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
SN74LS109 TI1-SN74LS109_V01 Datasheet
409Kb / 12P
[Old version datasheet]   DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH PRESET AND CLEAR
2022
74AC11109 TI-74AC11109 Datasheet
89Kb / 7P
[Old version datasheet]   DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
SN54ALS109A TI1-SN54ALS109A_15 Datasheet
1Mb / 19P
[Old version datasheet]   DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
SN54F109 TI-SN54F109 Datasheet
109Kb / 6P
[Old version datasheet]   DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
logo
Hitachi Semiconductor
HD74LS109A HITACHI-HD74LS109A Datasheet
68Kb / 6P
   Dual J-K Positive-edge-triggered Flip-Flops(with Preset and Clear)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com