Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

820NRA3ES6R Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # 820NRA3ES6R
Description  CIT SWITCH
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

820NRA3ES6R Datasheet(HTML) 1 Page - CIT Relay & Switch

  820NRA3ES6R Datasheet HTML 1Page - CIT Relay & Switch 820NRA3ES6R Datasheet HTML 2Page - CIT Relay & Switch 820NRA3ES6R Datasheet HTML 3Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Website: www.citswitch.com
Tel: 763-535-2339 Fax: 763-535-2194
SPECIFICATIONS
Electrical Ratings
100mA @ 48VDC
See Contact Options
Electrical Life
100,000 cycles typical
Contact Resistance
< 50 m
Ω initial
Actuation Force
200 +/- 50gF
Actuator Travel
2.5 +/- .3mm
Dielectric Strength
1000Vrms min
Insulation Resistance
> 100M
Ω min
Operating Temperature
Storage Temperature
-40
°C to 85°C
-40
°C to 85°C
MATERIALS
RoHS COMPLIANT
Actuator
Acetal
Housing
6/6 Nylon
Cover / Cap
6/6 Nylon
Contacts
Silver or Gold plated copper alloy
Terminals
Silver or Gold plated copper alloy
ORDERING INFORMATION
820
1. Series:
820
820
L
2. Latching Option:
N = Momentary
L = Latching
R
3. Contact Options:
Q = Silver
R = Gold
B
4. Cap Style:
A = Large Cap
B = Small Cap
2
5. Cap Color:
1 = White
2 = Black
3 = Red
4 = Yellow
5 = Green
6 = Orange
7 = Blue
9 = Light Gray
E2
6. Cover Style: **ONLY AVAILABLE WITH “B SMALL CAP”
SS = Standard Cover
ES = Extended Cover
E1 = Extended Cover with 1 LED
E2 = Extended Cover with 2 LEDs
2
7. Cover Color:
1 = White
2 = Black
3 = Red
4 = Yellow
5 = Green
6 = Orange
7 = Blue
9 = Light Gray
R
8. LED 1 - Color:
Blank = No LED
R = Red
Y = Yellow
G = Green
G
9. LED 2 - Color:
Blank = No LED
R = Red
Y = Yellow
G = Green


Similar Part No. - 820NRA3ES6R

ManufacturerPart #DatasheetDescription
logo
Littelfuse
820 LITTELFUSE-820 Datasheet
85Kb / 1P
   Panel Mount, Shocksafe 5x20mm Fuses
logo
Productwell Precision E...
820 PRODUCTWELL-820 Datasheet
178Kb / 4P
   SHIELDED SMT POWER INDUCTORS
logo
AiT Semiconductor Inc.
820 AITSEMI-820 Datasheet
817Kb / 4P
   POWER INDUCTOR
820 AITSEMI-820 Datasheet
718Kb / 4P
   WIRE WOUND SMD INDUCTOR
logo
WECO ELECTRICAL CONNECT...
820 WECO-820 Datasheet
163Kb / 1P
   Screw/plug-in terminal strip Screw/screwless connection
01.18
More results

Similar Description - 820NRA3ES6R

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J115F31A3VDCS CIT-J115F31A3VDCS Datasheet
218Kb / 3P
   CIT SWITCH
J117F1AS5VDC CIT-J117F1AS5VDC Datasheet
159Kb / 2P
   CIT SWITCH
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
   CIT SWITCH
MS1206 CIT-MS1206 Datasheet
120Kb / 1P
   CIT SWITCH
MS2201 CIT-MS2201 Datasheet
131Kb / 1P
   CIT SWITCH
MS2208 CIT-MS2208 Datasheet
126Kb / 1P
   CIT SWITCH
CT1102V CIT-CT1102V Datasheet
176Kb / 2P
   CIT SWITCH
CTA1 CIT-CTA1 Datasheet
158Kb / 2P
   CIT SWITCH
CTA1M CIT-CTA1M Datasheet
158Kb / 2P
   CIT SWITCH
CTA3 CIT-CTA3 Datasheet
278Kb / 3P
   CIT SWITCH
CTA7 CIT-CTA7 Datasheet
167Kb / 2P
   CIT SWITCH
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com