Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

107ACZ050MLL Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 107ACZ050MLL
Description  105째C Very Low Impedance Surface Mount Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

107ACZ050MLL Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  107ACZ050MLL Datasheet HTML 1Page - Illinois Capacitor, Inc. 107ACZ050MLL Datasheet HTML 2Page - Illinois Capacitor, Inc. 107ACZ050MLL Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
2
®
ACZ
DxL (mm)
WVDC
(SV)
(µF)
6.3
10
16
25
35
50
(7.9)
(13)
(20)
(32)
(44)
(63)
10
5x5.8
6.3x5.8
15
5x5.8
6.3x5.8
22
5x5.8
6.3x5.8
27
5x5.8
6.3x5.8
33
5x5.8
6.3x5.8
6.3x7.7
8x6.2
47
5x5.8
6.3x5.8
6.3x7.7
8x6.2
56
5x5.8
6.3x5.8
8x10.2
68
6.3x5.8
6.3x7.7
8x10.2
100
6.3x5.8
6.3x7.7
8x10.2
8x10.2
10x10.2
150
6.3x5.8
6.3x7.7
8x10.2
8x10.2
220
6.3x5.8
6.3x7.7
8x10.2
10x10.2
8x6.2
330
6.3x7.7
8x10.2
10x10.2
8x6.2
470
8x10.2
10x10.2
680
8x10.2
10x10.2
1000
8x10.2
10x10.2
1500
10x10.2
DIMENSIONS
5
6.3
6.3
8
8
10
5.8
5.8
7.7
6.2
10.2
10.2
5.3
6.6
6.6
8.3
8.3
10.3
5.3
6.6
6.6
8.3
8.3
10.3
5.9
7.3
7.3
9.9
9.9
11.6
1.4
2.2
2.2
3.2
3.2
4.6
6.5±0.1
0.5±0.1
0.5±0.1
0.9±0.2
0.9±0.2
0.9±0.2
(mm)
D+0.5 MAX
L±0.3
W±0.2
H±0.2
C±0.2
R
P±0.2
0.3 MAX
W
L
R
(+)
+105°C Very Low
Impedance Surface
Mount Aluminum
Electrolytic Capacitors
PHYSICAL DIMENSIONS


Similar Part No. - 107ACZ050MLL

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
107ACZ050MLL ILLINOISCAPACITOR-107ACZ050MLL Datasheet
230Kb / 2P
   105C Very Low Impedance Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - 107ACZ050MLL

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
105AXZ050M ILLINOISCAPACITOR-105AXZ050M Datasheet
114Kb / 3P
   105째C Low Impedance Surface Mount Chip Aluminum Electrolytic Capacitors
106ACZ035M ILLINOISCAPACITOR-106ACZ035M_13 Datasheet
230Kb / 2P
   105C Very Low Impedance Surface Mount Aluminum Electrolytic Capacitors
105GAZ035M ILLINOISCAPACITOR-105GAZ035M Datasheet
412Kb / 2P
    105째C Low Impedance, Low Profile Surface Mount Chip Aluminum Electrolytic Capacitors
474KXM100M ILLINOISCAPACITOR-474KXM100M Datasheet
130Kb / 5P
   105째C Low Impedance Radial Lead Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
136RVI VISHAY-136RVI Datasheet
77Kb / 17P
   Aluminum electrolytic capacitors Radial, Very Low Impedance
2000 Jan 18
136RVI VISHAY-136RVI_16 Datasheet
157Kb / 11P
   Aluminum Electrolytic Capacitors Radial Very Low Impedance
Revision: 16-Sep-16
136RVI VISHAY-136RVI_V01 Datasheet
148Kb / 11P
   Aluminum Electrolytic Capacitors Radial Very Low Impedance
01-Jan-2023
logo
Illinois Capacitor, Inc...
105AXZ050M ILLINOISCAPACITOR-105AXZ050M_13 Datasheet
227Kb / 2P
   105C Low Impedance Surface Mount Aluminum Electrolytic Capacitors
104NCN050M ILLINOISCAPACITOR-104NCN050M Datasheet
411Kb / 2P
   105째C Non-polarized Surface Mount Aluminum Electrolytic Capacitors
477JZM016M ILLINOISCAPACITOR-477JZM016M Datasheet
414Kb / 2P
   105째C Low ESR Low Impedance Aluminimum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com