Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML-6422 Datasheet(PDF) 1 Page - Communications & Power Industries, Inc.

Part # ML-6422
Description  AM broadcast and industrial heating appli-cations
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CPI [Communications & Power Industries, Inc.]
Direct Link  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

ML-6422 Datasheet(HTML) 1 Page - Communications & Power Industries, Inc.

  ML-6422 Datasheet HTML 1Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MaxiMuMRatings
typicalOpeRatiOn
classof
typeofservice
plate
plate
plate
screen
plate
Drive
Output
Operation
Voltage current
Voltage Voltage current
power
power
(Volts)
(amps)
(Volts)
(Volts)
(amps) (Watts) (kiloWatts)
c
industrialOscillator
12,500
2.5
10,000
-400
1.6
160
11.9
c
industrialOscillator
12,500
2.5
12,000
-400
2.1
200
18.2
c
platemodulatedRFamplifier(telephony)
9,000
1.8
9,000
-600
0.85
135
6.3
The ML-6422 and 6422 are medium-Mu triodes
used in AM broadcast and industrial heating appli-
cations. The water cooled anodes in these tubes
are rated at 20 kilowatts.
Ml-6422/6422
Forinformationon this and other CPI products, visit our website at:www.cpii.com,
or contact: CPI MPP Division, Eimac Operation, 607 Hansen Way, Palo Alto, CA 94303
telephone
: 1(800) 414-8823. fax: (650) 592-9988 | email: powergrid@cpii.com
The values listed above represent specified limits for the product and are subject to change. The data should be used for basic
information only. Formal, controlled specifications may be obtained from CPI for use in equipment design.
chaRacteRistics
Plate Dissipation (Max.)
20,000 Watts
Screen Dissipation (Max.)
N/A
Grid Dissipation (Max.)
600 Watts
Frequency for Max. rating (CW)
30 MHz
Amplification Factor
90
Filament/Cathode
Thoriated Tungsten
Voltage
7.0 Volts
Current
85 Amps
Capacitance
Grounded Cathode
Input
30 pf
Output
2.0 pf
Cgp
24 pf
Capacitance
N/A
Input
pf
Output
pf
Feedthrough
pf
Cooling
Water and Forced Air
Base
Special
Air Socket
Air Chimney
N/A
Boiler
N/A
Length
15.5 in; 39.3 cm
Diameter
tbs in; tbs cm
Weight
10 lb; 4.53 kg


Similar Part No. - ML-6422

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
ML-6420 CPI-ML-6420 Datasheet
79Kb / 1P
   AM broadcast and industrial heating ap-plications
ML-6421F CPI-ML-6421F Datasheet
79Kb / 1P
   AM broadcast and industrial heating applications
ML-6423 CPI-ML-6423 Datasheet
79Kb / 1P
   AM broadcast and industrial heating appli-cations
ML-6424 CPI-ML-6424 Datasheet
79Kb / 1P
   AM broadcast and industrial heating appli-cations
ML-6425 CPI-ML-6425 Datasheet
79Kb / 1P
   AM broadcast and industrial heating appli-cations
More results

Similar Description - ML-6422

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
ML-6423 CPI-ML-6423 Datasheet
79Kb / 1P
   AM broadcast and industrial heating appli-cations
ML-6424 CPI-ML-6424 Datasheet
79Kb / 1P
   AM broadcast and industrial heating appli-cations
ML-6427 CPI-ML-6427 Datasheet
79Kb / 1P
   AM broadcast and industrial heating appli-cations
ML-6425 CPI-ML-6425 Datasheet
79Kb / 1P
   AM broadcast and industrial heating appli-cations
ML-6421F CPI-ML-6421F Datasheet
79Kb / 1P
   AM broadcast and industrial heating applications
ML-6426 CPI-ML-6426 Datasheet
80Kb / 1P
   AM broadcast and industrial heating applications
ML-6420 CPI-ML-6420 Datasheet
79Kb / 1P
   AM broadcast and industrial heating ap-plications
logo
Silicon Laboratories
SI4730-D60 SILABS-SI4730-D60 Datasheet
990Kb / 3P
   Broadcast AM/FM Radio Receiver
SI4736-C40 SILABS-SI4736-C40 Datasheet
1Mb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4730-C40-GU SILABS-SI4730-C40-GU Datasheet
370Kb / 42P
   BROADCAST AM/FM RADIO RECEIVER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com