Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

188AFA2R5M Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 188AFA2R5M
Description  Surface Mount Aluminum Polymer Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

188AFA2R5M Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  188AFA2R5M Datasheet HTML 1Page - Illinois Capacitor, Inc. 188AFA2R5M Datasheet HTML 2Page - Illinois Capacitor, Inc. 188AFA2R5M Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2.5
2.8
4
4.6
6.3
7.2
10
11.5
16
18.4
-55°C to +105°C
See Part Listing
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
I Low Impedance
I High Current
I High Frequency
I Long Life
I High Temperature
I RoHS Compliant
FEATURES
AFA
Surface Mount Aluminum
Polymer Electrolytic Capacitors
SPECIFICATIONS
Surge Voltage
WVDC
Load Life
Dissipation Factor
120Hz, 20°C
See Part Listing
Capacitance change
Dissipation Factor
Leakage Current
≤20% of initially measured value
≤150% of maximum specified value
<100% of maximum specified value
2000 Hours at rated voltage and +105°C
High Ripple Current at High Frequencies
8 5
4 7
10
v
Shelf Life
Capacitance change
Dissipation Factor
Leakage Current
≤25% of initially measured value
≤200% of maximum specified value
<100% of maximum specified value
1000 hours at 105°C with no voltage applied
Capacitance change
Dissipation Factor
Leakage Current
≤25% of initially measured value
≤150% of maximum specified value
≤100% of maximum specified value
Operating Temperature Range
Capacitance Tolerance
±20%, 120Hz and 20°C
2 Minutes
SVDC
WVDC
2.5
4
6.3
10
16
2.5
4
6.3
10
16
tan
δ
Leakage Current
Low temperature stability
Impedance ratio
(120 Hz)
Rated WVDC
-55°C / +20°C
.75 to 1.25
.75 to 1.25
+105°C / +20°C
Moisture Resistance Under
No Load Test
1,000 hours at 60°C with 90-95% relative humidity


Similar Part No. - 188AFA2R5M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
188AFB2R5M ILLINOISCAPACITOR-188AFB2R5M Datasheet
410Kb / 3P
   Radial Lead Aluminum Polymer Electrolytic Capacitors
More results

Similar Description - 188AFA2R5M

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPC NIC-NPC_14 Datasheet
103Kb / 4P
   Surface Mount Solid Polymer Aluminum Electrolytic Capacitors
NSP NIC-NSP Datasheet
72Kb / 5P
   Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
logo
Cornell Dubilier Electr...
ESR820M0G1316 CDE-ESR820M0G1316 Datasheet
41Kb / 3P
   TYPE ESR SURFACE MOUNT POLYMER ALUMINUM ELECTROLYTIC CAPACITORS.
logo
Kemet Corporation
A765EB397M0ELAE020 KEMET-A765EB397M0ELAE020 Datasheet
4Mb / 17P
   Surface Mount Conductive Polymer Aluminum Solid Electrolytic Capacitors
A767EB226M1HLAE050 KEMET-A767EB226M1HLAE050 Datasheet
3Mb / 17P
   Surface Mount Conductive Polymer Aluminum Solid Electrolytic Capacitors
logo
NIC-Components Corp.
NSP NIC-NSP_14 Datasheet
257Kb / 6P
   Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
logo
Murata Manufacturing Co...
C90E MURATA-C90E Datasheet
533Kb / 9P
   Polymer Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
4SW150M2.7X7.3 RUBYCON-4SW150M2.7X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SW470MX RUBYCON-2.5SW470MX Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ270MR06 RUBYCON-2.5SWZ270MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com