Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VKC7936G Datasheet(PDF) 2 Page - Communications & Power Industries, Inc.

Part # VKC7936G
Description  C-Band Klystrons
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CPI [Communications & Power Industries, Inc.]
Direct Link  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

VKC7936G Datasheet(HTML) 2 Page - Communications & Power Industries, Inc.

  VKC7936G Datasheet HTML 1Page - Communications & Power Industries, Inc. VKC7936G Datasheet HTML 2Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
VA936/VKC7936 Series
Typical Characteristics
Communications & Power Industries Canada Inc.
45 River Drive / Georgetown, Ontario / Canada L7G 2J4
Hot Line Telephone: 1-800-267-JETSAT
Tel: (905) 877-0161 Fax: (905) 877-5327
E-MAIL: marketing@cmp.cpii.com
WEB: www.cpii.com/cmp
communications & medical products division
For complete information on the full VA936/VKC7936 Series
and other klystrons used in satellite communications, please
contact your local CPI office, or CPI Canada Inc.
Frequency Range
Instantaneous
Output
Beam
Beam
Type
(GHz)*Note 1
Bandwidth
Power
Gain (dB)
Voltage
Current
(MHz)*Note 2
(W)
(kV)
(mA)
VA936/VKC7936J
5.925 - 6.425
45
1550
40
6.8
0.83
VA936/VKC7936T
5.850 - 6.425
50
1550
40
6.8
1.10
VA936/VKC7936G
5.925 - 6.425
50
3100
43
8.15
1.10
VKC7936L
5.925 - 6.425
50
3450
44
8.3
1.10
VKC7936R
5.850 - 6.425
50
3450
44
8.3
1.10
VKC7936W
5.945 - 6.455
50
3450
44
8.3
1.10
VKC7936X
5.945 - 6.435
50
3450
44
8.3
1.10
VKC7936Y
5.850 - 6.480
50
3450
44
8.3
1.10
• Note 1: Frequencies listed are channel centers.
• Note 2: Bandwidth measured at –1dB points.
• For full specifications please contact CPI.
Sample Outline Drawing


Similar Part No. - VKC7936G

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VKC7980 CPI-VKC7980 Datasheet
616Kb / 2P
   Wide Bandwidth Series
VKC7980B CPI-VKC7980B Datasheet
616Kb / 2P
   Wide Bandwidth Series
VKC7980W CPI-VKC7980W Datasheet
616Kb / 2P
   Wide Bandwidth Series
VKC7988B2 CPI-VKC7988B2 Datasheet
459Kb / 2P
   C-BAND KLYSTRONS
More results

Similar Description - VKC7936G

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VKC7988B2 CPI-VKC7988B2 Datasheet
459Kb / 2P
   C-BAND KLYSTRONS
VKC2486 CPI-VKC2486 Datasheet
134Kb / 2P
   C-Band Klystrons
VKC2489 CPI-VKC2489 Datasheet
641Kb / 2P
   C-Band Klystrons
VA888 CPI-VA888 Datasheet
503Kb / 2P
   C-BAND KLYSTRONS
logo
List of Unclassifed Man...
PHOENIXTM1400 ETC2-PHOENIXTM1400 Datasheet
465Kb / 2P
   Full C-band tunability
logo
United Monolithic Semic...
CHZ050A-SEA UMS-CHZ050A-SEA_15 Datasheet
696Kb / 12P
   50W C Band HPA
logo
HBH Microwave GmbH
HA5003 HBH-HA5003 Datasheet
20Kb / 2P
   C-Band Driver Amplifier
logo
Finisar Corporation.
1012213 FINISAR-1012213 Datasheet
43Kb / 1P
   Optical Circulators (C-band)
logo
Dow-Key Microwave Corpo...
5096 DOW-KEY-5096 Datasheet
384Kb / 1P
   C-band Fan-Out
logo
JDS Uniphase Corporatio...
EPM605-250 JDSU-EPM605-250 Datasheet
326Kb / 8P
   C-Band, L-Band, Pass Band Low Leakage PIN Photodiodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com