Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDS713 Datasheet(PDF) 1 Page - Zentrum Mikroelektronik Dresden AG

Part # MDS713
Description  Package PDIP28
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

MDS713 Datasheet(HTML) 1 Page - Zentrum Mikroelektronik Dresden AG

  MDS713 Datasheet HTML 1Page - Zentrum Mikroelektronik Dresden AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ZMD-Standard
November 2001
Supersedes
Edition 11.95
Package PDIP28
(600 mil)
MDS
713
Zentrum Mikroelektronik Dresden AG
Editor: signed Schoder
Date: 27.11.2001
Doc-No.
QS-000713-HD-03
Check: signed Marx
Quality signed Lorenz:
Als Betriebsgeheimnis anvertraut. Alle Rechte vorbehalten.
Proprietary data, company confidential. All rights reserved.
Seating Plane
Dimensions in millimetres
Based on IEC 191-2N: Type 051G06
1Dimensions
Dimensions of Sub-Group B1
Dimensions of Sub-Group C1
Amax
5,10
Amin
3,00
A1min
0,38
A1max
1,80
b1min**
0,35
Lmax
5,00
b1max**
0,59
Dmin*
36,70
cmin
0,20
Dmax*
37,50
cmax
0,36
°min
0
enom
2,54
°max
15
e1nom
15,24
* without mold-flash
Emin*
13,60
**The lead position tolerance requires slots with a
minimum diameter of 0,7mm. The spacing between
adjacent slots is 2,54mm.
Emax*
14,30
Lmin
2,60
Zmax
2,54
2Weight
 4,0 g
3 Package Body Material
Low Stress Epoxy
4Lead Material
FeNi-Alloy or Cu-Alloy
5Lead Finish
solder plating
E
c
e1
°
1
D
28
e
b1
Z
M
0,254
Pin 1 Index area


Similar Part No. - MDS713

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
MDS712 ZMD-MDS712 Datasheet
128Kb / 1P
   Package PDIP24
MDS715 ZMD-MDS715 Datasheet
29Kb / 1P
   Package SOP28
MDS716 ZMD-MDS716 Datasheet
152Kb / 1P
   Package PQFP44
MDS717 ZMD-MDS717 Datasheet
156Kb / 1P
   Package PQFP80
MDS718 ZMD-MDS718 Datasheet
157Kb / 1P
   Package PQFP100
More results

Similar Description - MDS713

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
MDS735 ZMD-MDS735 Datasheet
127Kb / 1P
   Package PDIP28
logo
Amkor Technology
PSVFBGA AMKOR-PSVFBGA Datasheet
251Kb / 2P
   Package on Package (PoP) Family
logo
KEC(Korea Electronics)
KDV239 KEC-KDV239_08 Datasheet
349Kb / 1P
   USC PACKAGE
KDV269 KEC-KDV269_08 Datasheet
350Kb / 1P
   USC PACKAGE
KDV269E KEC-KDV269E_04 Datasheet
49Kb / 1P
   ESC PACKAGE
KDV269V KEC-KDV269V Datasheet
14Kb / 1P
   VSC PACKAGE
KDV273 KEC-KDV273_08 Datasheet
349Kb / 1P
   USC PACKAGE
KDZ11V KEC-KDZ11V_08 Datasheet
21Kb / 1P
   USC PACKAGE
KDZ110VW KEC-KDZ110VW Datasheet
21Kb / 1P
   USC PACKAGE
KDR105 KEC-KDR105_08 Datasheet
21Kb / 1P
   USM PACKAGE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com