Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

686BPA025M Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 686BPA025M
Description  85째C Non-Polar Axial Lead Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

686BPA025M Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  686BPA025M Datasheet HTML 1Page - Illinois Capacitor, Inc. 686BPA025M Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
111
®
I Audio Coupling
I Crossover Networks
I Capacitance range: .47 µF to 1000 µF
I Voltage range: 16 WVDC to 100 WVDC
FEATURES
Operating Temperature Range
SPECIFICATIONS
Capacitance Tolerance
SPECIAL ORDER OPTIONS
Special tolerances: ±10% (K), -10% + 30% (Q) Tape and Reel Polyester Sleeve Epoxy end seal
-40°C to +85°C
Leakage Current
5 minutes
< .05 CV or 3µA
whichever is greater
±20% at 120Hz, 25°C
Shelf Life
1000 hours at + 85°C with no voltage applied.
Units will meet load life specification
Long LIfe
2,000 hours at +85°C with rated voltage reversing polarity every 250 hours
Impedance Ratio
120Hz
WVDC
-25°C/20°C
-40°C/20°C
22
2
2
65
4
3
16
25
50
100
16
25
50
100
.22
.20
.14
.1
Dissipation Factor
120Hz, 25°C
tan
δ
WVDC
Time
WVDC
100 WVDC
< 20% of initial measured value
<200% of initial specified value
<Initial specified value
Capacitance change
Dissipation factor
Leakage current
BPA
+85°C Non-Polar
Axial Lead
Aluminum
Electrolytic Capacitors
For all applications with unknown/reversing polarity
Ripple Current Multipliers
Frequency (Hz)
C
≤10
10<C
≤100
100<C
≤1000
50
120
400
1K
10K
100K
.72
.75
.79
1.0
1.0
1.0
1.25
1.19
1.15
1.45
1.36
1.30
1.65
1.53
1.45
1.7
1.57
1.49
Temperature (°C)
+85
1.0
+70
1.3
+60
1.5
+45
1.8
Capacitance (µF)
1.0
1.0
1.3
1.3
1.5
1.5
1.8
1.8
(See Pages 33 thru 37)


Similar Part No. - 686BPA025M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
686BPA025M ILLINOISCAPACITOR-686BPA025M Datasheet
206Kb / 2P
   85C Non-polar Axial Lead Aluminum Electrolytic Capacitors
686BPA025M ILLINOISCAPACITOR-686BPA025M Datasheet
218Kb / 2P
   Bi-Polar/ non-polar 2000 hrs
686BPA025M ILLINOISCAPACITOR-686BPA025M Datasheet
212Kb / 2P
   Small size ??Non/ Bi-Polar
686BPA025M ILLINOISCAPACITOR-686BPA025M Datasheet
112Kb / 1P
   AXIAL LEAD
More results

Similar Description - 686BPA025M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
474BPS050M ILLINOISCAPACITOR-474BPS050M Datasheet
114Kb / 3P
   85째C Non-Polar Radial Lead Aluminum Electrolytic Capacitors
474BPA050M ILLINOISCAPACITOR-474BPA050M_13 Datasheet
206Kb / 2P
   85C Non-polar Axial Lead Aluminum Electrolytic Capacitors
474PBM050M ILLINOISCAPACITOR-474PBM050M Datasheet
413Kb / 2P
   85째C Non-Polar 7mm Height Radial Lead Aluminum Electrolytic Capacitors
474TTA100M ILLINOISCAPACITOR-474TTA100M Datasheet
104Kb / 4P
   85째C Standard Axial Lead Aluminum Electrolytic Capacitors
104NPS050M ILLINOISCAPACITOR-104NPS050M Datasheet
99Kb / 2P
   85째C Non-Polar Surface Mount Chip Aluminum Electrolytic Capacitors
104TLS050M ILLINOISCAPACITOR-104TLS050M Datasheet
89Kb / 3P
   85째C Low Leakage Axial Lead Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRESN NIC-NRESN_14 Datasheet
87Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
NSRN NIC-NSRN Datasheet
136Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
NNR NIC-NNR_14 Datasheet
84Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
NNR NIC-NNR Datasheet
169Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com