Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VGT8115 Datasheet(PDF) 1 Page - Communications & Power Industries, Inc.

Part # VGT8115
Description  Gyrotron Oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CPI [Communications & Power Industries, Inc.]
Direct Link  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

VGT8115 Datasheet(HTML) 1 Page - Communications & Power Industries, Inc.

  VGT8115 Datasheet HTML 1Page - Communications & Power Industries, Inc. VGT8115 Datasheet HTML 2Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
For additional information on gyrotrons, other CPI products, or a copy of our catalog-on-disk, please contact:
CPI Microwave Power Products, 811 Hansen Way, Palo Alto, CA 94303-0750
Telephone: 650-846-3172, Fax: 650-856-0705, Email: marketing@cpii.com
Rev: 2007-03-26
Page 1 of 2
CPI gyrotrons were the first commercially available high-power, long-pulse/CW, high-frequency devices for plasma
fusion experiments and other scientific and industrial applications. CPI-MPP provides an extensive line of gyrotrons that
cover frequencies from 28-140 GHz with power levels ranging from 10 kW to 1.3 MW.
The VGT-8115 gyrotron delivers up to 1.3 MW of output power at a frequency of 110 GHz for electron cyclotron heating
and current drive in fusion plasmas.
92.5 inches
(2.35 meters)


Similar Part No. - VGT8115

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VGT8110 CPI-VGT8110 Datasheet
428Kb / 2P
   Gyrotron Oscillator
More results

Similar Description - VGT8115

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VGB8095 CPI-VGB8095 Datasheet
444Kb / 2P
   Gyrotron Oscillator
VGT8141 CPI-VGT8141 Datasheet
504Kb / 2P
   Gyrotron Oscillator
VGA8028 CPI-VGA8028 Datasheet
635Kb / 2P
   Gyrotron Oscillator
VGT8110 CPI-VGT8110 Datasheet
428Kb / 2P
   Gyrotron Oscillator
VGY-8026 CPI-VGY-8026 Datasheet
316Kb / 2P
   VGY-8026 Gyrotron Oscillator
VGT-8115 CPI-VGT-8115 Datasheet
399Kb / 2P
   VGT-8115 Gyrotron Oscillator
VGB8193 CPI-VGB8193 Datasheet
429Kb / 2P
   Gyrotron Amplifier
VGB8194 CPI-VGB8194 Datasheet
410Kb / 2P
   Gyrotron Amplifier
logo
Ecliptek Corporation
EC35 ECLIPTEK-EC35 Datasheet
148Kb / 2P
   OSCILLATOR
EP13E7 ECLIPTEK-EP13E7 Datasheet
102Kb / 2P
   OSCILLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com