Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

106CKS450MLU Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 106CKS450MLU
Description  85째C General Purpose Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

106CKS450MLU Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  106CKS450MLU Datasheet HTML 1Page - Illinois Capacitor, Inc. 106CKS450MLU Datasheet HTML 2Page - Illinois Capacitor, Inc. 106CKS450MLU Datasheet HTML 3Page - Illinois Capacitor, Inc. 106CKS450MLU Datasheet HTML 4Page - Illinois Capacitor, Inc. 106CKS450MLU Datasheet HTML 5Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
39
®
CKR/CKS
+ 85°C General
Purpose Aluminum
Electrolytic Capacitors
PHYSICAL DIMENSIONS
35
(44)
25
(32)
16
(20)
10
(13)
6.3
(8)
Convert to inches, divide by 25.4.
50
(63)
63
(79)
100
(125)
160
(200)
250
(300)
350
(400)
400
(450)
450
(500)
(µF)
DxL(mm)
200
(250)
0.1
5x11
0.15
5x11
0.22
5x11
0.33
5x11
0.47
5x11
5x11
0.68
5x11
1
5x11
5x11
6.3x11
8x11.5
1.5
5x11
2.2
5x11
5x11
6.3x11
6.3x11
8x11.5
8x11.5
8x11.5
10x12.5
3.3
5x11
5x11
6.3x11
6.3x11
8x11.5
8x11.5
10x12.5
8x11.5
10x12.5
10x16
4.7
5x11
5x11
6.3x11
6.3x11
6.3x11
10x12.5
10x12.5 10x12.5
8x11.5
8x11.5
10x16
6.8
5x11
10
5x11
5x11
5x11
8x11.5 10x12.5 10x12.5 10x12.5
10x16
10x20
6.3x11
8x11.5
10x16
10x20
12.5x20
15
5x11
8x11.5
22
5x11
5x11
6.3x11
10x12.5
10x16
10x20
12.5x20
12.5x25
13x26
6.3x11
8x11.5
10x16
10x20
12.5x25
16x25
33
5x11
6.3x11
10x12.5
10x16
10x20
12.5x20 12.5x25
16x25
16x25
6.3x11
8x11.5
10x20
16x31.5
47
5x11
6.3x11
6.3x11
10x12.5
10x21
12.5x20 12.5x20
16x25
16x25
16x31.5
8x11.5
10x16
12.5x20
12.5x25
16x31.5 18x35.5
8x11.5
16x25
68
6.3x11
8x11.5
10x12.5
10x16
100
5x11
5x11
6.3x11
8x11.5
10x12.5
10x16
12.5x25
16x25
16x25
18x35.5
18x35.5
18x40
8x11.5
10x20
16x31.5
12.5x20
150
6.3x11
8x11.5
10x12.5
10x16
12.5x20
220
5x11
6.3x11
6.3x11
10x12.5 10x12.5
10x16
12.5x20 16x31.5
16x35.5 18x35.5
6.3x11
8x11.5
8x11.5
10x16
10x20
12.5x25 16x35.5
16x25
330
6.3x11
6.3x11
8x11.5
10x12.5
10x16
10x20
12.5x25 18x35.5
18x40
10x20
16x25
470
6.3x11
8x11.5
10x12.5
10x16
10x20
12.5x20
16x25
18x42
12.5x20 12.5x25
16x31.5
680
10x16
12.5x20
12.5x25
1000
8x11.5
10x12.5 10x12.5
10x16
12.5x20 12.5x25
16x25
18x35.5
10x16
10x20
12.5x25
16x25
16x31.5
18x40
12.5x20
1500
10x16
10x20
12.5x20
12.5x25 16x31.5
16x25
2200
10x16
10x16
10x20
12.5x25
16x25
16x31.5 18x35.5
10x20
12.5x20
16x25
16x31.5 16x35.5
18x35.5
3300
10x20
12.5x20 12.5x25
16x25
16x31.5 18x35.5
12.5x20 12.5x25
16x35.5 18x35.5
4700
12.5x20 12.5x25
16x25
16x25
16x35.5
16x25
16x31.5
18x35.5
18x35.5
6800
12.5x25
16x25
16x25
16x35.5
18x40
16x35.5 18x35.5
18x35.5
10000
16x25
16x31.5 16x35.5
18x40
16x35.5 18x35.5
15000
16x31.5 16x35.5
18x40
16x35.5 18x35.5
22000
18x35.5
18x40
WVDC
(SV)


Similar Part No. - 106CKS450MLU

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
106CKS450MLU ILLINOISCAPACITOR-106CKS450MLU Datasheet
506Kb / 4P
   85C General Purpose Radial Lead Aluminum Electrolytic Capacitors
106CKS450MLU ILLINOISCAPACITOR-106CKS450MLU Datasheet
287Kb / 3P
   Small size - High voltage - General purpose
106CKS450MLU ILLINOISCAPACITOR-106CKS450MLU Datasheet
389Kb / 3P
   Small Size - High Voltage - General Purpose
106CKS450MLU ILLINOISCAPACITOR-106CKS450MLU Datasheet
389Kb / 3P
   Small Size - High Voltage - General Purpose
106CKS450MLU ILLINOISCAPACITOR-106CKS450MLU Datasheet
389Kb / 3P
   Small Size - High Voltage - General Purpose
More results

Similar Description - 106CKS450MLU

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
104SML050MD4 ILLINOISCAPACITOR-104SML050MD4 Datasheet
114Kb / 3P
    85째C General Purpose Surface Mount Chip Aluminum Electrolytic Capacitors
271LKP450M ILLINOISCAPACITOR-271LKP450M Datasheet
412Kb / 6P
   85째C Screw Terminal Aluminum Electrolytic Capacitors
826LBB400M2BC ILLINOISCAPACITOR-826LBB400M2BC Datasheet
250Kb / 6P
   85째C Snap-Mount Aluminum Electrolytic Capacitors
476LBA450M2BC ILLINOISCAPACITOR-476LBA450M2BC Datasheet
198Kb / 5P
   85째C Snap-Mount Aluminum Electrolytic Capacitors
104CKH050M ILLINOISCAPACITOR-104CKH050M Datasheet
138Kb / 6P
   105째C General Purpose Aluminum Electrolytic Capacitors
logo
Cornell Dubilier Electr...
AVS CDE-AVS_17 Datasheet
462Kb / 6P
   SMT Aluminum Electrolytic Capacitors - General Purpose
logo
Illinois Capacitor, Inc...
104LCA050M ILLINOISCAPACITOR-104LCA050M Datasheet
412Kb / 2P
    85째C Low Leakage Current Aluminum Electrolytic Capacitors
474TTA100M ILLINOISCAPACITOR-474TTA100M Datasheet
104Kb / 4P
   85째C Standard Axial Lead Aluminum Electrolytic Capacitors
104RLS050M ILLINOISCAPACITOR-104RLS050M Datasheet
114Kb / 3P
   85째C Low Leakage Radial Lead Aluminum Electrolytic Capacitors
104TLS050M ILLINOISCAPACITOR-104TLS050M Datasheet
89Kb / 3P
   85째C Low Leakage Axial Lead Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com