Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VTL-6242L1 Datasheet(PDF) 1 Page - Communications & Power Industries, Inc.

Part # VTL-6242L1
Description  200 W L-Band Helix TWT Series
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CPI [Communications & Power Industries, Inc.]
Direct Link  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

VTL-6242L1 Datasheet(HTML) 1 Page - Communications & Power Industries, Inc.

  VTL-6242L1 Datasheet HTML 1Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
200 W, CW Helix TWT Series, 1.0 GHz to 2.0 GHz, Periodic-Permanent, Magnet
Focused, Coaxial Input and Coaxial Output, and Conduction Cooled.
Custom configurations are also available. These variations in the performance and
configuration include: mechanical configuration, electrical and RF connections, & dual
stage depressed collector.
For additional information on CPI MPP products contact:
CPI MPP, Helix TWT Operation - 811 Hansen Way, Palo Alto, CA 94303-0750
Phone: 650-846-3900, Fax: 650-494-8779, Email: marketing@cpii.com, www.cpii.com/mpp
Model Number
Frequency
Power Output
(GHz)
(Min.)
VTL-6242L1
1.0 – 2.0
200 W
Operating Parameters
Heater
Voltage
Heater
Surge
Current
Collector
Voltage
Cathode
Current
Helix
Voltage
Helix
Current
Parameters:
Ef
If
Eb
Ik
Ew
Iw
Units:
V
A
Vdc
mAdc
Vdc
mAdc
Maximum:
6.6
5.0
3900
525
3900
65
Minimum:
6.0
- - -
EW
- - -
3100
- - -
Drive
Power
Cathode
Warm-up
Time
Load
VSWR
Load
VSWR
Parameters:
Pd
tk
VSWR
To Base
Units:
mW
minutes
°C
Maximum:
500
- - -
2.0
100
Minimum:
- - -
3
- - -
- - -
Features
200 Watts
1.0 GHz – 2.0 GHz
PPM Focusing
Coaxial Input
Coaxial Output
Any Mounting Position
Weight: 20 lbs. Max
Conduction Cooled
The values listed above represent specified limits for the product and are subject to change. The data should be used
for basic information only. Formal, controlled specifications may be obtained from CPI for use in equipment design.


Similar Part No. - VTL-6242L1

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VTL-6242L2 CPI-VTL-6242L2 Datasheet
87Kb / 1P
   250 W, CW Helix TWT Series
VTL-6242L2Z CPI-VTL-6242L2Z Datasheet
96Kb / 1P
   250 W L-Band Helix TWT Series
More results

Similar Description - VTL-6242L1

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VTC-6262F1 CPI-VTC-6262F1 Datasheet
85Kb / 1P
   200 W, C-Band Helix TWT Series
VTU-6299F2 CPI-VTU-6299F2 Datasheet
98Kb / 1P
   200 W, Ku-Band Helix TWT Series
VTL-6242L2Z CPI-VTL-6242L2Z Datasheet
96Kb / 1P
   250 W L-Band Helix TWT Series
VTU-6299H1 CPI-VTU-6299H1 Datasheet
96Kb / 1P
   200 W, Ku-Band Helix TWT Series
VTM-6292F8 CPI-VTM-6292F8 Datasheet
80Kb / 1P
   200 W Helix TWT Series
VTC-6265M3 CPI-VTC-6265M3 Datasheet
93Kb / 1P
   VTC-6265M3, 200 W, C-Band Helix TWT
VTC-6265E1 CPI-VTC-6265E1 Datasheet
98Kb / 1P
   W C-Band Helix TWT Series
VTL-6242F1 CPI-VTL-6242F1 Datasheet
96Kb / 1P
   200 W L-Band Helin TWT Series
VTS-6252F1 CPI-VTS-6252F1 Datasheet
84Kb / 1P
   200 W, CW Helix TWT Series
VTU-6392D4 CPI-VTU-6392D4 Datasheet
86Kb / 1P
   225 W, Ku-Band Helix TWT Series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com